Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IV2409SA Datasheet(PDF) 1 Page - XP Power Limited

Part # IV2409SA
Description  DC-DC Power Supplies
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IV2409SA Datasheet(HTML) 1 Page - XP Power Limited

  IV2409SA Datasheet HTML 1Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
19-Nov-08
Specification
1 Watts
Single & Dual Output
Industry Standard Pinout
SIP or DIP Package
3000 VDC Isolation (Optional 6000 VDC)
Short Circuit Protection
-40 °C to +85 °C Operation
MTBF >1.2 MHrs
IV Series
Input
Input Voltage Range
• Nominal ±10%
Input Current (no load) • See table
Input Reflected Ripple
• 20 mA pk-pk
Input Reverse Voltage
• None
Protection
Output
Output Voltage
• See table
Minimum Load
• None(5)
Line Regulation
• 1.2%/1%
∆ Vin
Load Regulation
• ±10% 20-100% load change
(3.3 V models ±20%)
Setpoint Accuracy
• ±3%
Ripple & Noise
• 75 mV pk-pk, 20 MHz BW
Temperature Coefficient • 0.02%/°C
Short Circuit Protection • 1 s max
Maximum Capacitive
• 100 µF
Load
General
Efficiency
• See table
Isolation Voltage
• 3000 VDC minimum
Isolation Resistance
• 109
Ω
Isolation Capacitance
• 60pF typical
Switching Frequency
• Variable
MTBF
• >1.2 MHrs
Environmental
Operating Temperature • -40 °C to +85 °C
Storage Temperature
• -40 °C to +125 °C
Case Temperature
• 100 °C max
Cooling
• Convection-cooled
Notes
1. For dual output, delete suffix ‘A’, and split current equally between rails.
2. For DIP package, replace ‘S’ in part number with ‘D’.
3. All dimensions in inches (mm).
4. For 48 V nominal input, replace the 3rd & 4th digits of the model number
with 48 e.g. IV4812SA. A 4.7-47 µF capacitor is required across the input.
5. Operation at no load will not damage unit but it may not meet all specifications.
6. 48 V model dimension is 0.28 (7.20).
7. For 6000 VDC isolation, add suffix ‘H6’.
xppower.com
Input
Voltage
No Load
Input Current
Output
Voltage
Output
Current
Efficiency
Model
Number
(1,2)
5 VDC
30 mA
3.3 V
300 mA
75%
IV0503SA
30 mA
5.0 V
200 mA
78%
IV0505SA
30 mA
9.0 V
112 mA
75%
IV0509SA
30 mA
12.0 V
84 mA
76%
IV0512SA
30 mA
15.0 V
66 mA
76%
IV0515SA
30 mA
24.0 V
42 mA
72%
IV0524SA
12 VDC
20 mA
3.3 V
300 mA
74%
IV1203SA
20 mA
5.0 V
200 mA
74%
IV1205SA
20 mA
9.0 V
112 mA
75%
IV1209SA
20 mA
12.0 V
84 mA
77%
IV1212SA
20 mA
15.0 V
66 mA
78%
IV1215SA
20 mA
24.0 V
42 mA
75%
IV1224SA
24 VDC
10 mA
3.3 V
300 mA
75%
IV2405SA
10 mA
5.0 V
200 mA
77%
IV2405SA
10 mA
9.0 V
112 mA
75%
IV2409SA
10 mA
12.0 V
84 mA
78%
IV2412SA
10 mA
15.0 V
66 mA
78%
IV2415SA
10 mA
24.0 V
42 mA
78%
IV2424SA
Mechanical Details
0.40 (10.16)
0.80 (20.32)
0.27 (6.88)
0.12
(3.05)
0.01
(0.25)
+Vin
+Vout
-Vin
NC
0.30
(7.62)
0.60
(15.24)
0V
+Vin
-Vout
+Vout
0V
-Vin
NC
Single Output
Dual Output
DIP Package
0.01
(0.25)
0.30
(7.62)
0.60
(15.24)
0.24 (6.00)
(6)
0.76 (19.50)
0.37 (9.50)
0.02
(0.50)
0.12
(3.05)
0.10 (2.54)
SIP Package
+Vin
-Vout 0V +Vout
-Vin
Single Output
Dual Output
0.01 (0.25)
0.60
(15.24)
0.05
(1.25)
+Vin
-Vout
+Vout
-Vin
0.01 (0.25)
0.60
(15.24)
Notes:
1. Pin diameter: 0.02±0.002 (0.5±0.05)
2. Pin pitch tolerance: ±0.014 (±0.35)
3. Case tolerance: ±0.02 (±0.5)
Available from Farnell. See pages 204-206.


Similar Description - IV2409SA

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com