Electronic Components Datasheet Search |
|
IZ1203SA Datasheet(PDF) 2 Page - XP Power Limited |
|
IZ1203SA Datasheet(HTML) 2 Page - XP Power Limited |
2 / 2 page 03-Jun-08 Input Voltage No Load Input Current (1) Full Load Input Current (1) Output Voltage Output Current Efficiency Max Capactive Load Model Number (2) 4.5-9.0 V 65 mA 640 mA 3.3 V 700 mA 74% 2000 µF IZ0503SA 70 mA 800 mA 5.0 V 600 mA 76% 1000 µF IZ0505SA 75 mA 750 mA 12.0 V 250 mA 82% 470 µF IZ0512SA 75 mA 750 mA 15.0 V 200 mA 82% 220 µF IZ0515SA 90 mA 800 mA ±5.0 V ±300 mA 77% ±470 µF IZ0505S 90 mA 760 mA ±12.0 V ±125 mA 81% ±220 µF IZ0512S 90 mA 750 mA ±15.0 V ±100 mA 82% ±100 µF IZ0515S 9.0-18.0 V 25 mA 260 mA 3.3 V 700 mA 76% 2000 µF IZ1203SA 15 mA 320 mA 5.0 V 600 mA 81% 1000 µF IZ1205SA 35 mA 305 mA 12.0 V 250 mA 84% 470 µF IZ1212SA 35 mA 305 mA 15.0 V 200 mA 84% 220 µF IZ1215SA 45 mA 320 mA ±5.0 V ±300 mA 80% ±470 µF IZ1205S 45 mA 308 mA ±12.0 V ±125 mA 83% ±220 µF IZ1212S 45 mA 312 mA ±15.0 V ±100 mA 82% ±100 µF IZ1215S 18.0-36.0 V 15 mA 133 mA 3.3 V 700 mA 74% 2000 µF IZ2403SA 15 mA 160 mA 5.0 V 600 mA 79% 1000 µF IZ2405SA 20 mA 156 mA 12.0 V 250 mA 82% 470 µF IZ2412SA 20 mA 152 mA 15.0 V 200 mA 84% 220 µF IZ2415SA 20 mA 160 mA ±5.0 V ±300 mA 80% ±470 µF IZ2405S 20 mA 154 mA ±12.0 V ±125 mA 83% ±220 µF IZ2412S 20 mA 154 mA ±15.0 V ±100 mA 83% ±100 µF IZ2415S 36.0-72.0 V 10 mA 66 mA 3.3 V 700 mA 75% 2000 µF IZ4803SA 10 mA 82 mA 5.0 V 600 mA 78% 1000 µF IZ4805SA 15 mA 78 mA 12.0 V 250 mA 81% 470 µF IZ4812SA 15 mA 78 mA 15.0 V 200 mA 81% 220 µF IZ4815SA 15 mA 82 mA ±5.0 V ±300 mA 78% ±470 µF IZ4805S 20 mA 80 mA ±12.0 V ±125 mA 80% ±220 µF IZ4812S 15 mA 78 mA ±15.0 V ±100 mA 81% ±100 µF IZ4815S Mechanical Details 0.86 (21.85) 0.42 (10.66) 0.02 (0.50) 0.10 (2.54) 0.70 (17.78) 0.12 (3.05) 0.44 (11.10) 0.36 (9.20) 0.36 (9.20) 0.14 (3.50) 0.02 (0.50) 0.01 (0.25) 1 2 3 5 67 8 0.86 (21.85) 0.42 (10.60) 0.02 (0.50) 0.10 (2.54) 0.12 (3.05) 0.70 (17.78) 0.36 (9.20) 0.44 (11.10) Printed Face 0.01 (0.25) 0.02 (0.50) 0.36 (9.20) 0.14 (3.50) 1 2 3 56 7 8 Bottom View PIN CONNECTIONS Pin Single Dual 1 -V Input -V Input 2 +V Input +V Input 3 Remote On/Off Remote On/Off 5 N.C. N.C. 6 +V Output +V Output 7 -V Output Common 8 NC -V Output Dimensions are in inches (mm) Weight: Plastic case = 4.5 g Metal case = 6.5 g SIP Package - Non-conductive Plastic Case SIP Package - Nickel Coated Copper Case IZ Models and Ratings Notes 1. Measured at nominal input voltage. 2. For optional metal case, add suffix ‘-M’ to model number. 3. Minimum load of 25% required to meet quoted specifications. |
Similar Part No. - IZ1203SA |
|
Similar Description - IZ1203SA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |