Electronic Components Datasheet Search |
|
IV0515SA Datasheet(PDF) 1 Page - XP Power Limited |
|
IV0515SA Datasheet(HTML) 1 Page - XP Power Limited |
|
1 / 1 page 19-Nov-08 Specification 1 Watts • Single & Dual Output • Industry Standard Pinout • SIP or DIP Package • 3000 VDC Isolation (Optional 6000 VDC) • Short Circuit Protection • -40 °C to +85 °C Operation • MTBF >1.2 MHrs IV Series Input Input Voltage Range • Nominal ±10% Input Current (no load) • See table Input Reflected Ripple • 20 mA pk-pk Input Reverse Voltage • None Protection Output Output Voltage • See table Minimum Load • None(5) Line Regulation • 1.2%/1% ∆ Vin Load Regulation • ±10% 20-100% load change (3.3 V models ±20%) Setpoint Accuracy • ±3% Ripple & Noise • 75 mV pk-pk, 20 MHz BW Temperature Coefficient • 0.02%/°C Short Circuit Protection • 1 s max Maximum Capacitive • 100 µF Load General Efficiency • See table Isolation Voltage • 3000 VDC minimum Isolation Resistance • 109 Ω Isolation Capacitance • 60pF typical Switching Frequency • Variable MTBF • >1.2 MHrs Environmental Operating Temperature • -40 °C to +85 °C Storage Temperature • -40 °C to +125 °C Case Temperature • 100 °C max Cooling • Convection-cooled Notes 1. For dual output, delete suffix ‘A’, and split current equally between rails. 2. For DIP package, replace ‘S’ in part number with ‘D’. 3. All dimensions in inches (mm). 4. For 48 V nominal input, replace the 3rd & 4th digits of the model number with 48 e.g. IV4812SA. A 4.7-47 µF capacitor is required across the input. 5. Operation at no load will not damage unit but it may not meet all specifications. 6. 48 V model dimension is 0.28 (7.20). 7. For 6000 VDC isolation, add suffix ‘H6’. xppower.com Input Voltage No Load Input Current Output Voltage Output Current Efficiency Model Number (1,2) 5 VDC 30 mA 3.3 V 300 mA 75% IV0503SA 30 mA 5.0 V 200 mA 78% IV0505SA† 30 mA 9.0 V 112 mA 75% IV0509SA 30 mA 12.0 V 84 mA 76% IV0512SA† 30 mA 15.0 V 66 mA 76% IV0515SA† 30 mA 24.0 V 42 mA 72% IV0524SA 12 VDC 20 mA 3.3 V 300 mA 74% IV1203SA 20 mA 5.0 V 200 mA 74% IV1205SA† 20 mA 9.0 V 112 mA 75% IV1209SA 20 mA 12.0 V 84 mA 77% IV1212SA† 20 mA 15.0 V 66 mA 78% IV1215SA† 20 mA 24.0 V 42 mA 75% IV1224SA 24 VDC 10 mA 3.3 V 300 mA 75% IV2405SA 10 mA 5.0 V 200 mA 77% IV2405SA 10 mA 9.0 V 112 mA 75% IV2409SA 10 mA 12.0 V 84 mA 78% IV2412SA 10 mA 15.0 V 66 mA 78% IV2415SA 10 mA 24.0 V 42 mA 78% IV2424SA Mechanical Details 0.40 (10.16) 0.80 (20.32) 0.27 (6.88) 0.12 (3.05) 0.01 (0.25) +Vin +Vout -Vin NC 0.30 (7.62) 0.60 (15.24) 0V +Vin -Vout +Vout 0V -Vin NC Single Output Dual Output DIP Package 0.01 (0.25) 0.30 (7.62) 0.60 (15.24) 0.24 (6.00) (6) 0.76 (19.50) 0.37 (9.50) 0.02 (0.50) 0.12 (3.05) 0.10 (2.54) SIP Package +Vin -Vout 0V +Vout -Vin Single Output Dual Output 0.01 (0.25) 0.60 (15.24) 0.05 (1.25) +Vin -Vout +Vout -Vin 0.01 (0.25) 0.60 (15.24) Notes: 1. Pin diameter: 0.02±0.002 (0.5±0.05) 2. Pin pitch tolerance: ±0.014 (±0.35) 3. Case tolerance: ±0.02 (±0.5) † Available from Farnell. See pages 204-206. |
Similar Description - IV0515SA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |