Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZAPD-1750 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZAPD-1750
Description  Power Splitter/Combiner 2 Way-0 50廓 950 to 1750 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZAPD-1750 Datasheet(HTML) 1 Page - Mini-Circuits

  ZAPD-1750 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FREQ.
RANGE
(MHz)
ISOLATION
(dB)
INSERTION LOSS (dB)
ABOVE 3.0 dB
PHASE
UNBALANCE
(Degrees)
AMPLITUDE
UNBALANCE
(dB)
VSWR
(:1)
f
L-fU
S
OUT
Typ. Min.
Typ. Max.
Max.
Max.
Typ. Max. Typ. Max.
950-1750
30
22
0.2
0.4
4
0.5
1.15
1.5
1.22
1.5
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
minicircuits.com
TM
IF/RF MICROWAVE COMPONENTS
ZAPD-1750+
ZAPD-1750
2 Way-0
°
50
950 to 1750 MHz
Power Splitter/Combiner
Coaxial
Typical Performance Data
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
10W max.
Internal Dissipation
0.125W max.
Outline Drawing
Outline Dimensions (
)
inch
mm
electrical schematic
REV. A
M122167
ZAPD-1750
HY/TD/CP
090326
A
B
C
D
E
F
G
2.00
2.00
.75
1.00
.25
1.500
.125
50.80
50.80
19.05
25.40
6.35
38.10
3.18
H
J
K
L
wt
.39
1.00
.50
1.00
grams
9.91
25.40
12.70
25.40
170.0
Features
• low insertion loss, 0.2 dB typ.
• high isolation, 30 dB typ.
• up to 10W power input as splitter
• excellent amplitude unbalance, 0.1 dB typ.
• excellent phase unbalance, 0.5 deg. typ.
• excellent VSWR, 1.1:1 typ.
• rugged shield case
Applications
• cellular
• GPS
• satellite distribution
• communications systems
Coaxial Connections
SUM PORT
S
PORT 1
1
PORT 2
2
CASE STYLE: F14
Connectors Model
Price
Qty.
N-TYPE
ZAPD-1750-N(+)
$59.95
(1-9)
SMA
ZAPD-1750-S(+)
$59.95
(1-9)
ZAPD-1750
INSERTION LOSS
3.0
3.1
3.2
3.3
3.4
3.5
950
1110
1270
1430
1590
1750
FREQUENCY (MHz)
S-1(dB)
S-2(dB)
ZAPD-1750
ISOLATION
10
20
30
40
50
60
950
1110
1270
1430
1590
1750
FREQUENCY (MHz)
ZAPD-1750
VSWR
1.00
1.05
1.10
1.15
1.20
1.25
950
1110
1270
1430
1590
1750
FREQUENCY (MHz)
#S-VSWR
#1-VSWR
#2-VSWR
Electrical Specifications
Frequency
(MHz)
Insertion Loss
(dB)
Amplitude
Unbalance
(dB)
Isolation
(dB)
Phase
Unbalance
(deg.)
VSWR
S
VSWR
1
VSWR
2
S-1
S-2
N-Type version shown
950.00
3.13
3.17
0.04
27.03
0.17
1.17
1.12
1.08
970.00
3.13
3.17
0.05
28.35
0.22
1.16
1.12
1.08
1010.00
3.13
3.17
0.04
31.64
0.19
1.13
1.12
1.08
1050.00
3.12
3.15
0.03
36.45
0.13
1.10
1.11
1.08
1110.00
3.13
3.16
0.03
56.63
0.21
1.06
1.10
1.07
1170.00
3.12
3.14
0.02
38.61
0.06
1.03
1.10
1.06
1230.00
3.15
3.19
0.04
33.63
0.32
1.01
1.09
1.05
1310.00
3.12
3.15
0.03
30.74
0.08
1.03
1.08
1.05
1390.00
3.19
3.21
0.02
30.00
0.28
1.05
1.07
1.05
1470.00
3.12
3.17
0.05
30.63
0.14
1.07
1.07
1.05
1550.00
3.17
3.23
0.06
32.83
0.33
1.09
1.06
1.06
1630.00
3.15
3.19
0.05
35.04
0.27
1.11
1.05
1.06
1670.00
3.17
3.25
0.08
34.13
0.26
1.12
1.05
1.05
1710.00
3.15
3.22
0.07
31.61
0.16
1.13
1.03
1.05
1750.00
3.15
3.23
0.07
28.88
0.27
1.14
1.02
1.05
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications.
Permanent damage may occur if any of these limits are exceeded.


Similar Part No. - ZAPD-1750

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZAPD-1 MINI-ZAPD-1 Datasheet
161Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 500 to 1000 MHz
ZAPD-1++ MINI-ZAPD-1+ Datasheet
161Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 500 to 1000 MHz
ZAPD-162-75 MINI-ZAPD-162-75 Datasheet
158Kb / 1P
   Power Splitter/Combiner 2 Way-0 75廓 600 to 1600 MHz
ZAPD-162-75++ MINI-ZAPD-162-75+ Datasheet
158Kb / 1P
   Power Splitter/Combiner 2 Way-0 75廓 600 to 1600 MHz
More results

Similar Description - ZAPD-1750

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZAPD-50 MINI-ZAPD-50 Datasheet
155Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 4400 to 5000 MHz
ZC2PD-900 MINI-ZC2PD-900 Datasheet
203Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 800 to 900 MHz
ZFSC-2-1W MINI-ZFSC-2-1W Datasheet
101Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 1 to 750 MHz
ZAPD-20 MINI-ZAPD-20 Datasheet
165Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 700 to 2000 MHz
ZFSC-2-2 MINI-ZFSC-2-2 Datasheet
102Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 10 to 1000 MHz
ZMSC-2-1 MINI-ZMSC-2-1 Datasheet
155Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 0.1 to 400 MHz
ZSC-2-2 MINI-ZSC-2-2 Datasheet
222Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 0.002 to 60 MHz
ZAPD-23 MINI-ZAPD-23 Datasheet
161Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 700 to 2000 MHz
ZFSC-2-4 MINI-ZFSC-2-4 Datasheet
127Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 0.2 to 1000 MHz
ZFSC-2-5 MINI-ZFSC-2-5 Datasheet
99Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 10 to 1500 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com