Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUL200-47-3 Datasheet(PDF) 2 Page - XP Power Limited

Part # HUL200-47-3
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

HUL200-47-3 Datasheet(HTML) 2 Page - XP Power Limited

  HUL200-47-3 Datasheet HTML 1Page - XP Power Limited HUL200-47-3 Datasheet HTML 2Page - XP Power Limited HUL200-47-3 Datasheet HTML 3Page - XP Power Limited HUL200-47-3 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Mechanical Details
HUL175
Models and Ratings
Output 1
Output 2
Output 3
Output 4
Model
Number
Voltage
Nom
Conv
Cooled
Max
18.7 CFM
Voltage
Nom
Conv
Cooled
Max
18.7 CFM
Voltage
Nom
Conv
Cooled
Max
18.7 CFM
Voltage
Nom
Conv
Cooled
Max
18.7 CFM
5.0 V
10.0 A
15.0 A
3.3 V
10.0 A
20.0 A
12.0 V
2.2 A
3.0 A
-5.0 V
0.7 A
1.0 A
HUL175-40-3
5.0 V
10.0 A
15.0 A
3.3 V
10.0 A
20.0 A
12.0 V
2.2 A
3.0 A
-12.0 V
0.7 A
1.0 A
HUL175-42-3
5.0 V
10.0 A
15.0 A
3.3 V
10.0 A
20.0 A
24.0 V
1.5 A
2.0 A
-12.0 V
0.7 A
1.0 A
HUL175-45-3
5.0 V
10.0 A
15.0 A
3.3 V
10.0 A
20.0 A
15.0 V
2.2 A
3.0 A
-15.0 V
0.7 A
1.0 A
HUL175-46-3
Notes
1. Minimum load is 2.0 A for V1, 0.0 A for V2 & V4, and 0.3 A for V3.
2. Total regulation for V1, V2 and V3 = ±5%; V4 = ±3%. Total regulation includes tolerance, line regulation and load regulation.
3. Total combined output power for the 3.3 V and 5.0 V not to exceed 126 W with 18.7 CFM or 70 W with convection cooling.
4. Maximum load continuous output power is 175 W with minimum 18.7 CFM forced air cooling or 100 W with convection cooling.
5. Outputs are fully isolated.
3.80
(96.5)
2.50
(63.5)
5.20 (132.1)
A
A
B
B
A
A
0.24
(6.00)
1.50
(38.1)
1.25
(31.8)
0.80
(20.3)
2.90 (73.7)
4.58 (116.3)
6.80 (172.7)
6.00 (152.4)
6.40 (162.5)
0.65
(16.5)
0.2
(5.1)
M3 x 0.5 STAND OFF 4 PLACES
M4 x 0.7 NUT FASTENER 8 PLACES
G
N
L
P1
P3
1
24
P2
2
1
1. Input connector P1 mates with Molex housing 09-91-0500 and Molex 2478/2578/8818 series crimp terminal.
2. Output connector P3 mates with Molex housing 39-01-2240 and Molex 44476 series crimp terminal.
3. Fan connector P2 mates with JST housing XHP-2 and JST SXH-002T-P0.6 crimp terminals. Fan output is 12 V/160 mA.
4. Covered versions are available,
add suffix: ‘-C’ to model number for cover only, dimensions: 3.80” x 6.80” x 1.66” (96.5 x 172.7 x 42.1 mm),
add suffix: ‘-FC’ to model number for fan cover, dimensions: 3.80” x 6.80” x 2.48” (96.5 x 172.7 x 63.0 mm).
5. Cable harnesses with 11.81” (300 mm) wire available, order part HUL175 LOOM KIT. For mating connectors only, order part HUL175 CONN KIT.
6. Covers are available separately. Order part HUL175 COVERor HUL175 F/COVERfor Fan Cover.
7. Max penetration of screws 0.12” (3.0 mm).
P3 Connector
Pin
Function
1
+3.3 V Sense+
2, 14
Output 2
3, 15
Output 2
4, 16
Return
5, 17
Return
6, 18
Return
7, 19
Output 1
8, 20
Output 1
9, 21
Output 3
10, 22
Return
11,23
Output 4
12
Power Fail Detect
13
+3.3 V Sense-
24
Return
P2 Connector
Pin
Function
1
Fan +
2
Fan -
Notes
All dimensions are in inches (mm).
Tolerance: 0.02 (0.5) max.
Weight: 1.32 lbs (600 g) approx.
Available from Farnell. See pages 204-206.


Similar Part No. - HUL200-47-3

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HUL6273 PANASONIC-HUL6273 Datasheet
81Kb / 3P
   For Car DVD Player Hologram Unit
HUL6273 PANASONIC-HUL6273 Datasheet
112Kb / 2P
   Hologram Unit PD
HUL6274 PANASONIC-HUL6274 Datasheet
112Kb / 2P
   Hologram Unit PD
HUL7001 PANASONIC-HUL7001 Datasheet
81Kb / 5P
   Hologram Unit
HUL7001 PANASONIC-HUL7001 Datasheet
112Kb / 2P
   Hologram Unit PD
More results

Similar Description - HUL200-47-3

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com