Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECM60UT32 Datasheet(PDF) 1 Page - XP Power Limited

Part # ECM60UT32
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECM60UT32 Datasheet(HTML) 1 Page - XP Power Limited

  ECM60UT32 Datasheet HTML 1Page - XP Power Limited ECM60UT32 Datasheet HTML 2Page - XP Power Limited ECM60UT32 Datasheet HTML 3Page - XP Power Limited ECM60UT32 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specification
40-100 Watts
Compact Size - High Power Density
Industrial & Medical Approvals
Low Leakage Current
Level B Conducted Emissions
EN61000-3-2, -3 Compliant
Convection-cooled
Class II Approved 40-60 W Models
ECM Series
Input
Input Voltage
• 90-264 VAC (120-370 VDC)
Input Frequency
• 47-63 Hz; 440 Hz
Input Current
• 40 W: 0.4 A max at 230 VAC
60 W: 0.6 A max at 230 VAC
100 W: 0.9 A max at 230 VAC
Inrush Current
• 40 A max at 230 VAC
Earth Leakage Current
• <125 µA at 115 VAC/60 Hz
<210 µA at 230 VAC/50 Hz
Input Protection
• Internal 3.15 A fuse in line and neutral
Output
Output Voltage
• See tables
Output Voltage Trim
• ±5% on 3.3 V & 5 V versions, ±10% on
other single output models and V1 of
multi-output models. See note 1 for
ECM40/60 models
Initial Set Accuracy
• ±1.0% V1, ±5% V2, V3 & V4
Minimum Load
• See tables
Start Up Delay
• 2 s max
Start Up Rise Time
• 50 ms
Hold Up Time
• 16/75 ms min at 115/230 VAC
Line Regulation
• ±0.5%
Load Regulation
• ±1% single output models;
±3% V1, ±5% V2 & V3 ECM40/60
multi-output models.
±1% V1 & V2, ±5% V3 & V4 ECM100
Cross Regulation
• 2% on ECM40/60 only
Over/Undershoot
• None at turn on/off
Transient Response
• 4% max. deviation, recovery to within
1% in 500 µs for a 25% load change
Ripple & Noise
• 1% pk-pk, 20 MHz bandwidth
Overvoltage Protection • 115-135% Vnom, recycle input to reset
Overload Protection
• 110-150% on primary power limit,
auto recovery
Short Circuit Protection • Trip and restart (Hiccup mode)
Temperature
• 0.05%/°C
Coefficient
xppower.com
General
Efficiency
• 80-85% depending on model
Isolation
• 4000 VAC Input to Output
1500 VAC Input to Ground
500 VAC Output to Ground
Switching Frequency
• 70 kHz typical
Power Density
• 60 W: 6.25 W/In3
100 W: 7.40 W/In3
MTBF
• 250 kHrs per MIL-HDBK-217F
Environmental
Operating Temperature • 0 °C to +70 °C. Refer to derating curves
for specific operating limitations.
Cooling
• Convection & fan-cooled ratings
(see derating curves)
Operating Humidity
• 95% RH, non-condensing
Storage Temperature
• -20 °C to +85 °C
Operating Altitude
• 3000 m
Shock
• 30 g pk, half sine, 6 axes
Vibration
• 2 g rms, 5 Hz to 500 kHz, 3 axes
EMC & Safety
Emissions
• EN60601-1-2, EN61204-3, FCC 20780,
EN55022 & EN55011, level B conducted
Harmonic Currents
• EN61000-3-2
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, level 2 Perf Criteria A
Radiated Immunity
• EN61000-4-3, 10 V/m Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3 Perf Criteria A
Surge
• EN61000-4-5, level 3 Perf Criteria A
Conducted Immunity
• EN61000-4-6, 10 V Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 10 ms,
60% 100 ms, 100% 5000 ms
Perf Criteria A, B, B
Safety Approvals
• EN60950, UL60950, CSA 22.2 601.1,
EN60601-1, UL60601-1,
CCC pending, contact sales


Similar Part No. - ECM60UT32

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECM60UT32 XPPOWER-ECM60UT32 Datasheet
3Mb / 21P
   Full Load Available Convection Cooled
More results

Similar Description - ECM60UT32

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com