Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP05UD15 Datasheet(PDF) 2 Page - XP Power Limited

Part # GP05UD15
Description  Universal AC Input Switchers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

GP05UD15 Datasheet(HTML) 2 Page - XP Power Limited

  GP05UD15 Datasheet HTML 1Page - XP Power Limited GP05UD15 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1. Measured low line to high line.
2. Measured no load to full load.
Notes
Mechanical Details
www.xpplc.com
sales@xpplc.com
Output
Output
Efficiency
Regulation
Ripple & Noise
Model
Voltage
Current
(Typical @ 100 VAC)
Line(1)
Load(2)
Pk-Pk
Number
5 V
1.00 A
65%
20 mV
40 mV
80/120 mV
GP05US05
12 V
0.45 A
67%
40 mV
100 mV
120/150 mV
GP05US12
+12 V (24 V)
0.22 A
67%
60 mV
600 mV
120/150 mV
GP05UD12
+15 V (30 V)
0.17 A
67%
75 mV
750 mV
120/150 mV
GP05UD15
5 V
2.00 A
70%
20 mV
40 mV
80/120 mV
GP10US05
12 V
0.90 A
72%
48 mV
100 mV
120/150 mV
GP10US12
+12 V (24 V)
0.45 A
72%
60 mV
600 mV
120/150 mV
GP10UD12
+15 V (30 V)
0.35 A
72%
75 mV
750 mV
120/150 mV
GP10UD15
OUTPUT VOLTAGE & CURRENT RATINGS
GP
Weight: 75g max
Dimension: Inches (mm)
Tolerance: ±0.5 mm
(1)
Tolerance :±0.3 mm
5 W Models
10 W Models
Mounting Options
The GP-BOARD is designed to accept any of the GP series models, in addition it can be supplied with a DIN HOUSING for mounting on
DIN rails - both top hat and G types. Order GP-BOARD(S) for single output models and GP-BOARD(D) for dual output models.
The GP-EUROCARD (3.94 (100) x 6.31 (160) is designed to accept any combination of two GP series models to provide dual, triple and
quad outputs. In addition it can be supplied with a GP-E/CARD KIT which includes 6TE front panel and plastic cover for rear of pcb.
Weight: 100g max
Dimension: Inches (mm)
Tolerance: ±0.5 mm
(1)
Tolerance :±0.3 mm
3.66 (93.0)
4 x 0.16 (4.0) holes, 3.35 (85.0) x 2.36 (60.0)
Rev 2.0


Similar Part No. - GP05UD15

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
GP05 FCI-GP05 Datasheet
108Kb / 2P
   HIGH VOLTAGE MINIATURE PLASTIC RECTIFIERS
logo
XP Power Limited
GP05 XPPOWER-GP05 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
First Components Intern...
GP05-10 FCI-GP05-10 Datasheet
108Kb / 2P
   HIGH VOLTAGE MINIATURE PLASTIC RECTIFIERS
logo
RFE international
GP05-10 RFE-GP05-10 Datasheet
78Kb / 1P
   LEADED (THRU-HOLE) High Voltage Rectifiers
logo
Frontier Electronics.
GP05-10 FRONTIER-GP05-10 Datasheet
127Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
More results

Similar Description - GP05UD15

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L_10 Datasheet
322Kb / 2P
   Universal AC input
logo
Recom International Pow...
RACD100-ENEC RECOM-RACD100-ENEC Datasheet
128Kb / 2P
   Universal AC Input
logo
Emerson Network Power
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L Datasheet
403Kb / 2P
   Universal AC input
AD8024N3L-001 EMERSON-NETWORKPOWER-AD8024N3L-001 Datasheet
500Kb / 2P
   Universal AC input
logo
Lite-On Technology Corp...
PA-1400-48 LITEON-PA-1400-48 Datasheet
190Kb / 1P
   Universal AC Input
PA-1600-33 LITEON-PA-1600-33 Datasheet
178Kb / 1P
   Universal AC Input
logo
Emerson Network Power
DPS50 EMERSON-NETWORKPOWER-DPS50 Datasheet
456Kb / 2P
   Universal AC input
DPT50 EMERSON-NETWORKPOWER-DPT50 Datasheet
647Kb / 2P
   Universal AC input
AD50SERIES EMERSON-NETWORKPOWER-AD50SERIES Datasheet
173Kb / 2P
   Universal AC input
logo
Lite-On Technology Corp...
PA-1400-47 LITEON-PA-1400-47 Datasheet
499Kb / 2P
   Universal AC Input
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com