Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECM140US18 Datasheet(PDF) 1 Page - XP Power Limited

Part # ECM140US18
Description  AC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECM140US18 Datasheet(HTML) 1 Page - XP Power Limited

  ECM140US18 Datasheet HTML 1Page - XP Power Limited ECM140US18 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
1. Safety approvals cover frequency 47-63 Hz.
Specification
140 Watts
High Efficiency Resonant Topology
120/148 W - Convection/Forced-cooled Ratings
Class I & Class II Installations
12 V Fan Output as Standard
Remote Sense as Standard
5V Standby Option
Remote On/Off & Power OK Signals Option
IT, Industrial & Medical Safety Approvals
ECM140 Series
Input
Input Voltage
• 80-264 VAC (120-370 VDC), derate output
power <90 VAC (See derating curve)
Input Frequency
• 47-400 Hz (See note 1)
Input Current
• 2.5 A typical at 115 VAC, full load
1.3 A typical at 230 VAC, full load
Inrush Current
• 40 A max at 230 VAC, cold start (25 ºC)
Power Factor
• EN61000-3-2, class A
Earth Leakage Current
• 265 µA at 264 VAC/60 Hz max.
0.5/1.1 mA 115/230 VAC at 400 Hz typ.
Input Protection
• Internal T5.0 A/250 V fuse in line
and neutral
Output
Output Voltage
• 12-48 VDC (see tables)
Output Voltage Trim
• ±5%
Initial Set Accuracy
• ±1% V1, ±5% V2, ±3% V3
Minimum Load
• 0.1A required for V2 regulation when used.
Start Up Delay
• 1 s typical
Start Up Rise Time
• 50 ms
Hold Up Time
• 16 ms min at 115 VAC
Drift
• ±0.2% after 20 min warm up
Line Regulation
• ±0.5% max
Load Regulation
• ±1% V1, ±5% V2 & V3 max
Over/Undershoot
• 5% typical
Transient Response
• 4% max. deviation, recovery to within
1% in 500 µs for a 50-75-50% load
change
Ripple & Noise
• 1% pk-pk V1, others 2%,
20 MHz bandwidth
Overvoltage Protection • 115-140% Vnom, recycle input to reset
Overload Protection
• 110-150% V1 only
Short Circuit Protection • Continuous trip and restart (Hiccup mode)
Temperature
• 0.05%/˚C
Coefficient
Remote Sense
• Compensates for 0.5 V total voltage drop
Remote On/Off
• Uncommitted isolated optocoupler diode,
(Inhibit/Enable
powered diode inhibits V1 & V2
Option -A)
xppower.com
General
Efficiency
• 88% typical
Isolation
• 4000 VAC Input to Output, 1500 VAC Input
to Ground, 500 VAC Output to Ground
Switching Frequency
• 70 kHz typical
Signals (Option -A)
• Power OK - open collector,
Remote On/Off, 5 V Standby
MTBF
• 220 kHrs per MIL-HDBK-217F
Environmental
Operating Temperature • 0 ˚C to +70 ˚C derate linearly from +50 ˚C at
2.5%/˚C to 50% load at +70 ˚C when
convection-cooled and from +60 ˚C at
2.5%/˚C to 75% load at +70 ˚C when
forced-cooled. See derating curve and
longform datasheet for thermal
considerations.
Cooling
• Convection & fan cooled ratings (see tables)
Operating Humidity
• 95% RH, non-condensing
Storage Temperature
• -40 ˚C to +85 ˚C
Operating Altitude
• 3000 m
Shock
• 30 g pk, half sine, 6 axis
Vibration
• 2 g rms, 5 Hz to 500 kHz, 3 axis
EMC & Safety
Low Voltage PSU EMC • EN61204-3, high severity level as below
Emissions
• EN55022 level B conducted
EN55022 level A radiated
Harmonic Currents
• EN61000-3-2, class A
Voltage Flicker
• EN61000-3-3
Radiated Immunity
• EN61000-4-3, level 3 Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3 Perf Criteria A
Surge
• EN61000-4-5, installation class 3
Perf Criteria A
Conducted Immunity
• EN61000-4-6, level 3 Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 10 ms, 60% 100 ms,
100% 5000 ms, Perf Criteria A, B, B,
EN60601-1-2, 30% 500 ms, 60% 100 ms,
100% 10 ms, 100% 5000 ms, Perf Criteria
A, A, A, B - 230 VAC. Consult longform
datasheet for 115 V operation.
Safety Approvals
• See Safety Approvals (see next page)
Equipment Protection
• Class I and Class II
Class


Similar Part No. - ECM140US18

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECM140US18 XPPOWER-ECM140US18 Datasheet
2Mb / 15P
   High Efficiency Resonant Topology
More results

Similar Description - ECM140US18

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com