Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCU605S12 Datasheet(PDF) 2 Page - XP Power Limited

Part # DCU605S12
Description  DC-DC PCB Mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DCU605S12 Datasheet(HTML) 2 Page - XP Power Limited

  DCU605S12 Datasheet HTML 1Page - XP Power Limited DCU605S12 Datasheet HTML 2Page - XP Power Limited DCU605S12 Datasheet HTML 3Page - XP Power Limited DCU605S12 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.xpplc.com
sales@xpplc.com
O/P
VR1
R1
R2
5 V
1 k
Ω 100 Ω 270 Ω
12 V
5 k
Ω 270 Ω 2.7 kΩ
±12 V
5 k
Ω 10 kΩ 3.9 kΩ
±15 V
5 k
Ω 10 kΩ 2.7 kΩ
Temperature Derating
Output trim (±5%) DCU15 & 25 models
DCU-BOARD
The DCU-BOARD is designed to accept any of the DCU Series, it provides screw terminals and has provision for the trim resistors for the DCU15 and
25 watt models. It can be supplied with a DIN HOUSING for mounting on DIN rails - both top hat and G types.
Note: if output set too high
OVP may operate
Input Voltage
Input Voltage
Input Voltage
Input Voltage
4.5 - 9 Volts
9 - 18 Volts
18 - 36 Volts
36 - 75 Volts
Model No.
DCU105D12
DCU105D15
DCU112D12
DCU112D15
DCU124D12
DCU124D15
DCU148D12
DCU148D15
Output
±12 V(24) @ 0.065 A
±15 V(30) @ 0.05 A
±12 V(24) @ 0.065 A
±15 V(30) @ 0.05 A
±12 V(24) @ 0.065 A
±15 V(30) @ 0.05 A
±12 V(24) @ 0.065 A
±15 V(30) @ 0.05 A
Model No.
DCU305D12
DCU305D15
DCU312D12
DCU312D15
DCU324D12
DCU324D15
DCU348D12
DCU348D15
Output
±12 V(24) @ 0.13 A
±15 V(30) @ 0.1 A
±12 V(24) @ 0.13 A
±15 V(30) @ 0.1 A
±12 V(24) @ 0.13 A
±15 V(30) @ 0.1 A
±12 V(24) @ 0.13 A
±15 V(30) @ 0.1 A
Model No.
DCU605D12
DCU605D15
DCU612D12
DCU612D15
DCU624D12
DCU624D15
DCU648D12
DCU648D15
Output
±12 V(24) @ 0.25 A
±15 V(30) @ 0.2 A
±12 V(24) @ 0.25 A
±15 V(30) @ 0.2 A
±12 V(24) @ 0.25 A
±15 V(30) @ 0.2 A
±12 V(24) @ 0.25 A
±15 V(30) @ 0.2 A
Model No.
DCU1005D12
DCU1005D15
DCU1012D12
DCU1012D15
DCU1024D12
DCU1024D15
DCU1048D12
DCU1048D15
Output
±12 V(24) @ 0.35 A
±15 V(30) @ 0.3 A
±12 V(24) @ 0.45 A
±15 V(30) @ 0.35 A
±12 V(24) @ 0.45 A
±15 V(30) @ 0.35 A
±12 V(24) @ 0.45 A
±15 V(30) @ 0.35A
Model No.
DCU1505D12
DCU1505D15
DCU1512D12
DCU1512D15
DCU1524D12
DCU1524D15
DCU1548D12
DCU1548D15
Output
±12 V(24) @ 0.6 A
±15 V(30) @ 0.5 A
±12 V(24) @ 0.65 A
±15 V(30) @ 0.5 A
±12 V(24) @ 0.65 A
±15 V(30) @ 0.5 A
±12 V(24) @ 0.65 A
±15 V(30) @ 0.5 A
Model No.
DCU2505D12
DCU2505D15
DCU2512D12
DCU2512D15
DCU2524D12
DCU2524D15
DCU2548D12
DCU2548D15
Output
±12 V(24) @ 0.84 A
±15 V(30) @ 0.67 A
±12 V(24) @ 1.05 A
±15 V(30) @ 0.85 A
±12 V(24) @ 1.05 A
±15 V(30) @ 0.85 A
±12 V(24) @ 1.05 A
±15 V(30) @ 0.85 A
Input
(V)
Output
OUTPUT VOLTAGE & CURRENT RATINGS - SINGLE OUTPUT MODELS
DCU
Input Voltage
Input Voltage
Input Voltage
Input Voltage
4.5 - 9 Volts
9 - 18 Volts
18 - 36 Volts
36 - 75 Volts
Model No. DCU105S05
DCU105S12
DCU105S15
DCU112S05
DCU112S12
DCU112S15
DCU124S05
DCU124S12
DCU124S15
DCU148S05
DCU148S12
DCU148S15
Output
5 V @ 0.3 A
12 V @ 0.13 A
15 V @ 0.1A
5 V @ 0.3 A
12 V @ 0.13 A 15 V @ 0.1 A
5 V @ 0.3 A
12 V @ 0.13 A 15 V @ 0.1 A
5 V @ 0.3 A
12 V @ 0.13 A 15 V @ 0.1 A
Model No. DCU305S05
DCU305S12
DCU305S15
DCU312S05
DCU312S12
DCU312S15
DCU324S05
DCU324S12
DCU324S15
DCU348S05
DCU348S12
DCU348S15
Output
5 V @ 0.6 A
12 V @ 0.25 A 15 V @ 0.2 A
5 V @ 0.6 A
12 V @ 0.25 A 15 V @ 0.2 A
5 V @ 0.6 A
12 V @ 0.25 A 15 V @ 0.2 A
5 V @ 0.6 A
12 V @ 0.25 A 15 V @ 0.2 A
Model No. DCU605S05
DCU605S12
DCU605S15
DCU612S05
DCU612S12
DCU612S15
DCU624S05
DCU624S12
DCU612S15
DCU648S05
DCU648S12
DCU648S15
Output
5 V @ 1 A*
12 V @ 0.5 A
15 V @ 0.4 A
5 V @ 1.2 A
12 V @ 0.5 A
15 V @ 0.4 A
5 V @ 1.2 A
12 V @ 0.5 A
15 V @ 0.4 A
5 V @ 1.2 A*
12 V @ 0.5 A
15 V @ 0.4 A
Model No. DCU1005S05 DCU1005S12 DCU1005S15 DCU1012S05 DCU1012S12 DCU1012S15 DCU1024S05 DCU1024S12 DCU1024S15 DCU1048S05 DCU1048S12 DCU1048S15
Output
5 V @ 1.6 A*
12 V @ 0.7 A
15 V @ 0.6 A
5 V @ 2 A
12 V @ 0.9 A
15 V @ 0.7 A
5 V @ 2 A
12 V @ 0.9 A
15 V @ 0.7 A
5 V @ 2 A*
12 V @ 0.9 A
15 V @ 0.7 A
Model No. DCU1505S05 DCU1505S12
-
DCU1512S05 DCU1512S12
-
DCU1524S05 DCU1524S12
-
DCU1548S05 DCU1548S12
-
Output
5 V @ 2 A*
12 V @ 1 A
-
5 V @ 2.4 A
12 V @ 1.3 A
-
5 V @ 2.4 A
12 V @ 1.3 A
-
5 V @ 2.4 A*
12 V @ 1.3 A
-
Model No. DCU2505S05 DCU2505S12
-
DCU2512S05 DCU2512S12
-
DCU2524S05 DCU2524S12
-
DCU2548S05 DCU2548S12
-
Output
5 V @ 3.2 A*
12 V @ 1.7 A
-
5 V @ 4 A
12 V @ 2.1 A
-
5 V @ 4 A
12 V @ 2.1 A
-
5 V @ 4 A*
12 V @ 2.1 A
-
Input
(V)
Output
* Also available with 3.3 V output, current rating is the same as the 5 V model except for the DCU25 where the 3.3 V is rated at 4.0 A.
Replace ‘S05’ with ‘S03’ in the model number to order.
Note
OUTPUT VOLTAGE & CURRENT RATINGS - MULTI OUTPUT MODELS
DCU
Application Notes
Mounting Accessories


Similar Part No. - DCU605S12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DCU-37P ETC2-DCU-37P Datasheet
35Kb / 1P
   Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*U
logo
Japan Aviation Electron...
DCU-37P-F0R JAE-DCU-37P-F0R Datasheet
43Kb / 4P
   D-sub Connector, PCB side connector, Right angle, Socket, 37 pos.
DCU-37PF-F0 JAE-DCU-37PF-F0 Datasheet
217Kb / 1P
   Connector D-Subminiature
logo
List of Unclassifed Man...
DCU0-0509C ETC2-DCU0-0509C Datasheet
329Kb / 2P
   2 Watt DC/DC Converter
DCU0-0509D ETC2-DCU0-0509D Datasheet
329Kb / 2P
   2 Watt DC/DC Converter
More results

Similar Description - DCU605S12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SUCS1R5 ETC2-SUCS1R5 Datasheet
651Kb / 8P
   DC-DC Converters PCB Mount type
MGS152405 ETC2-MGS152405 Datasheet
109Kb / 4P
   DC-DC Converters PCB Mount type
logo
COSEL CO., LTD.
MGFS1R5 COSEL-MGFS1R5 Datasheet
1Mb / 16P
   DC-DC Converters PCB Mount Type
MGS62412 COSEL-MGS62412 Datasheet
6Mb / 46P
   DC-DC Converters PCB Mount Type
December 27, 2022
ZTS1R52405 COSEL-ZTS1R52405 Datasheet
342Kb / 15P
   DC-DC Converters PCB Mount type
October 08, 2013
logo
List of Unclassifed Man...
SFS302415B ETC2-SFS302415B Datasheet
691Kb / 8P
   DC-DC Converters PCB Mount type
SUCS102405C ETC2-SUCS102405C Datasheet
651Kb / 8P
   DC-DC Converters PCB Mount type
logo
COSEL CO., LTD.
MGS15 COSEL-MGS15 Datasheet
3Mb / 28P
   DC-DC Converters PCB Mount Type
January 31, 2022
ZUS62412 COSEL-ZUS62412 Datasheet
466Kb / 12P
   DC-DC Converters PCB Mount type
June 29, 2011
logo
List of Unclassifed Man...
ZUS1R52405 ETC2-ZUS1R52405 Datasheet
492Kb / 12P
   DC-DC Converters PCB Mount type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com