Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPM60048S28 Datasheet(PDF) 3 Page - XP Power Limited

Part # CPM60048S28
Description  Component Power DC-DC Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CPM60048S28 Datasheet(HTML) 3 Page - XP Power Limited

  CPM60048S28 Datasheet HTML 1Page - XP Power Limited CPM60048S28 Datasheet HTML 2Page - XP Power Limited CPM60048S28 Datasheet HTML 3Page - XP Power Limited CPM60048S28 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Output
Input
Output
Output
Regulation
Ripple & Noise
Efficiency
(3)
Model
Power
Voltage
Voltage
(2)
Current
Line
Load
Pk-Pk
(1)
Number
100 W
45-160 VDC
13.8 V
7.3 A
60 mV
150 mV
150 mV
83%
CPM100C2S13
150 W
66-160 VDC
12.0 V
12.5 A
40 mV
150 mV
150 mV
87%
CPM150C2S12
150 W
66-160 VDC
15.0 V
10.0 A
60 mV
150 mV
150 mV
86%
CPM150C2S15
151 W
66-160 VDC
24.0 V
6.3 A
95 mV
190 mV
150 mV
87%
CPM150C2S24
165 W
200-400 VDC
(4)
3.3 V
50.0 A
16 mV
30 mV
100 mV
79%
CPM200C3S03
200 W
200-400 VDC
(4)
5.0 V
40.0 A
20 mV
40 mV
100 mV
83%
CPM200C3S05
210 W
200-400 VDC
(4)
7.5 V
28.0 A
30 mV
60 mV
140 mV
86%
CPM200C3S07
240 W
200-400 VDC
(4)
12.0 V
20.0 A
40 mV
100 mV
150 mV
87%
CPM200C3S12
200 W
36-76 VDC
2.0 V
100.0 A
10 mV
20 mV
100 mV
73%
CPM40048S02
330 W
36-76 VDC
3.3 V
100.0 A
16 mV
30 mV
100 mV
80%
CPM40048S03
400 W
36-76 VDC
5.0 V
80.0 A
20 mV
40 mV
100 mV
84%
CPM40048S05
405 W
36-76 VDC
7.5 V
54.0 A
30 mV
60 mV
140 mV
87%
CPM40048S07
500 W
36-76 VDC
12.5 V
40.0 A
40 mV
100 mV
150 mV
89%
CPM40048S12
510 W
36-76 VDC
15.0 V
34.0 A
60 mV
150 mV
150 mV
89%
CPM40048S15
504 W
36-76 VDC
24.0 V
21.0 A
95 mV
190 mV
150 mV
89%
CPM40048S24
504 W
36-76 VDC
28.0 V
18.0 A
95 mV
190 mV
150 mV
89%
CPM40048S28
264 W
200-400 VDC (4)
3.3 V
80.0 A
16 mV
30 mV
100 mV
79%
CPM400C3S03
400 W
200-400 VDC
(4)
5.0 V
80.0 A
20 mV
40 mV
100 mV
83%
CPM400C3S05
405 W
200-400 VDC
(4)
7.5 V
54.0 A
30 mV
60 mV
140 mV
86%
CPM400C3S07
408 W
200-400 VDC
(4)
12.0 V
34.0 A
40 mV
100 mV
150 mV
87%
CPM400C3S12
405 W
200-400 VDC
(4)
15.0 V
27.0 A
60 mV
150 mV
150 mV
87%
CPM400C3S15
396 W
200-400 VDC
(4)
18.0 V
22.0 A
60 mV
150 mV
150 mV
89%
CPM400C3S18
408 W
200-400 VDC
(4)
24.0 V
17.0 A
95 mV
190 mV
150 mV
87%
CPM400C3S24
406 W
200-400 VDC
(4)
28.0 V
14.5 A
95 mV
190 mV
150 mV
88%
CPM400C3S28
www.xpplc.com
sales@xpplc.com
Remote ON/OFF
Remote ON/OFF circuits are built-in on both the input side (RC1) and output
side (RC2 & RC3). The output can be controlled by either circuit.
Input Side Remote ON/OFF (RC1)
The ground pin of the input side Remote ON/OFF circuit is then ‘-V in’ pin.
Between RC1 and -V in the output voltage is ON at ‘Low’ level (0 - 1.0 V).
Between RC1 and -V in the output voltage is OFF at ‘High’ level (3.5 - 7.0 V).
When Remote ON/OFF function is not used, short between RC1 and -V in.
When the CPH Series (Power Factor & Harmonic Corrector Module)
is used as a front end unit, connect between RC1-pin and PR-pin on CPH
for the start-up timing of the CPM Series control.
Output Side Remote ON/OFF (RC2 & RC3)
1. Measured at 20 MHz bandwidth & 0 °C to +85 °C.
2. Fixed (TRM pin open) adjustable by external VR or external resistor.
3. Measured at full load with 24 in 48 Vin & 280 Vin.
4. Compatible with CPH Series to provide 85-264 VAC input - See CPH Series.
Notes
RC2-RC3 Connection Example
OUTPUT VOLTAGE & CURRENT RATINGS - 100, 150, 200 & 400 WATT MODELS
CPM
OUTPUT VOLTAGE & CURRENT RATINGS - 600 WATT MODELS
CPM
Output
Input
Output
Output
Regulation
Ripple & Noise
Efficiency
(3)
Model
Power
Voltage
Voltage
(2)
Current
Line
Load
Pk-Pk
(1)
Number
600 W
18-36 VDC
12.5 V
48 A
40 mV
100 mV
150 mV
83%
CPM60024S12
616 W
18-36 VDC
28.0 V
22 A
95 mV
190 mV
150 mV
86%
CPM60024S28
700 W
36-76 VDC
12.5 V
56 A
40 mV
100 mV
150 mV
89%
CPM60048S12
700 W
36-76 VDC
28.0 V
25 A
95 mV
190 mV
150 mV
89%
CPM60048S28
No
Item
RC2-RC3
1
Wiring method
Fig.1 (a)
Fig.1 (b)
Fig.1 (c)
2
Function
Power ON
Power ON
Power ON
“H”
“H”
“L”
3
Base pin
RC2
-S
-S and RC2
4
Power ON
Open (0.1mA max)
Short
(0.5 V max)
5
Power OFF
Short (3mA min)
Open
(0.1mA max
)
When output side remote ON/OFF function is used short
between RC1 & -VIN.
Do not connect RC2 and RC3 if remote ON/OFF is not used.
Make sure that sink current of output side remote ON/OFF
circuit is be <12 mA.
Auxiliary power supply for remote ON/OFF (AUX)
AUX is built in for operating the output side remote ON/OFF
(RC2-RC3).
If AUX is not used for RC2-RC3, AUX can be used for IOG or
TMP signal
output by opto coupler.
Short protection resistance (2.2k
Ω) is built in.
Output voltage decreases as the output current increases.
(AUX voltage at open circuit: 16V)
Specification of output side remote ON/OFF (RC2-RC3)
Application Notes


Similar Part No. - CPM60048S28

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
CPM602 ASC-CPM602 Datasheet
355Kb / 2P
   Piezoresistive Monolithic Ceramic Pressure Sensor
CPM602G-030201001 ASC-CPM602G-030201001 Datasheet
355Kb / 2P
   Piezoresistive Monolithic Ceramic Pressure Sensor
CPM602G-030202001 ASC-CPM602G-030202001 Datasheet
355Kb / 2P
   Piezoresistive Monolithic Ceramic Pressure Sensor
CPM602G-030999001 ASC-CPM602G-030999001 Datasheet
355Kb / 2P
   Piezoresistive Monolithic Ceramic Pressure Sensor
CPM602G-075201001 ASC-CPM602G-075201001 Datasheet
355Kb / 2P
   Piezoresistive Monolithic Ceramic Pressure Sensor
More results

Similar Description - CPM60048S28

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
HA1SV12004 DELTA-HA1SV12004 Datasheet
893Kb / 11P
   50W DC/DC Power Modules
Q48SC12042 DELTA-Q48SC12042 Datasheet
1Mb / 26P
   500W DC/DC Power Modules
Q48SK12448NNFB DELTA-Q48SK12448NNFB Datasheet
761Kb / 10P
   600W DC/DC Power Modules
E48SC12030 DELTA-E48SC12030 Datasheet
1Mb / 27P
   360W DC/DC Power Modules
E48SD12020 DELTA-E48SD12020_14 Datasheet
935Kb / 28P
   240W DC/DC Power Modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
logo
Delta Electronics, Inc.
E48SC12025 DELTA-E48SC12025 Datasheet
1Mb / 28P
   300W DC/DC Power Modules
V48SC3R315 DELTA-V48SC3R315 Datasheet
906Kb / 15P
   50W DC/DC Power Modules
V48SC3R320 DELTA-V48SC3R320_14 Datasheet
888Kb / 16P
   66W DC/DC Power Modules
V48SC05017 DELTA-V48SC05017_14 Datasheet
630Kb / 16P
   85W DC/DC Power Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com