Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPP150PS48 Datasheet(PDF) 3 Page - XP Power Limited

Part # CPP150PS48
Description  Single Output Enclosed Switchers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CPP150PS48 Datasheet(HTML) 3 Page - XP Power Limited

  CPP150PS48 Datasheet HTML 1Page - XP Power Limited CPP150PS48 Datasheet HTML 2Page - XP Power Limited CPP150PS48 Datasheet HTML 3Page - XP Power Limited CPP150PS48 Datasheet HTML 4Page - XP Power Limited CPP150PS48 Datasheet HTML 5Page - XP Power Limited CPP150PS48 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DIN Rail bracket option available, order part no. F-DIN-2.
Mechanical Details - 15 Watt Models
Mechanical Details - 30 Watt Models
* Weight: 0.3 kg.
* Cover is optional.
* Tolerance: ±1.
* Dimensions in mm.
I/O Connector
Mating Connector
(Terminal)
CN1 5289-4A
2390V4(5167)
5199-04(5194)
CN2 5277-4A
5265-04(5167)
5196-04(5194)
Molex Connector
DIN Rail bracket option available, order part no. F-DIN-1.
* Weight: 0.4 kg.
* Cover is optional.
* Tolerance: ±1.
* Dimensions in mm.
I/O Connector
Mating Connector
(Terminal)
CN1 5289-4A
2390V4(5167)
5199-04(5194)
CN2 5277-4A
5265-04(5167)
5196-04(5194)
Molex Connector
“-J” Option
Molex Connectors
“-J” Option
Molex Connectors
www.xpplc.com
sales@xpplc.com


Similar Part No. - CPP150PS48

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CPP12WBL PANDUIT-CPP12WBL Datasheet
142Kb / 1P
   Mini-Com 12-Port Modular Faceplate Patch Panels
More results

Similar Description - CPP150PS48

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GEM600 SLPOWER-GEM600 Datasheet
315Kb / 4P
   600W Single Output Economy/Technology Switchers
logo
XP Power Limited
CPC15UT1 XPPOWER-CPC15UT1 Datasheet
963Kb / 4P
   Triple Output Switchers
logo
SL Power Electronics
GLC65 SLPOWER-GLC65 Datasheet
309Kb / 2P
   65 Watt Single Output Global Performance Switchers
GSM7 SLPOWER-GSM7 Datasheet
53Kb / 2P
   7 Watt Single Output Global Performance Switchers
logo
List of Unclassifed Man...
GLM75-12 ETC2-GLM75-12 Datasheet
203Kb / 2P
   75 Watt Single Output Global Performance Switchers
GLM75-24G ETC2-GLM75-24G Datasheet
203Kb / 2P
   75 Watt Single Output Global Performance Switchers
logo
SL Power Electronics
GLM65-5 SLPOWER-GLM65-5 Datasheet
309Kb / 2P
   65 Watt Single Output Global Performance Switchers
logo
Recom International Pow...
RACM150-S RECOM-RACM150-S Datasheet
429Kb / 5P
   150 Watt Enclosed Case Style Single Output
RACM150 RECOM-RACM150 Datasheet
360Kb / 4P
   150 Watt Enclosed Case Style Single Output
RACM100-S RECOM-RACM100-S Datasheet
405Kb / 5P
   100 Watt Enclosed Case Style Single Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com