Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCH20048S05 Datasheet(PDF) 2 Page - XP Power Limited

Part # DCH20048S05
Description  DC-DC High Power
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DCH20048S05 Datasheet(HTML) 2 Page - XP Power Limited

  DCH20048S05 Datasheet HTML 1Page - XP Power Limited DCH20048S05 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Baseplate Temperature : Tc = -20 °C to +100 °C
VOUT
3.3 V
5 V
12 V
15 V
24 V
28 V
DCH50
2200
470
220
DCH100
2200
470
220
DCH200
2200
1000
470
Baseplate Temperature : Tc = -40 °C to +100 °C
VOUT
3.3 V
5 V
12 V
15 V
24 V
28 V
DCH50
2200 x 2
470 x 2
220 x 2
DCH100
2200 x 2
470 x 2
220 x 2
DCH200
2200 x 2
1000 x 2
470 x 2
Output
Output
OVP
Regulation
Ripple & Noise
18-36 VDC IN
36-76 VDC IN
Voltage
Current
Set Point
Line
Load
Pk-Pk
Efficiency Typ.
Model Number
Efficiency Typ.
Model Number
1.8 V
11.7 A
2.16-2.88 V
10 mV
10 mV
120 mV
71%
DCH5024S1V8
71%
DCH5048S1V8
2.5 V
11.7 A
3.00-4.00 V
10 mV
10 mV
120 mV
77%
DCH5024S2V5
77%
DCH5048S2V5
3.3 V
11.7 A
4.00 - 5.50 V
10 mV
10 mV
200 mV
79%
DCH5024S03
80%
DCH5048S03
5.0 V
10.0 A
5.70 - 7.00 V
10 mV
10 mV
200 mV
84%
DCH5024S05
85%
DCH5048S05
12.0 V
4.2 A
13.80 - 16.80 V
24 mV
24 mV
200 mV
88%
DCH5024S12
89%
DCH5048S12
15.0 V
3.4 A
17.25 - 21.00 V
30 mV
30 mV
200 mV
87%
DCH5024S15
88%
DCH5048S15
24.0 V
2.1 A
27.60 - 33.60 V
48 mV
48 mV
250 mV
87%
DCH5024S24
88%
DCH5048S24
28.0 V
1.8 A
32.20 - 39.20 V
56 mV
56 mV
250 mV
87%
DCH5024S28
88%
DCH5048S28
1.8 V
23.4 A
2.16 - 2.88 V
10 mV
10 mV
120 mV
71%
DCH10024S1V8
71%
DCH10048S1V8
2.5 V
23.4 A
3.00 - 4.00 V
10 mV
10 mV
120 mV
77%
DCH10024S2V5
77%
DCH10048S2V5
3.3 V
23.4 A
4.00 - 5.50 V
10 mV
10 mV
200 mV
79%
DCH10024S03
80%
DCH10048S03
5.0 V
20.0 A
5.70 - 7.00 V
10 mV
10 mV
200 mV
83%
DCH10024S05
84%
DCH10048S05
12.0 V
8.4 A
13.80 - 16.80 V
24 mV
24 mV
200 mV
88%
DCH10024S12
89%
DCH10048S12
15.0 V
6.7 A
17.25 - 21.00 V
30 mV
30 mV
200 mV
87%
DCH10024S15
88%
DCH10048S15
24.0 V
4.2 A
27.60 - 33.60 V
48 mV
48 mV
250 mV
87%
DCH10024S24
88%
DCH10048S24
28.0 V
3.6 A
32.20 - 39.20 V
56 mV
56 mV
250 mV
87%
DCH10024S28
88%
DCH10048S28
1.8 V
35.0 A
2.16-2.88 V
10 mV
10 mV
120 mV
70%
DCH20024S1V8
70%
DCH20048S1V8
2.5 V
35.0 A
3.00 - 4.00 V
10 mV
10 mV
120 mV
76%
DCH20024S2V5
76%
DCH20048S2V5
3.3 V
35.0 A
4.00 - 5.50 V
10 mV
10 mV
200 mV
79%
DCH20024S03
80%
DCH20048S03
5.0 V
30.0 A
5.70 - 7.00 V
10 mV
10 mV
200 mV
82%
DCH20024S05
83%
DCH20048S05
12.0 V
16.7 A
13.80 - 16.80 V
24 mV
24 mV
200 mV
87%
DCH20024S12
88%
DCH20048S12
15.0 V
13.4 A
17.25 - 21.00 V
30 mV
30 mV
200 mV
87%
DCH20024S15
88%
DCH20048S15
24.0 V
8.4 A
27.60 - 33.60 V
48 mV
48 mV
250 mV
87%
DCH20024S24
88%
DCH20048S24
28.0 V
7.2 A
32.20 - 39.20 V
56 mV
56 mV
250 mV
87%
DCH20024S28
88%
DCH20048S28
OUTPUT VOLTAGE & CURRENT RATINGS
DCH
1. Install an external capacitor Cin, with more than 33 µF, between +Vin and -Vin input pins for low line noise and for stable operation Tc= -20 °C to
+100 °C electrolytic or, Tc= -40 °C to +100 °C ceramic capacitor. When the line impedance is high or the input voltage rises quickly at start-up
(<10 µs), install a capacitor Cin between +Vin and -Vin input pins (within 50 mm from pins).
2. Full application notes available at www.xpplc.com, alternatively contact Technical Sales.
Notes
Mechanical Details
www.xpplc.com
sales@xpplc.com
C in : External capacitor on the input side >33 µF
Co : External capacitor on the output side - See Table
CY : Primary decoupling capacitor - >4700 pF
In order to use the converters, it is necessary to wire as shown.
Short the following pins to turn the power supply on.
-V in
RC, +V out
+ Sense, -V out
- Sense
Connection For Standard Use
Derating
Use with conduction cooling (e.g. heat radiation by
conduction from the aluminium baseplate to the
attached heatsink).
NOTE:
Derating curve shown is based on the aluminum
baseplate temperature. In the hatched area, the
specification of ripple & noise is different from other
areas.
Rev 3.1


Similar Part No. - DCH20048S05

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
DCH20 RUBYCON-DCH20 Datasheet
752Kb / 2P
   DC POWER SUPPLY
More results

Similar Description - DCH20048S05

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRS2191S IRF-AUIRS2191S Datasheet
283Kb / 19P
   High power DC-DC SMPS converters
logo
Linear Technology
LT1339 LINER-LT1339 Datasheet
415Kb / 20P
   High Power Synchronous DC/DC Controller
LT1339 LINER-LT1339_15 Datasheet
298Kb / 20P
   High Power Synchronous DC/DC Controller
logo
Cyntec Co., Ltd.
VPN12AD1E-FU CYNTEC-VPN12AD1E-FU Datasheet
815Kb / 12P
   High Efficiency DC/DC Power Module
logo
DENSEI-LAMBDA
PAF500F48 LAMBDA-PAF500F48 Datasheet
87Kb / 1P
   High Power DC-DC Module 500W ~ 700W?
logo
PREMO CORPORATION S.L
P015FW1CX1 PREMO-P015FW1CX1 Datasheet
119Kb / 1P
   High power planar transformer for DC/DC
logo
Intersil Corporation
ISL8204M INTERSIL-ISL8204M Datasheet
1Mb / 20P
   Complete High Efficiency DC/DC Power Module
logo
Renesas Technology Corp
ISL8204M RENESAS-ISL8204M Datasheet
1Mb / 19P
   Complete High Efficiency DC/DC Power Module
logo
Minmax Technology Co., ...
MJWI10 MINMAX-MJWI10 Datasheet
346Kb / 5P
   DC/DC CONVERTER 10W, High Power Density
logo
Linear Technology
LT1680 LINER-LT1680 Datasheet
322Kb / 16P
   High Power DC/DC Step-Up Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com