Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS-CCD1201MM Datasheet(PDF) 6 Page - Murata Power Solutions Inc.

Part # ADS-CCD1201MM
Description  12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-CCD1201MM Datasheet(HTML) 6 Page - Murata Power Solutions Inc.

  ADS-CCD1201MM Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-CCD1201MM Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-CCD1201MM Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-CCD1201MM Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-CCD1201MM Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-CCD1201MM Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-CCD1201MM Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-CCD1201MM Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ADS-CCD1201
®
®
SNR vs. Input Frequency
1
10
100
1000
10000
Input Frequency (kHz)
90
80
70
60
50
40
30
20
10
0
1
10
100
1000
10000
Input Frequency (kHz)
90
80
70
60
50
40
30
20
10
0
Peak Harmonics vs. Input Frequency
1
10
100
1000
10000
Input Frequency (kHz)
90
80
70
60
50
40
30
20
10
0
SNR+D vs. Input Frequency
Input Frequency (kHz)
THD vs. Input Frequency
1
10
100
1000
10000
90
80
70
60
50
40
30
20
10
0
Figure 7. Typical ADS-CCD1201 Dynamic Performance vs. Input Frequency at +25°C
(Vin = –0.5dB, fs = 1.2MHz)
Figure 6. ADS-CCD1201 FFT
(fin = 480kHz, fs = 1.2MHz, Vin = –0.5dB, 16,384 points)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
0
60
120
180
240
300
360
420
480
540
600
Frequency (kHz)
6.


Similar Part No. - ADS-CCD1201MM

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
ADS-CCD1201MM CANDD-ADS-CCD1201MM Datasheet
374Kb / 8P
   12-Bit, 1.2MHz, Sampling A/D Optimized for CCD Appl
logo
DATEL, Inc.
ADS-CCD1201MM DATEL-ADS-CCD1201MM Datasheet
279Kb / 9P
   12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications
ADS-CCD1201MM DATEL-ADS-CCD1201MM Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1201MM-C DATEL-ADS-CCD1201MM-C Datasheet
279Kb / 9P
   12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications
ADS-CCD1201MM-C DATEL-ADS-CCD1201MM-C Datasheet
101Kb / 1P
   Electronic Imaging
More results

Similar Description - ADS-CCD1201MM

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
ADS-CCD1201 DATEL-ADS-CCD1201 Datasheet
279Kb / 9P
   12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications
logo
C&D Technologies
ADS-CCD1201 CANDD-ADS-CCD1201 Datasheet
374Kb / 8P
   12-Bit, 1.2MHz, Sampling A/D Optimized for CCD Appl
logo
Murata Power Solutions ...
ADS-CCD1202 MURATA-PS-ADS-CCD1202 Datasheet
309Kb / 8P
   12-Bit, 2MHz, Sampling A/D?셲 for CCD Imaging Applications
logo
DATEL, Inc.
ADS-CCD1202 DATEL-ADS-CCD1202 Datasheet
316Kb / 9P
   12-Bit, 2MHz, Sampling A/D?셲 for CCD Imaging Applications
logo
Sipex Corporation
HS574A SIPEX-HS574A Datasheet
160Kb / 14P
   12-bit Sampling A/D Converters
SP8603 SIPEX-SP8603 Datasheet
205Kb / 11P
   12-Bit Sampling A/D Converters
SP8503 SIPEX-SP8503 Datasheet
167Kb / 12P
   12-Bit Sampling A/D Converters
SP574B SIPEX-SP574B Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com