Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHP-100+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # SHP-100+
Description  High Pass Filter 50廓 90 to 2000 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SHP-100+ Datasheet(HTML) 1 Page - Mini-Circuits

  SHP-100+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
Maximum Ratings
Typical Performance Data
Frequency
(MHz)
Insertion Loss
(dB)
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input
0.5W max.
Applications
• lab use
• transmitters/receivers
• radio communications
Return Loss
(dB)
Frequency
(MHz)
Group Delay
(nsec)
_
x
σ
SHP-100+
SHP-100
REV. A
M106005
SHP-100
070308
50
90 to 2000 MHz
INSERTION LOSS
0
20
40
60
80
100
1
10
100
1000
FREQUENCY(MHz)
at RF level of 0 dBm
RETURN LOSS
0
10
20
30
40
50
1
10
100
1000
FREQUENCY(MHz)
at RF level of 0 dBm
GROUP DELAY
0.0
6.0
12.0
18.0
24.0
30.0
30
104
178
252
326
400
FREQUENCY (MHz)
at RF level of 0 dBm
CASE STYLE: FF99
Connectors Model
Price
Qty.
SMA
SHP-100(+)
$38.95 ea. (1-9)
electrical schematic
typical frequency response
High Pass Filter Electrical Specifications
High Pass Filter
Coaxial
STOPBAND
(MHz)
fco (MHz)
Nom.
PASSBAND
(MHz)
VSWR
(:1)
(loss > 40 dB)
(loss > 20 dB)
(loss 3 dB)
(loss <1 dB)
Stopband
Typ.
Passband
Typ.
DC-40
40-55
82
90-2000
17
1.5
RF IN
RF OUT
20
40
3
1
Frequency/fco
DC
.5
.75 1 1.1
Features
• rugged shielded case
• other standard and custom SHP models available
with wide selection of fco
0.30
89.11
2.62
0.00
31.00
8.89
8.00
99.03
2.59
0.00
39.00
6.70
15.00
99.15
9.35
0.00
46.00
3.14
23.00
85.95
3.83
0.01
54.00
7.36
31.00
70.59
1.33
0.02
62.00
10.03
39.00
57.79
1.32
0.04
70.00
15.90
46.00
47.39
1.59
0.07
71.00
17.05
54.00
35.98
1.77
0.14
72.00
18.27
62.00
25.00
2.07
0.29
73.00
19.57
70.00
14.11
2.38
0.78
74.00
20.91
74.00
8.90
2.38
1.65
78.00
25.23
78.00
4.58
1.93
3.80
82.00
24.35
80.00
3.05
1.49
5.61
84.00
22.20
82.00
1.97
1.01
7.85
90.00
15.92
83.00
1.59
0.78
9.08
195.00
2.32
85.00
1.07
0.43
11.60
415.00
0.70
90.00
0.60
0.07
17.02
525.00
0.55
195.00
0.20
0.02
20.29
635.00
0.47
305.00
0.26
0.03
16.03
745.00
0.44
635.00
0.23
0.02
20.93
1075.00
0.38
745.00
0.22
0.01
23.04
1180.00
0.42
855.00
0.24
0.01
25.13
1290.00
0.37
1075.00
0.21
0.01
28.66
1510.00
0.34
1180.00
0.19
0.01
29.41
1620.00
0.33
1290.00
0.23
0.01
29.30
1730.00
0.31
1400.00
0.24
0.02
28.38
1840.00
0.31
1510.00
0.24
0.02
27.07
1950.00
0.29
1730.00
0.28
0.03
23.89
2165.00
0.36
1840.00
0.27
0.03
22.20
2275.00
0.34
2060.00
0.21
0.02
18.99
2495.00
0.33
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications.
Outline Drawing
Outline Dimensions (
)
inch
mm
B
D
E
wt
.67
1.98
.312 grams
17.02 50.29
7.92
42.0


Similar Part No. - SHP-100+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SHP-1000 MINI-SHP-1000 Datasheet
146Kb / 1P
   High Pass Filter 50廓 1000 to 3000 MHz
SHP-1000++ MINI-SHP-1000+ Datasheet
146Kb / 1P
   High Pass Filter 50廓 1000 to 3000 MHz
SHP-100A MINI-SHP-100A Datasheet
169Kb / 1P
   High Pass Filter
SHP-100A++ MINI-SHP-100A+ Datasheet
169Kb / 1P
   High Pass Filter
More results

Similar Description - SHP-100+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
NHP-100 MINI-NHP-100 Datasheet
84Kb / 1P
   High Pass Filter 50廓 90 to 2000 MHz
BHP-100 MINI-BHP-100 Datasheet
129Kb / 1P
   High Pass Filter 50廓 90 to 2000 MHz
BHP-400 MINI-BHP-400 Datasheet
97Kb / 1P
   High Pass Filter 50廓 395 to 3200 MHz
BHP-500 MINI-BHP-500 Datasheet
127Kb / 1P
   High Pass Filter 50廓 500 to 3200 MHz
NHP-175 MINI-NHP-175 Datasheet
84Kb / 1P
   High Pass Filter 50廓 160 to 1200 MHz
SHP-200 MINI-SHP-200 Datasheet
129Kb / 1P
   High Pass Filter 50廓 185 to 3000 MHz
SHP-500 MINI-SHP-500 Datasheet
132Kb / 1P
   High Pass Filter 50廓 500 to 3200 MHz
SHP-250 MINI-SHP-250 Datasheet
128Kb / 1P
   High Pass Filter 50廓 225 to 3000 MHz
BHP-250 MINI-BHP-250 Datasheet
71Kb / 1P
   High Pass Filter 50廓 225 to 3000 MHz
NHP-25 MINI-NHP-25 Datasheet
82Kb / 1P
   High Pass Filter 50廓 27.5 to 800 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com