Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNR120LS48 Datasheet(PDF) 3 Page - XP Power Limited

Part # DNR120LS48
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DNR120LS48 Datasheet(HTML) 3 Page - XP Power Limited

  DNR120LS48 Datasheet HTML 1Page - XP Power Limited DNR120LS48 Datasheet HTML 2Page - XP Power Limited DNR120LS48 Datasheet HTML 3Page - XP Power Limited DNR120LS48 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DNR120-480
Mechanical Details
Notes
240 W Models
DNR120LS Models
* 24 V & standby
models only.
* 24 V & standby
models only.
Notes
DNR120AS Models
6
1
DC Output
AC Input
4.57 (116.0)
1
3
6
1
DC Output
AC Input
1
3
0.39
(10.0)
5.59
(142.0)
4.92
(125.0)
2.50 (63.5)
‘-D’ option
ON
115 VAC
230 VAC
DC LO
ON
115 VAC
230 VAC
DC LO
DNR120 Connections
Conn
Pin
Designation
AC
Input
1
Ground
2
Line
3
Neutral
DC
Output
1
DCOK*
2
DC OK *
3
Positive
4
Positive
5
Negative
6
Negative
1. All dimensions in inches (mm).
2. Weight 1.4 lb (630 g) approx.
3. Screw terminal: 10-24AWG cable size. Detachable connector version: 14-24AWG cable size.
Notes
61
DC Output
AC Input
4.57 (116.0)
1
3
6
1
DC Output
AC Input
1
3
0.39
(10.0)
5.59
(142.0)
4.92
(125.0)
2.50 (63.5)
‘-D’ option
ON
DC LO
Single
Parallel
ON
DC LO
Single
Parallel
DNR120 Connections
Conn
Pin
Designation
AC
Input
1
Ground
2
Line
3
Neutral
DC
Output
1
DC OK *
2
DC OK *
3
Positive
4
Positive
5
Negative
6
Negative
1. All dimensions in inches (mm).
2. Weight 1.4 lb (630 g) approx.
3. Screw terminal: 10-24AWG cable size. Detachable connector version: 14-24AWG cable size.


Similar Part No. - DNR120LS48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DNR120-960TS XPPOWER-DNR120-960TS Datasheet
422Kb / 2P
   Three Phase AC Input
DNR120TS12 XPPOWER-DNR120TS12 Datasheet
69Kb / 2P
   AC-DC Power Supplies
DNR120TS12 XPPOWER-DNR120TS12 Datasheet
422Kb / 2P
   Three Phase AC Input
DNR120TS24 XPPOWER-DNR120TS24 Datasheet
69Kb / 2P
   AC-DC Power Supplies
DNR120TS24 XPPOWER-DNR120TS24 Datasheet
422Kb / 2P
   Three Phase AC Input
More results

Similar Description - DNR120LS48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com