Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPK750PS48 Datasheet(PDF) 1 Page - XP Power Limited

Part # CPK750PS48
Description  AC-DC Chassis Mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CPK750PS48 Datasheet(HTML) 1 Page - XP Power Limited

  CPK750PS48 Datasheet HTML 1Page - XP Power Limited CPK750PS48 Datasheet HTML 2Page - XP Power Limited CPK750PS48 Datasheet HTML 3Page - XP Power Limited CPK750PS48 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Up to 2 kW Peak Rating
Wide Output Voltage Adjustment
Up to 500 W Convection Cooled
Optional Conformal Coating
Optional Remote ON/OFF
Optional AC, DC & Fan Fail Signals
Input
Input Voltage
85-264 VAC (120-350 VDC)
Input Frequency
47-63 Hz
Inrush Current
20/40 A typical at 115/230 VAC
Power Factor
0.98 typical at 230 VAC at 100% load
Earth Leakage Current •
0.75 mA max at 230 VAC 60Hz
for 0.50 mA add suffix ‘-E’,
for 0.15 mA add suffix ‘-G’
Output
Output Voltage
See Table
Output Voltage
See Table
Adjustment
Minimum Load
No minimum load required
Start Up time
500 ms max at 100 VAC 100% load
Hold Up time
20 ms typical at 100 VAC 100% load
Initial Set Accuracy
±1% max
Drift
±0.4%
Line Regulation
±0.4% from low line to high line
Load Regulation
±0.7% max from 0-100% load
Ripple & Noise
±0.8% max pk-pk 20 MHz bandwidth
Overvoltage
115-140% of Vnom, recycle input to
Protection
restart
Overcurrent
101% of peak current auto recovery
Protection
Remote ON/OFF
Add suffix ‘-R’ to model number
(Optional)
ON 4.5-12.5 V (open circuit)
between RC+ and RC-
OFF 0 to 0.5 V (short circuit)
between RC+ and RC-
General
Efficiency
86-89% dependent on model
Isolation
3000 VAC Input to Output
2000 VAC Input to Ground
Switching
85 kHz ±15% active PFC
Frequency
130 kHz ±15% forward converter
Vertical
Add suffix ‘-T’ to model numbers
Terminal block
Din Rail Mounting
Add suffix ‘-NI’ to model numbers
Fan Fitted
Add suffix ‘-F’ to model number
(only available on 24 V units)
N+1 Operation
Option ‘-W’ & external oring diodes
Alarms (Optional)
For AC fail, DC fail and fan fail add
suffix ‘-W’ to model number
Conformal Coating
Add suffix ‘-L’ to model numbers
Environmental
Operating
-10 °C to +70 °C (fan cooled)
Temperature
Derate linearly above +50 °C to 60%
load at +70 °C.
For convection cooled rating - See
Derating Curves
Storage Temperature •
-20 °C to +75 °C
Relative Humidity
20-90% RH non-condensing
Shock
20 G, 11 ms once each, X, Y & Z axis
Vibration
2 G, 3 min period, 60 min each along
X, Y & Z axis
EMC & Safety
Emissions
EN55022 level B conducted
(level A with option E not available with
option G) EN55022 level B radiated
ESD Susceptibility
EN61000-4-2 Level 2 contact Level 3 air
Radiated
EN61000-4-3 Level 3
Susceptibility
EFT/Burst
EN61000-4-4 Level 4
Surge
EN61000-4-5 Level 3 line to line
Level 4 line to ground
Safety Approvals
UL60950, C-UL (CSA60950),
EN60950, EN50178
600-1000 Watts
CPK Series
AC-DC Chassis Mount
Specification
T HE XP ERTS I N P OWER
www.xpplc.com
sales@xpplc.com


Similar Part No. - CPK750PS48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPK-1001-716H ETC1-CPK-1001-716H Datasheet
73Kb / 1P
   SURFACE MOUNT COUPLER
logo
Lineage Power Corporati...
CPKW002A0C LINEAGEPOWER-CPKW002A0C Datasheet
252Kb / 14P
   Power Module; dc-dc Converter 36-75 Vdc Input; 15.0Vdc 2.0A Output
More results

Similar Description - CPK750PS48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
PBA50F-3 XPPOWER-PBA50F-3 Datasheet
214Kb / 5P
   AC-DC Chassis Mount
CPB600PS3V3 XPPOWER-CPB600PS3V3 Datasheet
366Kb / 2P
   AC-DC Chassis Mount
logo
Total Power Internation...
TPAS10G TOTAL-POWER-TPAS10G_17 Datasheet
199Kb / 2P
   CHASSIS-MOUNT UNIVERSAL INPUT AC-DC GREEN POWER
logo
CUI INC
VHK200W CUI-VHK200W Datasheet
830Kb / 10P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFEC30W P-DUKE-UFEC30W_14 Datasheet
530Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
Wall Industries,Inc.
CMRJW WALL-CMRJW Datasheet
208Kb / 2P
   Chassis Mount DC/DC Converter
logo
Power Mate Technology C...
DFEC40 P-DUKE-DFEC40_14 Datasheet
334Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
DFEC30W P-DUKE-DFEC30W_14 Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_09 Datasheet
747Kb / 9P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFED20 P-DUKE-UFED20_14 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com