Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPK600PS24 Datasheet(PDF) 2 Page - XP Power Limited

Part # CPK600PS24
Description  AC-DC Chassis Mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CPK600PS24 Datasheet(HTML) 2 Page - XP Power Limited

  CPK600PS24 Datasheet HTML 1Page - XP Power Limited CPK600PS24 Datasheet HTML 2Page - XP Power Limited CPK600PS24 Datasheet HTML 3Page - XP Power Limited CPK600PS24 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Mechanical Details 600 Watts
www.xpplc.com
sales@xpplc.com
OUTPUT VOLTAGE & CURRENT RATINGS
CPK
1. Add suffix ‘-F’ to model number to receive unit with fan fitted (24 V units only) alternatively 60 CFM system airflow must be provided.
2. Peak rating is valid for each model number and is not dependent on whether the max rating is convection or fan cooled.
3. Efficiency is specified at 230 VAC and 100% load.
Notes
Output
Output Current (85-130 VAC IN)
Output Current (180-264 VAC IN)
Efficiency(3)
Model
Voltage
Max
Fan(1)
Peak2)
Max
Fan(1)
Peak(2)
Number
24.0 V (21.6-27.0 V)
14.0 A
21.0 A
25.0 A
15.0 A
25.0 A
31.0 A
86%
CPK600PS24
30.0 V (27.0-33.0 V)
11.0 A
16.5 A
20.0 A
12.0 A
20.0 A
24.5 A
87%
CPK600PS30
36.0 V (33.0-41.0 V)
9.0 A
14.0 A
16.5 A
10.0 A
16.5 A
20.5 A
87%
CPK600PS36
48.0 V (41.0-52.8 V)
6.5 A
10.5 A
12.5 A
7.0 A
12.5 A
15.5 A
89%
CPK600PS48
24.0 V (21.6-27.0 V)
17.0 A
25.0 A
42.0 A
19.0 A
31.5 A
63.0 A
88%
CPK750PS24
30.0 V (27.0-33.0 V)
13.5 A
20.0 A
33.5 A
15.0 A
24.5 A
50.0 A
88%
CPK750PS30
36.0 V (33.0-41.0 V)
11.0 A
16.5 A
28.0 A
12.5 A
20.5 A
42.0 A
89%
CPK750PS36
48.0 V (41.0-52.8 V)
8.0 A
12.5 A
21.0 A
9.0 A
15.5 A
31.5 A
89%
CPK750PS48
24.0 V (21.6-27.0 V)
21.0 A
33.0 A
63.0 A
25.0 A
42.0 A
83.0 A
88%
CPK1KPS24
30.0 V (27.0-33.0 V)
16.5 A
26.0 A
50.0 A
20.0 A
33.5 A
66.0 A
88%
CPK1KPS30
36.0 V (33.0-41.0 V)
14.0 A
22.0 A
42.0 A
16.5 A
28.0 A
55.0 A
89%
CPK1KPS36
48.0 V (41.0-52.8 V)
10.5 A
16.5 A
31.5 A
11.5 A
21.0 A
41.5 A
89%
CPK1KPS48
Mechanical Details 750 Watts
NOTE: ‘-F’ option (24 V models only) increases the overall height from 70 to 101 mm.
Weight 1.9 kg
NOTE: ‘-F’ option (24 V models only) increases the overall height from 65 to 96 mm.
Weight 1.5 kg
For pin out tables see 1000 W mechanical details.
For pin out tables see 1000 W mechanical details.


Similar Part No. - CPK600PS24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPK-1001-716H ETC1-CPK-1001-716H Datasheet
73Kb / 1P
   SURFACE MOUNT COUPLER
logo
Lineage Power Corporati...
CPKW002A0C LINEAGEPOWER-CPKW002A0C Datasheet
252Kb / 14P
   Power Module; dc-dc Converter 36-75 Vdc Input; 15.0Vdc 2.0A Output
More results

Similar Description - CPK600PS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
PBA50F-3 XPPOWER-PBA50F-3 Datasheet
214Kb / 5P
   AC-DC Chassis Mount
CPB600PS3V3 XPPOWER-CPB600PS3V3 Datasheet
366Kb / 2P
   AC-DC Chassis Mount
logo
Total Power Internation...
TPAS10G TOTAL-POWER-TPAS10G_17 Datasheet
199Kb / 2P
   CHASSIS-MOUNT UNIVERSAL INPUT AC-DC GREEN POWER
logo
CUI INC
VHK200W CUI-VHK200W Datasheet
830Kb / 10P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFEC30W P-DUKE-UFEC30W_14 Datasheet
530Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
Wall Industries,Inc.
CMRJW WALL-CMRJW Datasheet
208Kb / 2P
   Chassis Mount DC/DC Converter
logo
Power Mate Technology C...
DFEC40 P-DUKE-DFEC40_14 Datasheet
334Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
DFEC30W P-DUKE-DFEC30W_14 Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_09 Datasheet
747Kb / 9P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFED20 P-DUKE-UFED20_14 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com