Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS-236 Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # ADS-236
Description  12-Bit, 5MHz and 9MHz Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-236 Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  ADS-236 Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-236 Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-236 Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-236 Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-236 Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-236 Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-236 Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-236 Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ADS-235, ADS-236, ADS-237
2
®®
Second Harmonic, FIN=1MHz
ADS-235
–73
dB
ADS-236
–86
dB
ADS-237
–80
dB
Third Harmonic, FIN=1MHz
ADS-235
–73
dB
ADS-236
–83
dB
ADS-237
–77
dB
Effective Number Of Bits,
ENOB, FIN=1MHz
ADS-235
10.3
Bits
ADS-236
11
Bits
ADS-237
10.8
Bits
Signal to Noise Ratio and
Distortion, SINAD, FIN=1MHz
ADS-235
64
dB
ADS-236
68
dB
ADS-237
66.5
dB
Signal to Noise Ratio,
SNR, FIN=1MHz
ADS-235
65
dB
ADS-236
68
dB
ADS-237
67.3
dB
Intermodulation Distortion,
IMD, F1=1MHz F2=1.02MHz
ADS-235
–66
dB
ADS-236
–68
dB
ADS-237
–65
dB
Transient Response
1
Cycle
Over-Voltage Recovery,
0.2V Overdrive
2
Cycle
TIMING CHARACTERISTICS
Data Output Hold, tH
—8
ns
Data Output Delay, tOD
—8
ns
Clock Pulse Width, TPWO, TPW1
ADS-235, ADS-236
90
100
110
ns
ADS-237
106
111
116
ns
Data Latency, tLAT
3
Cycles
DC BIAS VOLTAGE OUTPUT
DC Bias Voltage Output,VDC
2.3
volts
DC Bias Voltage Current
1.0
mA
DIGITAL OUTPUTS
Logic Levels
Logic "1", +DVS2=5V, VOH=2.4V
–0.2
mA
Logic "0", +DVS2=5V, VOL=0.4V
1.6
mA
Logic "1", +DVS2=3V, VOH=2.4V
–0.2
mA
Logic "0", +DVS2=3V, VOL=0.4V
1.6
mA
Output Capacitance
—5
pF
Max. Peak-to-Peak Diff. Voltage
Input Range (VIN+ - VIN–)
±2.0
Volts
Max. Peak-to-Peak Single-Ended
Voltage Input Range
4.0
Volts
Analog Input Common Mode
Voltage Range (VIN+ + VIN–)/2
1.0
2.3
4.0
Volts
Input Bias Current, IB+ or IB–
–10
10
µA
Differential Input
Current, (IB+ - IB–)
±0.5
µA
Input Impedance
1.0
M
W
Input Capacitance
—10—
pF
INTERNAL VOLTAGE REFERENCE
Reference Output Voltage, VROUT
3.5
Volts
Reference Output Current
——
1
mA
Reference Temperature Coefficient
ADS-235
ppm/°C
ADS-236
200
ppm/°C
ADS-237
50
ppm/°C
REFERENCE VOLTAGE INPUT
Reference Voltage Input, VRIN
3.5
Volts
Total Reference Resistance, RL
7.8
k
W
Reference Current
450
µA
PERFORMANCE
Resolution
12
Bits
Maximum Sample Rate, FCLK
ADS-235
5
MHz
ADS-236
5
MHz
ADS-237
9
M H z
Minimum Sample Rate
0.5
M H z
Integral Nonlinearity, FIN=DC
ADS-235
±2.0
LSB
ADS-236, ADS-237
±1.0
±2.0
LSB
Differential Nonlinearity,
FIN=DC
±0.5
±1.0
LSB
Input Offset Error, FIN=DC
ADS-235
12
LSB
ADS-236, ADS-237
19
LSB
Full Scale Error, FIN=DC
ADS-235
24
LSB
ADS-236, ADS-237
32
LSB
Aperture Delay, tAP
—5—
ns
Aperture Uncertainty, tAJ
5
ps(RMS)
Full Power Input Bandwidth
100
MHz
Spurious Free Dynamic Range,
SFDR, FIN=1MHz
ADS-235
73
dB
ADS-236
83
dB
ADS-237
77
dB
Total Harmonic Distortion,
THD, FIN=1MHz
ADS-235
–70
dB
ADS-236
–80
dB
ADS-237
–75
dB
ANALOG INPUTS
MIN.
TYP.
MAX.
UNITS
PARAMETERS
LIMITS
UNITS
PARAMETERS
MIN.
TYP.
MAX.
UNITS
ABSOLUTE MAXIMUM RATINGS
PHYSICAL/ENVIRONMENTAL
FUNCTIONAL SPECIFICATIONS
+AVS, +DVS1 and +DVS2 Supplies
+6.0
Volts
DGND to AGND
0.3
Volts
Analog I/O Pins
AGND to +AVS Supply
Volts
Digital I/O Pins
DGND to +DVS Supply
Volts
Lead Temperature
(10 seconds, Pin Tips Only)
300
°C
Operating Temperature Range
ADS-235S
0
70
°C
ADS-236S/ADS-237S
–40
85
°C
Storage Temperature Range
–65
150
°C
Thermal Resistance,
qja ➀
75
°C/W
Junction Temperature
150
°C
Package Type
(TA = +25°C, (ADS-235), TMIN to TMAX (ADS-236/237), +DVS1 = +DVS2 = +AVS = +5V, VRIN = 3.5V, FS = 5MHz (ADS-235/236) and 9MHz (ADS-237) at a 50% duty
cycle, CL =10pF, and differential analog input unless otherwise specified.)
28-Pin Plastic SOIC
➀ Measured mounted on PC board in free air.
PERFORMANCE (cont.)
MIN.
TYP.
MAX.
UNITS


Similar Part No. - ADS-236

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-230 MURATA-PS-ADS-230 Datasheet
206Kb / 12P
   Low-Power, 12-Bit, 1.0/1.5MHz Sampling A/D Converter
ADS-231 MURATA-PS-ADS-231 Datasheet
206Kb / 12P
   Low-Power, 12-Bit, 1.0/1.5MHz Sampling A/D Converter
logo
List of Unclassifed Man...
ADS-238Q ETC1-ADS-238Q Datasheet
83Kb / 7P
   12-Bit, 20MHz, Low Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-238Q MURATA-PS-ADS-238Q Datasheet
85Kb / 7P
   12-Bit, 20MHz, Low Power Sampling A/D Converters
More results

Similar Description - ADS-236

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-118 ETC-ADS-118 Datasheet
139Kb / 8P
   12-Bit, 5MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-118 MURATA-PS-ADS-118 Datasheet
181Kb / 8P
   12-Bit, 5MHz, Low-Power Sampling A/D Converters
ADS-935 MURATA-PS-ADS-935 Datasheet
420Kb / 8P
   16-Bit, 5MHz Sampling A/D Converters
ADS-944 MURATA-PS-ADS-944 Datasheet
174Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS944 ETC-ADS944 Datasheet
172Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
logo
Sipex Corporation
SP8503 SIPEX-SP8503 Datasheet
167Kb / 12P
   12-Bit Sampling A/D Converters
HS574A SIPEX-HS574A Datasheet
160Kb / 14P
   12-bit Sampling A/D Converters
SP8603 SIPEX-SP8603 Datasheet
205Kb / 11P
   12-Bit Sampling A/D Converters
SP574B SIPEX-SP574B Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com