Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS-235 Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # ADS-235
Description  12-Bit, 5MHz and 9MHz Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-235 Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  ADS-235 Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-235 Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-235 Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-235 Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-235 Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-235 Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-235 Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-235 Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FEATURES
· 5MHz (ADS-235/236) and 9MHz (ADS-237) sampling rates
· Low power
· Outstanding dynamic performance
· Fully differential or single-ended analog input
· 100MHz full power input bandwidth
· Integral sample-and-hold
· Single +5V supply operation
· Internally generated DC bias Voltage
· 3.0/5.0V CMOS compatible digital output
· TTL/CMOS compatible digital inputs/outputs
ADS-235, ADS-236, ADS-237
12-Bit, 5MHz and 9MHz
Sampling A/D Converters
GENERAL DESCRIPTION
The ADS-235, ADS-236 and ADS-237 are monolithic, 12-bit,
sampling analog-to-digital converters fabricated in a CMOS
process. The converters are designed for applications where
high speed, wide bandwidth and low power dissipation are
essential. These characteristics are provided through the use
of a fully differential sampling pipeline A/D architecture with
digital error correction logic.
The ADS-235, ADS-236 and ADS-237 offer excellent dynamic
performance while consuming only 300mW. The digital output
circuit is separate and can be powered from either a 3V or 5V
supply allowing the user to interface with 3V logic, if desired.
The ADS-235, ADS-236 and ADS-237 provide the user with
an internally generated DC bias voltage output. This DC bias
voltage is ideal for AC coupled analog input applications.
The units are available in a 28-lead plastic SOIC package
and operate over the 0°C to 70°C and –40 to +85°C
temperature ranges.
INPUT/OUTPUT CONNECTIONS
Figure 1. ADS-235, ADS-236 and ADS-237 Functional Block Diagram
PIN FUNCTION
PIN FUNCTION
DATEL, Inc., Mansfield, MA 02048 (USA)
· Tel: (508)339-3000, (800)233-2765 Fax: (508)339-6356 · Email: sales@datel.com · Internet: www.datel.com
®®
1
CLK, CLOCK
28
BIT 12
2
+DVS1, +5V DIG. SUP.
27
BIT 11
3
DGND1
26
BIT 10
4
+DVS1, +5V DIG. SUP.
25
BIT 9
5
DGND1
24
BIT 8
6+AVS, +5V ANALOG SUP. 23
BIT 7
7
AGND
22
+DVS2, DIG. OUTPUT SUP.
8VIN+, ANALOG INPUT
21
DGND2
9VIN–, ANALOG INPUT
20
BIT 6
10
VDC, DC BIAS OUTPUT
19
BIT 5
11
VROUT, REF. OUT
18
BIT 4
12
VRIN, REF. IN
17
BIT 3
13
AGND
16
BIT 2
14
+AVS, +5V ANALOG SUP. 15
BIT 1 (MSB)
Reference
4-Bit
Flash A/D
4-Bit
DAC
4-Bit
DAC
Stage 4
2.3 Volt
DC Bias Output
15 Bit 1 (MSB)
16 Bit 2
17 Bit 3
18 Bit 4
19 Bit 5
20 Bit 6
23 Bit 7
24 Bit 8
25 Bit 9
26 Bit 10
27 Bit 11
28 Bit 12 (LSB)
X8
+
+
Digital Delay
and
Error
Correction
Clock
VROUT
VRIN
VIN+
VIN
VDC
1 CLK
2, 4
+DVS1
3, 5
DGND 1
6, 14
+AVS
7, 13
AGND
22
+DVS2
21
DGND 2
9
Stage 3
4-Bit
Flash A/D
Stage 1
X8
S/H
4-Bit
Flash A/D
11
12
8
10


Similar Part No. - ADS-235

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-230 MURATA-PS-ADS-230 Datasheet
206Kb / 12P
   Low-Power, 12-Bit, 1.0/1.5MHz Sampling A/D Converter
ADS-231 MURATA-PS-ADS-231 Datasheet
206Kb / 12P
   Low-Power, 12-Bit, 1.0/1.5MHz Sampling A/D Converter
logo
List of Unclassifed Man...
ADS-238Q ETC1-ADS-238Q Datasheet
83Kb / 7P
   12-Bit, 20MHz, Low Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-238Q MURATA-PS-ADS-238Q Datasheet
85Kb / 7P
   12-Bit, 20MHz, Low Power Sampling A/D Converters
More results

Similar Description - ADS-235

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-118 ETC-ADS-118 Datasheet
139Kb / 8P
   12-Bit, 5MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-118 MURATA-PS-ADS-118 Datasheet
181Kb / 8P
   12-Bit, 5MHz, Low-Power Sampling A/D Converters
ADS-935 MURATA-PS-ADS-935 Datasheet
420Kb / 8P
   16-Bit, 5MHz Sampling A/D Converters
ADS-944 MURATA-PS-ADS-944 Datasheet
174Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS944 ETC-ADS944 Datasheet
172Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
logo
Sipex Corporation
SP8503 SIPEX-SP8503 Datasheet
167Kb / 12P
   12-Bit Sampling A/D Converters
HS574A SIPEX-HS574A Datasheet
160Kb / 14P
   12-bit Sampling A/D Converters
SP8603 SIPEX-SP8603 Datasheet
205Kb / 11P
   12-Bit Sampling A/D Converters
SP574B SIPEX-SP574B Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com