Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JDC-20-1W+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # JDC-20-1W+
Description  Directional Coupler 50廓 50 to 750 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

JDC-20-1W+ Datasheet(HTML) 1 Page - Mini-Circuits

  JDC-20-1W+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
minicircuits.com
TM
IF/RF MICROWAVE COMPONENTS
A
B
C
D
E
F
G
.280
.310
--
.100
.225
.055
.100
7.11
7.87
--
2.54
5.72
1.40
2.54
H
J
K
L
wt
.047
.065
.065
.300
grams
1.19
1.65
1.65
7.62
0.45
50Ω
50 to 750 MHz
Directional Coupler
Surface Mount
CASE STYLE: BH292
PRICE: $ 13.60 ea. QTY (25-49)
Demo Board MCL P/N: TB-185
Suggested PCB Layout (PL-046)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
INPUT
1
OUTPUT
6
COUPLED
3
GROUND
2,5
ISOLATE (DO NOT USE)
4
Outline Drawing
Directional Coupler Electrical Specifications
REV. D
M119986
ED-4386/3
JDC-20-1W
WZ/TD/CP/AM
081111
Typical Performance Data
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications.
JDC-20-1W+
JDC-20-1W
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
Features
• wideband, 50 to 750 MHz
• low mainline loss, 0.5 dB typ.
• excellent solderability
Applications
• communications
• level detecting
• signal sampling
• reflective power measurements
JDC-20-1W
MAINLINE LOSS
0.0
0.2
0.4
0.6
0.8
1.0
50
190
330
470
610
750
FREQUENCY (MHz)
at RF level of -10 dBm
JDC-20-1W
COUPLING & DIRECTIVITY
0
10
20
30
40
50
60
50
190
330
470
610
750
FREQUENCY (MHz)
COUPLING
DIRECTIVITY
at RF level of -10 dBm
JDC-20-1W
RETURN LOSS
0
10
20
30
40
50
60
50
190
330
470
610
750
FREQUENCY (MHz)
IN
OUT
CPL
at RF level of -10 dBm
Frequency
(MHz)
Mainline Loss
(dB)
In-Out
Coupling
(dB)
In-Cpl
Directivity
(dB)
In
Return Loss
(dB)
Out
Cpl
PCB Land Pattern
Suggested Layout,
Tolerance to be within
±.002
Electrical Schematic
50.00
0.33
19.77
21.32
30.32
32.06
25.34
150.00
0.33
19.87
21.83
34.90
38.90
29.25
250.00
0.35
19.87
22.89
36.40
41.45
30.37
330.00
0.35
19.87
24.06
36.11
40.25
30.40
385.00
0.40
19.87
25.12
35.07
38.62
29.96
435.00
0.42
19.82
26.45
33.87
37.00
29.35
480.00
0.46
19.83
27.52
32.62
35.61
28.65
525.00
0.44
19.76
28.59
31.36
34.22
27.88
650.00
0.50
19.68
28.53
27.83
30.53
25.66
750.00
0.55
19.59
25.15
25.26
27.85
24.06
1. Mainline loss includes theoretical power loss at coupled port.
FREQ.
(MHz)
f
L-fU
COUPLING
(dB)
MAINLINE LOSS1
(dB)
DIRECTIVITY
(dB)
VSWR
(:1)
POWER
INPUT, W
Nom.
Flatness
Typ. Max.
Typ.
Min.
Typ.
Max.
50-750
19.5±0.5
±0.5
0.5
0.9
22
15
1.2
0.5


Similar Part No. - JDC-20-1W+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
JDC-20-2 MINI-JDC-20-2 Datasheet
308Kb / 1P
   Directional Coupler 50廓 400 to 900 MHz
JDC-20-2++ MINI-JDC-20-2+ Datasheet
308Kb / 1P
   Directional Coupler 50廓 400 to 900 MHz
JDC-20-3-75 MINI-JDC-20-3-75 Datasheet
316Kb / 1P
   Directional Coupler 75廓 2 to 250 MHz
JDC-20-3-75++ MINI-JDC-20-3-75+ Datasheet
316Kb / 1P
   Directional Coupler 75廓 2 to 250 MHz
JDC-20-5 MINI-JDC-20-5 Datasheet
313Kb / 1P
   Directional Coupler 50廓 50 to 1500 MHz
More results

Similar Description - JDC-20-1W+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCD-10-1W MINI-TCD-10-1W Datasheet
286Kb / 1P
   Directional Coupler 50廓 10 to 750 MHz
JDC-10-2 MINI-JDC-10-2 Datasheet
310Kb / 1P
   Directional Coupler 50廓 5 to 750 MHz
JDC-20-5 MINI-JDC-20-5 Datasheet
313Kb / 1P
   Directional Coupler 50廓 50 to 1500 MHz
D18P MINI-D18P Datasheet
244Kb / 1P
   Directional Coupler 50廓 1710 to 1990 MHz
JDC-20-2 MINI-JDC-20-2 Datasheet
308Kb / 1P
   Directional Coupler 50廓 400 to 900 MHz
LRDC-20-2J MINI-LRDC-20-2J Datasheet
248Kb / 1P
   Directional Coupler 50廓 300 to 1100 MHz
ADC-20-4 MINI-ADC-20-4 Datasheet
240Kb / 1P
   Directional Coupler 50廓 5 to 1000 MHz
ADC-6-1R MINI-ADC-6-1R Datasheet
255Kb / 1P
   Directional Coupler 50廓 5 to 200 MHz
ADC-10-1R MINI-ADC-10-1R Datasheet
254Kb / 1P
   Directional Coupler 50廓 5 to 900 MHz
ADC-20-12 MINI-ADC-20-12 Datasheet
239Kb / 1P
   Directional Coupler 50廓 100 to 1200 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com