Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JDC-10-4-75+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # JDC-10-4-75+
Description  Directional Coupler 75廓 10 to 1000 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

JDC-10-4-75+ Datasheet(HTML) 1 Page - Mini-Circuits

  JDC-10-4-75+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
minicircuits.com
TM
IF/RF MICROWAVE COMPONENTS
A
B
C
D
E
F
G
.280
.310
--
.100
.225
.055
.100
7.11
7.87
--
2.54
5.72
1.40
2.54
H
J
K
L
wt
.047
.065
.065
.300
grams
1.19
1.65
1.65
7.62
0.45
75Ω
10 to 1000 MHz
Directional Coupler
Surface Mount
CASE STYLE: BH292
PRICE: $ 13.60 ea. QTY (25-49)
Demo Board MCL P/N: TB-33
Suggested PCB Layout (PL-044)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
INPUT
1
OUTPUT
6
COUPLED
3
GROUND
2,5
ISOLATE (DO NOT USE)
4
Outline Drawing
Directional Coupler Electrical Specifications
REV. D
M119986
ED-5488/1
JDC-10-4-75
WZ/TD/CP/AM
081111
Typical Performance Data
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications.
JDC-10-4-75+
JDC-10-4-75
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
Features
• low mainline loss, 1.4 dB typ.
• high directivity, 25 dB typ.
• excellent solderability
Applications
• catv
• VHF/UHF
JDC-10-4-75
MAINLINE LOSS
0.5
0.8
1.1
1.4
1.7
2.0
0
200
400
600
800
1000
FREQUENCY (MHz)
at RF level of -10 dBm
JDC-10-4-75
COUPLING & DIRECTIVITY
0
10
20
30
40
50
60
0
200
400
600
800
1000
FREQUENCY (MHz)
COUPLING
DIRECTIVITY
at RF level of -10 dBm
JDC-10-4-75
RETURN LOSS
0
10
20
30
40
50
60
0
200
400
600
800
1000
FREQUENCY (MHz)
IN
OUT
CPL
at RF level of -10 dBm
Frequency
(MHz)
Mainline Loss
(dB)
In-Out
Coupling
(dB)
In-Cpl
Directivity
(dB)
In
Return Loss
(dB)
Out
Cpl
PCB Land Pattern
Suggested Layout,
Tolerance to be within
±.002
Electrical Schematic
10.00
1.20
10.39
24.04
20.65
25.38
15.96
46.00
1.15
10.50
29.61
22.15
37.36
18.91
82.00
1.17
10.50
30.11
21.77
31.35
18.86
140.00
1.21
10.54
28.97
21.13
26.70
18.92
230.00
1.25
10.59
26.78
20.02
22.30
20.07
380.00
1.33
10.62
24.67
18.47
18.65
23.45
520.00
1.37
10.60
24.18
18.48
17.83
29.75
640.00
1.40
10.57
25.57
20.57
18.18
37.16
840.00
1.51
10.54
38.35
23.88
21.08
28.50
1000.00
1.60
10.52
24.89
29.38
22.15
23.68
FREQ.
(MHz)
COUPLING
(dB)
MAINLINE LOSS1
(dB)
DIRECTIVITY
(dB)
VSWR
(:1)
POWER
INPUT, W
Nom.
Flatness
L
M
U
L
M
U
L
MU
f
L-fU
Typ. Max. Typ. Max. Typ. Max. Typ. Min. Typ. Min. Typ. Min.
Typ.
Max. Max.
10-1000
10.5±0.5
±0.5
1.2
1.6
1.4
1.7
1.6
2.0
27
18
25
18
28
18
1.3
1.0
1.0
L = 10-100 MHz
M = 100-500 MHz
U = 500-1000 MHz
1. Mainline loss includes theoretical power loss at coupled port.


Similar Part No. - JDC-10-4-75+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
JDC-10-4 MINI-JDC-10-4 Datasheet
311Kb / 1P
   Directional Coupler 50廓 5 to 1000 MHz
JDC-10-4++ MINI-JDC-10-4+ Datasheet
311Kb / 1P
   Directional Coupler 50廓 5 to 1000 MHz
More results

Similar Description - JDC-10-4-75+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCD-18-4-75 MINI-TCD-18-4-75 Datasheet
279Kb / 1P
   Directional Coupler 75廓 10 to 1000 MHz
LRDC-10-2-75 MINI-LRDC-10-2-75 Datasheet
279Kb / 1P
   Directional Coupler 75廓 30 to 1000 MHz
LRDC-10-2-75J MINI-LRDC-10-2-75J Datasheet
253Kb / 1P
   Directional Coupler 75廓 30 to 1000 MHz
TCD-13-4-75 MINI-TCD-13-4-75 Datasheet
279Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
ADC-16-4-75 MINI-ADC-16-4-75 Datasheet
242Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
ADC-10-4-75R MINI-ADC-10-4-75R Datasheet
298Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
ADC-10-4-75 MINI-ADC-10-4-75 Datasheet
260Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
ADC-12-4-75 MINI-ADC-12-4-75 Datasheet
241Kb / 1P
   Directional Coupler 75廓 20 to 1000 MHz
ADC-20-4-75R MINI-ADC-20-4-75R Datasheet
276Kb / 1P
   Directional Coupler 75廓 40 to 1000 MHz
ADC-15-4-75 MINI-ADC-15-4-75 Datasheet
242Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com