Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GVA-83 Datasheet(PDF) 2 Page - Mini-Circuits

Part # GVA-83
Description  Monolithic Amplifier DC-7 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

GVA-83 Datasheet(HTML) 2 Page - Mini-Circuits

  GVA-83 Datasheet HTML 1Page - Mini-Circuits GVA-83 Datasheet HTML 2Page - Mini-Circuits GVA-83 Datasheet HTML 3Page - Mini-Circuits GVA-83 Datasheet HTML 4Page - Mini-Circuits GVA-83 Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Monolithic InGaP HBT MMIC Amplifier
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
minicircuits.com
TM
IF/RF MICROWAVE COMPONENTS
Page 2 of 5
Electrical Specifications(1) at 25°C, 5V, Rb=7.5
Ω, unless noted
GVA-83+
Parameter
Condition
(GHz)
Min.
Typ.
Max.
Units
Frequency Range(2)
DC
7
GHz
Gain
0.1
18.4
20.5
22.6
dB
1.0
19.3
2.0
15.4
17.1
18.8
3.0
15.2
4.0
12.0
13.8
15.2
6.0
12.3
7.0
11.2
Magnitude of Gain Variation versus Temperature(3)
(values are negative)
0.1
0.008
dB/°C
1.0
0.0034
2.0
0.0045
0.0090
3.0
0.0061
4.0
0.0009
6.0
0.0123
7.0
0.0120
Input Return Loss
0.1
41.0
dB
1.0
26.0
2.0
13.0
19.5
3.0
17.7
4.0
17.6
6.0
19.1
7.0
14.1
Output Return Loss
0.1
14.2
dB
1.0
13.1
2.0
8.0
11.2
3.0
10.2
4.0
10.8
6.0
11.6
7.0
9.7
Reverse Isolation
2.0
26.5
dB
Output Power @1 dB compression
0.1
16.5
18.1
dBm
1.0
16.5
18.5
2.0
16.5
18.6
3.0
18.4
4.0
18.1
6.0
18.1
7.0
17.3
Output IP3
0.1
33.0
dBm
1.0
32.5
2.0
29.0
31.5
3.0
31.3
4.0
31.2
6.0
29.3
7.0
28.5
Noise Figure
0.1
5.9
7.0
dB
1.0
6.0
2.0
6.2
7.3
3.0
6.2
4.0
6.5
6.0
7.2
7.0
7.5
Group Delay
100
psec
Device Operating Voltage
4.8
5.0
5.2
V
Device Operating Current
61
72
82
mA
Device Current Variation vs. Temperature
28
µA/°C
Device Current Variation vs Voltage
0.030
mA/mV
Thermal Resistance, junction-to-ground lead
88
°C/W
(1) Measured on Mini-Circuits test board TB-313. See Characterization Test Circuit (Fig. 1)
(2) Guaranteed specification DC*-7 GHz. *Low frequency cut off determined by external coupling capacitors and RF Choke (RFC)
(3) (Gain at 85°C-Gain at -45°C)/130


Similar Part No. - GVA-83

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GVA-83++ MINI-GVA-83+ Datasheet
767Kb / 1P
   AMPLIFIERS
More results

Similar Description - GVA-83

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GVA-84 MINI-GVA-84_15 Datasheet
242Kb / 5P
   Monolithic Amplifier DC-7 GHz
GALI-3 MINI-GALI-3 Datasheet
190Kb / 4P
   Monolithic Amplifier DC-3 GHz
GALI-4F MINI-GALI-4F Datasheet
191Kb / 4P
   Monolithic Amplifier DC-4 GHz
GALI-33 MINI-GALI-33 Datasheet
192Kb / 4P
   Monolithic Amplifier DC-4 GHz
GALI-52 MINI-GALI-52 Datasheet
191Kb / 4P
   Monolithic Amplifier DC-2 GHz
RAM-6A MINI-RAM-6A Datasheet
203Kb / 3P
   Monolithic Amplifier DC-2 GHz
VAM-7 MINI-VAM-7 Datasheet
212Kb / 4P
   Monolithic Amplifier DC-2 GHz
MAR-4 MINI-MAR-4 Datasheet
239Kb / 4P
   Monolithic Amplifier DC-1 GHz
VAM-6 MINI-VAM-6 Datasheet
201Kb / 4P
   Monolithic Amplifier DC-2 GHz
GALI-2 MINI-GALI-2 Datasheet
192Kb / 4P
   Monolithic Amplifier DC-8 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com