Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS-953 Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # ADS-953
Description  18-Bit, 1MHz, Low-Distortion Sampling A/D Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-953 Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  ADS-953 Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-953 Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-953 Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-953 Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-953 Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-953 Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
®
A SUBSIDIARY OF C&D TECHNOLOGIES
FEATURES
• 18-bit resolution
• 1MHz minimum sampling rate
• No missing codes over extended temperature range
• Very low power, 1.45 Watts
• Small, 32-pin, side-brazed, ceramic TDIP
• Edge-triggered
• Excellent performance, –95dB peak harmonics
• Ideal for both time and frequency-domain applications
• Low cost
ing temperature ranges. A proprietary, auto-calibrating, error-
correcting circuit enables the device to achieve specified per-
formance over the full military temperature range.
ADS-953
18-Bit, 1MHz, Low-Distortion
Sampling A/D Converters
GENERAL DESCRIPTION
The ADS-953 is an 18-bit, 1MHz sampling A/D converter. This
device accurately samples full-scale input signals up to Nyquist
frequencies with no missing codes. This feature, combined with
excellent signal-to-noise ratio (SNR) and –95dB peak harmonic
distortion (THD), makes the ADS-953 the ideal choice for both
time-domain (medical imaging, scanners, process control) and
frequency-domain (radar, telecommunications, spectrum analy-
sis) applications.
Packaged in a 32-pin, side-brazed, metal-sealed, ceramic TDIP,
the functionally complete ADS-953 contains a fast-settling sam-
ple-hold amplifier, a subranging (two-pass) A/D converter, an
internal reference, timing/control logic, and error-correction cir-
cuitry. Digital input and output levels are TTL, and the ADS-953
only requires the rising edge of the start convert pulse to
operate.
Requiring ±15V and ±5V supplies, the ADS-953 typically dis-
sipates 1.45 Watts. The device is offered with a bipolar (±5V)
analog input range. Models are available for use in either
commercial (0 to +70°C) or extended (–40 to +110°C) operat-
INPUT/OUTPUT CONNECTIONS
Figure 1. ADS-953 Functional Block Diagram
1
BIT 2
32
BIT 3
2
BIT 1 (MSB)
31
BIT 4
3
ANALOG GROUND
30
BIT 5
4
ANALOG INPUT
29
BIT 6
5
+5V REFERENCE OUT
28
BIT 7
6
GAIN ADJUST
27
BIT 8
7
COMPENSATION
26
BIT 9
8
–15V SUPPLY
25
BIT 10
9
+15V SUPPLY
24
BIT 11
10
+5V ANALOG SUPPLY
23
BIT 12
11
–5V ANALOG SUPPLY
22
BIT 13
12
ANALOG GROUND
21
BIT 14
13
DIGITAL GROUND
20
BIT 15
14
+5V DIGITAL SUPPLY
19
BIT 16
15
EOC
18
BIT 17
16
START CONVERT
17
BIT 18 (LSB)
PIN
FUNCTION
PIN
FUNCTION
DATEL, Inc., Mansfield, MA 02048 (USA)
• Tel: (508) 339-3000, (800) 233-2765 Fax: (508) 339-6356 • Email: sales@datel.com • Internet: www.datel.com
REF
DAC
2
BIT 1 (MSB)
1
BIT 2
32 BIT 3
31 BIT 4
30 BIT 5
29 BIT 6
28 BIT 7
27 BIT 8
26 BIT 9
25 BIT 10
24 BIT 11
23 BIT 12
22 BIT 13
21 BIT 14
20 BIT 15
19 BIT 16
18 BIT 17
17 BIT 18 (LSB)
TIMING AND
CONTROL LOGIC
ANALOG INPUT 4
START CONVERT 16
EOC 15
+
S/H
BUFFER
FLASH
ADC
1
FLASH
ADC
2
Σ
AMP
GAIN
CIRCUIT
COMPENSATION 7
+5V REFERENCE OUT 5
10
+5V ANALOG
SUPPLY
11
–5V ANALOG
SUPPLY
3, 12
ANALOG
GROUND
14
+5V DIGITAL
SUPPLY
9
+15V
SUPPLY
8
–15V
SUPPLY
13
DIGITAL
GROUND
GAIN ADJUST 6


Similar Part No. - ADS-953

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-953 ETC-ADS-953 Datasheet
141Kb / 6P
   18-Bit, 1MHz, Low-Distortion Sampling A/D Converters
ADS-953MC ETC-ADS-953MC Datasheet
141Kb / 6P
   18-Bit, 1MHz, Low-Distortion Sampling A/D Converters
logo
DATEL, Inc.
ADS-953MC DATEL-ADS-953MC Datasheet
105Kb / 1P
   Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-953ME ETC-ADS-953ME Datasheet
141Kb / 6P
   18-Bit, 1MHz, Low-Distortion Sampling A/D Converters
logo
DATEL, Inc.
ADS-953ME DATEL-ADS-953ME Datasheet
105Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADS-953

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS953 ETC-ADS953 Datasheet
141Kb / 6P
   18-Bit, 1MHz, Low-Distortion Sampling A/D Converters
ADS-951 ETC2-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-951 MURATA-PS-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
API Technologies Corp
MN6290 APITECH-MN6290 Datasheet
1Mb / 12P
   Low-distortion Sampling 16-bit A/D Converters
logo
C&D Technologies
ADS-941 CANDD-ADS-941 Datasheet
83Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
   16-Bit, 1MHz Sampling A/D Converters
ADS-937 MURATA-PS-ADS-937 Datasheet
740Kb / 8P
   16-Bit, 1MHz Sampling A/D Converters
ADS-941 MURATA-PS-ADS-941 Datasheet
77Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com