Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS-949 Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # ADS-949
Description  14 Bit, 12.8MHz Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-949 Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  ADS-949 Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-949 Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-949 Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-949 Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-949 Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-949 Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-949 Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-949 Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MDC_ADS-949.B01 Page 4 of 8
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
ADS 949
14 Bit, 12.8MHz
Sampling A/D Converters
CALIBRATION PROCEDURE
Any offset and/or gain calibration procedures should not be
implemented until devices are fully warmed up. To avoid
interaction, offset must be adjusted before gain. The ranges of
adjustment for the circuits in Figures 2 and 3 are guaranteed to
compensate for the ADS-949’s initial accuracy errors and may not
be able to compensate for additional system errors.
A/D converters are calibrated by positioning their digital outputs
exactly on the transition point between two adjacent digital
output codes. This can be accomplished by connecting LED’s
to the digital outputs and adjusting until certain LED’s “flicker”
equally between on and off. other approaches employ digital
comparators or microcontrollers to detect when the outputs
change from one code to the next.
offset adjusting for the ADS-949 is normally accomplished at the
point where the MSB is a 1 and all other output bits are 0’s and
the LSB just changes from a 0 to a 1. This digital output transition
ideally occurs when the applied analog input is +½ LSB (+153µV).
gain adjusting is accomplished when all bits are 1’s and the LSB
just changes from a 1 to a 0. This transition ideally occurs when
the analog input is at +full scale minus 1½ LSB's (+2.49954V).
Zero/Offset Adjust Procedure
1. Apply a train of pulses to the START CoNVERT input
(pin 7) so the converter is continuously converting.
2. Apply +153µV to the ANALog iNPUT (pin 1).
3. Adjust the offset potentiometer until the output bits are
10 0000 0000 0000 and the LSB flickers between 0 and 1.
Gain Adjust Procedure
1. Apply +2.49954V to the ANALog iNPUT (pin 1).
2. Adjust the gain potentiometer until all output bits are 1’s and
the LSB flickers between 1 and 0.
3. To confirm proper operation of the device, vary the input signal
to obtain the output coding listed in Table 2.
INPUT VOLTAGE
ZERO ADJUST
GAIN ADJUST
RANGE
+½ LSB
+FS –1½ LSB
±2.5V
+153µV
+2.49954V
Table 1. Gain and Zero Adjust
Figure 2. Typical ADS-949 Bipolar Connection Diagram
0.1µF
4.7µF
27
+5VD
29
AGND
3
–5V
ADS-949
20k
4.7µF
+5VA
26
DGND
–5V
+5V
1VIN A
4 OFFSET ADJUST
7 START CONVERT
23
22
21
20
19
18
17
16
15
14
13
12
11
10
8
BIT 1 (MSB)
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT 9
BIT 10
BIT 11
BIT 12
BIT 13
BIT 14 (LSB)
EOC
BIPOLAR
ANALOG
INPUT
START
CONVERT
Bypass Pins 5, 6, 32, with a 4.7µF to Analog Ground.
Note: The Voltage Value at Pin 32 (Range) sets the input voltage range of the ADS-949
eg: If Pin 6 (2.5V Reference Out) is tied to the Range Pin 32 (20k Pot is shorted), then
the input range of the ADS-949 becomes ±2.5V
If the 20k Pot is set at midrange then the input range of the ADS-949 becomes ±1.25V
+
ZERO/
OFFSET
ADJUST
–5V
+5V
31 GAIN ADJUST
GAIN
ADJUST
20K
–5V
2 VIN B
9 ENABLE
20k
6 2.5V REF
32 RANGE
+15V
28
+15V
+5VD
4.7µF
+
30
+5VA
0.1µF
0.1µF
4.7µF
+
0.1µF
+
5 RANGE REF


Similar Part No. - ADS-949

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
ADS-949-C/883 DATEL-ADS-949-C/883 Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-949-C883 DATEL-ADS-949-C883 Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-949883 DATEL-ADS-949883 Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-949G-C/883 DATEL-ADS-949G-C/883 Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-949G-C883 DATEL-ADS-949G-C883 Datasheet
106Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADS-949

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-944 MURATA-PS-ADS-944 Datasheet
174Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS944 ETC-ADS944 Datasheet
172Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
ADS-947 ETC-ADS-947 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-928 MURATA-PS-ADS-928 Datasheet
1Mb / 4P
   500kHz, 14-Bit Sampling A/D Converters
logo
C&D Technologies
ADS-941 CANDD-ADS-941 Datasheet
83Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-945 ETC1-ADS-945 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-947 MURATA-PS-ADS-947 Datasheet
216Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
ADS-945 MURATA-PS-ADS-945 Datasheet
170Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
ADS-946 MURATA-PS-ADS-946 Datasheet
138Kb / 8P
   14-Bit, 8MHz Sampling A/D Converters
ADS-942 MURATA-PS-ADS-942 Datasheet
79Kb / 6P
   14-Bit, 2MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com