Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS-946 Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # ADS-946
Description  14-Bit, 8MHz Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-946 Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  ADS-946 Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-946 Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-946 Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-946 Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-946 Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-946 Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-946 Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-946 Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADS-946
4
®
®
CALIBRATION PROCEDURE
Any offset and/or gain calibration procedures should not be
implemented until devices are fully warmed up. To avoid
interaction, offset must be adjusted before gain. The ranges of
adjustment for the circuits in Figures 2 and 3 are guaranteed
to compensate for the ADS-946's initial accuracy errors and
may not be able to compensate for additional system errors.
A/D converters are calibrated by positioning their digital
outputs exactly on the transition point between two adjacent
digital output codes. This can be accomplished by connecting
LED’s to the digital outputs and adjusting until certain LED's
"flicker" equally between on and off. Other approaches
employ digital comparators or microcontrollers to detect when
the outputs change from one code to the next.
Offset adjusting for the ADS-946 is normally accomplished at
the point where the MSB is a 1 and all other output bits are 0’s
and the LSB just changes from a 0 to a 1. This digital output
transition ideally occurs when the applied analog input is
+½ LSB (+122µV).
Gain adjusting is accomplished when all bits are 1's and the
LSB just changes from a 1 to a 0. This transition ideally
occurs when the analog input is at +full scale minus 1½ LSB's
(+1.99963V).
Zero/Offset Adjust Procedure
1. Apply a train of pulses to the START CONVERT input
(pin 18) so the converter is continuously converting.
2. Apply +122µV to the ANALOG INPUT (pin 21).
3. Adjust the offset potentiometer until the output bits are
10 0000 0000 0000 and the LSB flickers between 0 and 1.
Figure 3. Typical ADS-946 Connection Diagram
Gain Adjust Procedure
1. Apply +1.99963V to the ANALOG INPUT (pin 21).
2. Adjust the gain potentiometer until all output bits are 1's
and the LSB flickers between 1 and 0.
3. To confirm proper operation of the device, vary the input
signal to obtain the output coding listed in Table 2.
BIPOLAR
INPUT VOLTAGE
OFFSET BINARY
SCALE
(±2V RANGE)
MSB
LSB
+FS –1 LSB
+1.99976
11 1111 1111 1111
+3/4 FS
+1.50000
11 1000 0000 0000
+1/2 FS
+1.00000
11 0000 0000 0000
0
0.00000
10 0000 0000 0000
–1/2 FS
–1.00000
01 0000 0000 0000
–3/4 FS
–1.50000
00 1000 0000 0000
–FS +1 LSB
–1.99976
00 0000 0000 0001
–FS
–2.00000
00 0000 0000 0000
Table 2. Output Coding for Bipolar Operation
INPUT VOLTAGE
ZERO ADJUST
GAIN ADJUST
RANGE
+½ LSB
+FS –1½ LSB
±2V
+122µV
+1.99963V
Table 1.
Gain and Zero Adjust
0.1µF
0.1µF
4.7µF
4.7µF
22, 13
24
20
19
ADS-946
–5V
20k
0.1µF
4.7µF
+5V
14
–5V
+5V
21
23
18
1
2
3
4
5
6
7
8
9
10
11
12
15
16
17
BIT 1 (MSB)
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT 9
BIT 10
BIT 11
BIT 12
BIT 13
BIT 14 (LSB)
EOC
ANALOG
INPUT
START
CONVERT
A single +5V supply should be used for both the +5V analog and +5V digital.
If separate supplies are used, the difference between the two cannot exceed 100mV.
Œ
Œ
+
+
+
ZERO/
OFFSET
ADJUST


Similar Part No. - ADS-946

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-946 ETC-ADS-946 Datasheet
136Kb / 8P
   ADS-946 14-Bit, 8MHz Sampling A/D Converters
logo
DATEL, Inc.
ADS-946-C883 DATEL-ADS-946-C883 Datasheet
106Kb / 1P
   Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-946/883 ETC-ADS-946/883 Datasheet
136Kb / 8P
   ADS-946 14-Bit, 8MHz Sampling A/D Converters
logo
DATEL, Inc.
ADS-946/883 DATEL-ADS-946/883 Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-946883 DATEL-ADS-946883 Datasheet
106Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADS-946

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-946 ETC-ADS-946 Datasheet
136Kb / 8P
   ADS-946 14-Bit, 8MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-944 MURATA-PS-ADS-944 Datasheet
174Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS944 ETC-ADS944 Datasheet
172Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
ADS-947 ETC-ADS-947 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-928 MURATA-PS-ADS-928 Datasheet
1Mb / 4P
   500kHz, 14-Bit Sampling A/D Converters
logo
C&D Technologies
ADS-941 CANDD-ADS-941 Datasheet
83Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-945 ETC1-ADS-945 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-947 MURATA-PS-ADS-947 Datasheet
216Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
ADS-945 MURATA-PS-ADS-945 Datasheet
170Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
ADS-942 MURATA-PS-ADS-942 Datasheet
79Kb / 6P
   14-Bit, 2MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com