Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BHP-400+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # BHP-400+
Description  High Pass Filter 50廓 395 to 3200 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BHP-400+ Datasheet(HTML) 1 Page - Mini-Circuits

  BHP-400+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
Outline Drawing
Maximum Ratings
Outline Dimensions (
)
inch
mm
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input
0.5W max.
Applications
• lab use
• transmitters/receivers
• radio communications
BHP-400+
REV. C
M113397
BHP-400+
080603
50
395 to 3200 MHz
CASE STYLE: FF55
Connectors
Model
Price
Qty.
BNC
BHP-400+
$36.95 ea. (1-9)
electrical schematic
typical frequency response
High Pass Filter Electrical Specifications
High Pass Filter
Coaxial
STOPBAND
(MHz)
fco (MHz)
Nom.
PASSBAND
(MHz)
VSWR
(:1)
(loss > 40 dB)
(loss > 20 dB)
(loss 3 dB)
(loss <1 dB)
Stopband
Typ.
Passband
Typ.
DC-210
210-290
360
395-3200
17
1.7
RF IN
RF OUT
20
40
3
1
Frequency/fco
DC
.5
.75 1 1.1
Features
• rugged shielded case
• other standard and custom BHP models available
with wide selection of fco
Frequency
(MHz)
Insertion Loss
(dB)
Return Loss
(dB)
Frequency
(MHz)
Group Delay
(nsec)
_
x
σ
INSERTION LOSS
0
1
10
100
0
1000
2000
3000
4000
FREQUENCY (MHz)
at RF level of 0 dBm
RETURN LOSS
0
5
10
15
20
25
30
35
0
1000
2000
3000
4000
FREQUENCY (MHz)
at RF level of 0 dBm
GROUP DELAY
0.1
1.0
10.0
100.0
0
1000
2000
3000
4000
FREQUENCY (MHz)
at RF level of 0 dBm
Typical Performance Data
10.00
73.49
3.76
0.05
10.00
17.71
100.00
92.04
7.79
0.05
100.00
57.88
150.00
76.80
1.38
0.11
150.00
0.94
175.00
64.86
0.57
0.09
175.00
0.34
200.00
55.25
0.43
0.10
200.00
1.22
240.00
41.38
0.57
0.17
240.00
1.56
241.00
41.06
0.57
0.17
241.00
1.56
242.00
40.72
0.57
0.18
242.00
1.57
243.00
40.39
0.58
0.17
243.00
1.57
244.00
40.06
0.58
0.18
244.00
1.58
245.00
39.73
0.58
0.18
245.00
1.61
246.00
39.40
0.57
0.18
246.00
1.60
247.00
39.07
0.59
0.18
247.00
1.60
250.00
38.09
0.59
0.18
250.00
1.61
275.00
29.94
0.66
0.22
275.00
1.96
300.00
21.83
0.75
0.33
300.00
2.53
301.00
21.50
0.75
0.33
301.00
2.56
302.00
21.18
0.76
0.34
302.00
2.59
360.00
3.31
0.67
4.07
360.00
6.64
380.00
0.95
0.19
11.83
380.00
6.00
400.00
0.53
0.01
21.31
400.00
4.41
500.00
0.31
0.02
23.56
500.00
2.06
600.00
0.32
0.03
17.14
600.00
1.35
700.00
0.26
0.02
19.37
700.00
1.02
800.00
0.22
0.01
24.00
800.00
0.83
900.00
0.20
0.01
28.18
900.00
0.71
1000.00
0.19
0.01
29.90
1000.00
0.61
2000.00
0.27
0.02
18.44
2000.00
0.35
3000.00
0.30
0.03
17.29
3000.00
0.31
4000.00
0.34
0.01
21.10
4000.00
0.30
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.


Similar Part No. - BHP-400+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BHP-100 MINI-BHP-100 Datasheet
129Kb / 1P
   High Pass Filter 50廓 90 to 2000 MHz
BHP-100++ MINI-BHP-100+ Datasheet
129Kb / 1P
   High Pass Filter 50廓 90 to 2000 MHz
BHP-1000 MINI-BHP-1000 Datasheet
71Kb / 1P
   High Pass Filter 50廓 1000 to 3000 MHz
BHP-1000++ MINI-BHP-1000+ Datasheet
71Kb / 1P
   High Pass Filter 50廓 1000 to 3000 MHz
BHP-150 MINI-BHP-150 Datasheet
70Kb / 1P
   High Pass Filter 50廓 133 to 1000 MHz
More results

Similar Description - BHP-400+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
NHP-400 MINI-NHP-400 Datasheet
84Kb / 1P
   High Pass Filter 50廓 395 to 3200 MHz
SHP-400 MINI-SHP-400 Datasheet
163Kb / 1P
   SpecificationsHigh 50廓 395 to 3200 MHz
NHP-500 MINI-NHP-500 Datasheet
84Kb / 1P
   High Pass Filter 50廓 500 to 3200 MHz
BHP-500 MINI-BHP-500 Datasheet
127Kb / 1P
   High Pass Filter 50廓 500 to 3200 MHz
SHP-500 MINI-SHP-500 Datasheet
132Kb / 1P
   High Pass Filter 50廓 500 to 3200 MHz
HFCN-880 MINI-HFCN-880 Datasheet
117Kb / 1P
   Ceramic High Pass Filter 1060 to 3200 MHz
NHP-175 MINI-NHP-175 Datasheet
84Kb / 1P
   High Pass Filter 50廓 160 to 1200 MHz
SHP-200 MINI-SHP-200 Datasheet
129Kb / 1P
   High Pass Filter 50廓 185 to 3000 MHz
SHP-250 MINI-SHP-250 Datasheet
128Kb / 1P
   High Pass Filter 50廓 225 to 3000 MHz
BHP-250 MINI-BHP-250 Datasheet
71Kb / 1P
   High Pass Filter 50廓 225 to 3000 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com