Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS-942ME Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # ADS-942ME
Description  14-Bit, 2MHz Sampling A/D Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-942ME Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  ADS-942ME Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-942ME Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-942ME Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-942ME Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-942ME Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-942ME Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
®
®
ADS-942
3
For unipolar, adjust the zero trimpot so that the output code
flickers equally between 00 0000 0000 0000 and 00 0000
0000 0001 with CODING SELECT (pin 8) tied low (straight
binary) or between 11 1111 1111 1111 and 11 1111 1111
1110 with pin 8 tied high (complementary binary).
For bipolar operation, adjust the trimpot until the code
flickers equally between 10 0000 0000 0000 and 10 0000
0000 0001 with pin 8 tied low (offset binary) or between 01
1111 1111 1111 and 01 1111 1111 1110 with pin 8 tied high
(complementary offset binary).
Two's complement coding requires using BIT 1 OUT (MSB)
(pin 31). With pin 8 tied low, adjust the trimpot until the code
flickers between 00 0000 0000 0000 and 00 0000 0000
0001.
3. Full-Scale Adjustment
Set the output of the voltage reference used in step 2 to the
value shown in Table 2.
Table 2. Zero and Gain Adjustments
Input
Zero Adjust
Gain Adjust
Range
+1/2 LSB
FS – 1½ LSB
0 to +10V
+305µV
+9.999085V
±5V
+305µV
+4.999085V
Adjust the gain trimpot until the output code flickers equally
between 11 1111 1111 1110 and 11 1111 1111 1111 with
pin 8 tied low for straight binary/offset binary or between 00
0000 0000 0000 and 00 0000 0000 0001 with pin 8 tied high
for complementary binary/complementary offset binary.
Two’s complement coding requires using pin 31. With pin 8
tied low, adjust the gain trimpot until the output code flickers
equally between 01 1111 1111 1110 and 01 1111 1111
1111.
4. To confirm proper operation of the device, vary the precision
reference voltage source to obtain the output coding listed
in Table 3.
TECHNICAL NOTES
1. Rated performance requires using good high-frequency
circuit board layout techniques. Connect the digital and
analog grounds to one point, the analog ground plane
beneath the converter. Due to the inductance and resis-
tance of the power supply return paths, return the analog
and digital ground separately to the power supplies.
SIGNAL GROUND (pin 4) is not internally connected to
ANALOG GROUND (pins 6, 15).
2. Bypass the analog and digital supplies and the +10V REF.
OUT (pin 1) to ground with a 4.7µF, 25V tantalum electro-
lytic capacitor in parallel with a 0.1µF ceramic capacitor.
3. CODING SELECT(pin 8) is compatible with CMOS/TTL
logic levels for those users desiring logic control of this
function. There is an internal pull-up resistor on this pin;
connect to +5V or leave open for logic 1. See the Calibra-
tion Procedure for selecting an output coding.
4. To enable the three-state outputs, connect ENABLE (pin 9)
to a logic "0" (low). To disable, connect pin 9 to a logic "1"
(high).
Figure 2. ADS-942 Timing Diagram
INPUT RANGE
INPUT PIN
TIE TOGETHER
0 +10V
Pin 3
Pins 2 and 4
±5V
Pin 3
Pins 1 and 2
Table 1. Input Connections
CALIBRATION PROCEDURE
1. Connect the converter per Figure 3 and Table 1 for the
appropriate input voltage range. Apply a pulse of 35
nanoseconds minimum to START CONVERT (pin 32) at a
rate of 200kHz. This rate is chosen to reduce flicker if LED's
are used on the outputs for calibration purposes.
2. Zero Adjustments
Apply a precision voltage reference source between
ANALOG INPUT (pin 3) and SIGNAL GROUND (pin 4),
then adjust the reference source output per Table 2.
Note: Scale is approximately 25ns per division.
START
CONVERT
INTERNAL S/H
N
N+1
35ns max..
EOC
10ns typ.
15ns max.
OUTPUT
DATA
DATA N VALID
300ns min.
Hold
DATA N-1 VALID
30ns max.
35ns min., 50ns typ., 60 ns max
35ns typ.
350ns min.
150ns max.
Aquisition Time
INVALID DATA
200ns max.
Conversion Time
300ns typ., 325ns max.


Similar Part No. - ADS-942ME

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
ADS-942ME DATEL-ADS-942ME Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-942ME-C DATEL-ADS-942ME-C Datasheet
106Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADS-942ME

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS929 ETC-ADS929 Datasheet
190Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-919 MURATA-PS-ADS-919 Datasheet
187Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS-929 MURATA-PS-ADS-929 Datasheet
192Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-942A ETC1-ADS-942A Datasheet
76Kb / 6P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS-932 ETC1-ADS-932 Datasheet
173Kb / 10P
   16-Bit, 2MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-932 MURATA-PS-ADS-932 Datasheet
166Kb / 11P
   16-Bit, 2MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-117 ETC-ADS-117 Datasheet
165Kb / 6P
   12-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-944 MURATA-PS-ADS-944 Datasheet
174Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS944 ETC-ADS944 Datasheet
172Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
ADS-947 ETC-ADS-947 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com