Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS-919GC Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # ADS-919GC
Description  14-Bit, 2MHz, Low-Power Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-919GC Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  ADS-919GC Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-919GC Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-919GC Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-919GC Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-919GC Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-919GC Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-919GC Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-919GC Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
®
®
ADS-929
2
+25°C
0 to +70°C
–55 to +125°C
ANALOG INPUT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNITS
Input Voltage Range 
±5
±5
±5
Volts
Input Resistance
1
1
1
k
Input Capacitance
7
15
7
15
7
15
pF
DIGITAL INPUT
Logic Levels
Logic "1"
+2.0
+2.0
+2.0
Volts
Logic "0"
+0.8
+0.8
+0.8
Volts
Logic Loading "1"
+20
+20
+20
µA
Logic Loading "0"
–20
–20
–20
µA
Start Convert Positive Pulse Width Ž
20
200
20
200
20
200
ns
STATIC PERFORMANCE
Resolution
14
14
14
Bits
Integral Nonlinearity (fin = 10kHz)
±0.5
±0.75
±1
LSB
Differential Nonlinearity (fin = 10kHz)
±0.5
±0.95
±0.5
±0.95
±0.5
±0.99
LSB
Full Scale Absolute Accuracy
±0.05
±0.15
±0.15
±0.4
±0.3
±0.5
%FSR
Bipolar Zero Error (Tech Note 2)
±0.05
±0.15
±0.1
±0.25
±0.4
±0.75
%FSR
Bipolar Offset Error (Tech Note 2)
±0.05
±0.15
±0.15
±0.4
±0.4
±0.95
%FSR
Gain Error (Tech Note 2)
±0.1
±0.3
±0.3
±0.5
±0.5
±1.25
%
No Missing Codes (fin = 10kHz)
14
14
14
Bits
DYNAMIC PERFORMANCE
Peak Harmonics (–0.5dB)
dc to 500kHz
–80
–75
–80
–75
–79
–74
dB
500kHz to 1MHz
–80
–74
–80
–74
–74
–67
dB
Total Harmonic Distortion (–0.5dB)
dc to 500kHz
–79
–74
–79
–74
–77
–72
dB
500kHz to 1MHz
–79
–74
–79
–74
–72
–67
dB
Signal-to-Noise Ratio
(w/o distortion, –0.5dB)
dc to 500kHz
76
78
76
78
75
77
dB
500kHz to 1MHz
75
77
75
77
74
76
dB
Signal-to-Noise Ratio 
(& distortion, –0.5dB)
dc to 500kHz
72
75
72
75
71
74
dB
500kHz to 1MHz
70
75
70
75
67
73
dB
Two-Tone Intermodulation
Distortion (fin = 200kHz,
500kHz, fs = 2MHz, –0.5dB)
–83
–82
–80
dB
Noise
300
450
600
µVrms
Input Bandwidth (–3dB)
Small Signal (–20dB input)
9
9
9
MHz
Large Signal (–0.5dB input)
8
8
8
MHz
Feedthrough Rejection (fin = 1MHz)
82
82
82
dB
Slew Rate
±200
±200
±200
V/µs
Aperture Delay Time
±20
±20
±20
ns
Aperture Uncertainty
5
5
5
ps rms
S/H Acquisition Time
(to ±0.003%FSR, 10V step)
150
190
230
150
190
230
150
190
230
ns
Overvoltage Recovery Time 
400
500
400
500
400
500
ns
A/D Conversion Rate
2
2
2
MHz
ABSOLUTE MAXIMUM RATINGS
PARAMETERS
LIMITS
UNITS
+12V/+15V Supply (Pin 22)
0 to +16
Volts
–12V/–15V Supply (pin 24)
0 to –16
Volts
+5V Supply (Pin 13)
0 to +6
Volts
Digital Input (Pin 16)
–0.3 to +VDD +0.3
Volts
Analog Input (Pin 20)
±15
Volts
Lead Temperature (10 seconds)
+300
°C
PHYSICAL/ENVIRONMENTAL
PARAMETERS
MIN.
TYP.
MAX.
UNITS
Operating Temp. Range, Case
ADS-929MC, GC
0
+70
°C
ADS-929MM, GM, 883
–55
+125
°C
Thermal Impedance
θjc
6
°C/Watt
θca
24
°C/Watt
Storage Temperature
–65
+150
°C
Package Type
24-pin, metal-sealed, ceramic DDIP or SMT
Weight
0.42 ounces (12 grams)
FUNCTIONAL SPECIFICATIONS
(TA = +25°C, ±VCC = ±15V (or ±12V), +VDD = +5V, 2MHz sampling rate, and a minimum 1 minute warmup Œ unless otherwise specified.)


Similar Part No. - ADS-919GC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-919GC ETC-ADS-919GC Datasheet
190Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-919GC MURATA-PS-ADS-919GC Datasheet
187Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
DATEL, Inc.
ADS-919GC DATEL-ADS-919GC Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-919GC-C DATEL-ADS-919GC-C Datasheet
105Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADS-919GC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS929 ETC-ADS929 Datasheet
190Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-919 MURATA-PS-ADS-919 Datasheet
187Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-942A ETC1-ADS-942A Datasheet
76Kb / 6P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-942 MURATA-PS-ADS-942 Datasheet
79Kb / 6P
   14-Bit, 2MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-117 ETC-ADS-117 Datasheet
165Kb / 6P
   12-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-117 MURATA-PS-ADS-117 Datasheet
153Kb / 6P
   12-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-932 ETC1-ADS-932 Datasheet
173Kb / 10P
   16-Bit, 2MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-932 MURATA-PS-ADS-932 Datasheet
166Kb / 11P
   16-Bit, 2MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-926 MURATA-PS-ADS-926 Datasheet
153Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com