Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS-916MM Datasheet(PDF) 7 Page - Murata Power Solutions Inc.

Part # ADS-916MM
Description  14-Bit, 500kHz, Low-Power Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-916MM Datasheet(HTML) 7 Page - Murata Power Solutions Inc.

  ADS-916MM Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-916MM Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-916MM Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-916MM Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-916MM Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-916MM Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-916MM Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-916MM Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
®
®
ADS-916
7
Figure 6. ADS-916 FFT Analysis
Figure 7. ADS-916 Histogram and Differential Nonlinearity
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
0
25
50
75
100
125
150
175
200
225
250
Frequency (kHz)
(fs = 500kHz, fin = 240kHz, Vin = –0.5dB, 16,384-point FFT)
0
Digital Output Code
0
16,384
+0.34
0
–0.33
16,384
DNL (LSB's)
Digital Output Code


Similar Part No. - ADS-916MM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-916MM ETC-ADS-916MM Datasheet
151Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
ADS-916MM ETC-ADS-916MM Datasheet
187Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-916MM MURATA-PS-ADS-916MM Datasheet
153Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
DATEL, Inc.
ADS-916MM DATEL-ADS-916MM Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-916MM-C DATEL-ADS-916MM-C Datasheet
106Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADS-916MM

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-926 MURATA-PS-ADS-926 Datasheet
153Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-916 ETC-ADS-916 Datasheet
187Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
ADS-926 ETC-ADS-926 Datasheet
151Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-928 MURATA-PS-ADS-928 Datasheet
1Mb / 4P
   500kHz, 14-Bit Sampling A/D Converters
logo
List of Unclassifed Man...
ADS950 ETC-ADS950 Datasheet
184Kb / 6P
   18-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-930 ETC1-ADS-930 Datasheet
603Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS929 ETC-ADS929 Datasheet
190Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-919 MURATA-PS-ADS-919 Datasheet
187Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com