Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ACT10DB Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ACT10DB
Description  TRIPLE 3-INPUT POSITIVE-NAND GATES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT10DB Datasheet(HTML) 1 Page - Texas Instruments

  SN74ACT10DB Datasheet HTML 1Page - Texas Instruments SN74ACT10DB Datasheet HTML 2Page - Texas Instruments SN74ACT10DB Datasheet HTML 3Page - Texas Instruments SN74ACT10DB Datasheet HTML 4Page - Texas Instruments SN74ACT10DB Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SN54ACT10, SN74ACT10
TRIPLE 3-INPUT POSITIVE-NAND GATES
SCAS526A – AUGUST 1995 – REVISED APRIL 1996
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Inputs Are TTL-Voltage Compatible
D EPIC ™ (Enhanced-Performance Implanted
CMOS) 1-
µm Process
D Package Options Include Plastic
Small-Outline (D), Shrink Small-Outline
(DB), and Thin Shrink Small-Outline (PW)
Packages, Ceramic Chip Carriers (FK) and
Flatpacks (W), and Standard Plastic (N) and
Ceramic (J) DIPS
description
The ’ACT10 contain three independent 3-input
NAND gates. The devices perform the Boolean
functions Y = A
• B • C or Y = A + B + C in positive
logic.
The SN54ACT10 is characterized for operation
over the full military temperature range of – 55
°C
to 125
°C. The SN74ACT10 is characterized for
operation from – 40
°C to 85°C.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
C
Y
H
H
H
L
L
XX
H
X
LX
H
X
X
L
H
logic symbol
logic diagram, each gate (positive logic)
1
1A
2
1B
1Y
12
13
1C
2Y
6
3Y
8
&
3
2A
4
2B
5
2C
11
3A
10
3B
9
3C
12
1Y
1A
1B
1C
6
2Y
2A
2B
2C
8
3Y
3A
3B
3C
1
2
13
3
4
5
11
10
9
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
Pin numbers shown are for the D, DB, J, N, PW, and W packages.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN54ACT10 ... J OR W PACKAGE
SN74ACT10 ... D, DB, N, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
2A
2B
2C
2Y
GND
VCC
1C
1Y
3A
3B
3C
3Y
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
1Y
NC
3A
NC
3B
2A
NC
2B
NC
2C
SN54ACT10 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1996, Texas Instruments Incorporated
EPIC is a trademark of Texas Instruments Incorporated.


Similar Part No. - SN74ACT10DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT10DBLE TI1-SN74ACT10DBLE Datasheet
1Mb / 19P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN74ACT10DBR TI-SN74ACT10DBR Datasheet
692Kb / 17P
[Old version datasheet]   TRIPLE-3-INPUT PSITIVE-NAND GATES
SN74ACT10DBR TI1-SN74ACT10DBR Datasheet
1Mb / 19P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
More results

Similar Description - SN74ACT10DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS10A TI-SN54ALS10A_08 Datasheet
665Kb / 16P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Renesas Technology Corp
HD74LS10 RENESAS-HD74LS10 Datasheet
65Kb / 6P
   Triple 3-Input Positive NAND Gates
logo
Texas Instruments
SN54HC10 TI-SN54HC10 Datasheet
76Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Potato Semiconductor Co...
PO74G10A POTATO-PO74G10A_14 Datasheet
1Mb / 5P
   TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Texas Instruments
CD74ACT10 TI1-CD74ACT10_14 Datasheet
806Kb / 12P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54AC10 TI1-SN54AC10_15 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54ACT10 TI1-SN54ACT10_15 Datasheet
1Mb / 19P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
54ACT11010 TI1-54ACT11010_09 Datasheet
80Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN5410 TI-SN5410 Datasheet
597Kb / 14P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Hitachi Semiconductor
HD74LV10A HITACHI-HD74LV10A Datasheet
54Kb / 12P
   Triple 3-input Positive NAND Gates
logo
Texas Instruments
SN54ALS10A TI-SN54ALS10A Datasheet
95Kb / 6P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com