Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC60UT1 Datasheet(PDF) 4 Page - XP Power Limited

Part # CPC60UT1
Description  Triple Output Switchers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CPC60UT1 Datasheet(HTML) 4 Page - XP Power Limited

  CPC60UT1 Datasheet HTML 1Page - XP Power Limited CPC60UT1 Datasheet HTML 2Page - XP Power Limited CPC60UT1 Datasheet HTML 3Page - XP Power Limited CPC60UT1 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.xpplc.com
sales@xpplc.com
Loom Kit - 15 Watt Models
Loom Kit - 30 Watt Models
Loom Kit - 60 Watt Models
LOOM KITS
CPC
Pin No.
Wire Gauge
Colour
Input
1
0.5 mm
Brown
L
2-
-
-
3
0.5 mm
Blue
N
4-
-
-
5
0.5 mm
Grn/Yel
E
Pin No.
Wire Gauge
Colour
Output
1 & 2
22 AWG
Red
V 1
3 & 4
22 AWG
Black
G 1
5
22 AWG
Yellow
V 2
6 & 7
22 AWG
Black
G 2
8
22 AWG
Grey
V 3
1
2
3
4
5
6
1
2
3
4
5
6
7
8
1
2
3
4
5
1
2
3
4
5
1
2
3
4
5
1
2
3
4
5
6
7
8
11.81” (300 mm)
Input Connector
Output Connector
11.81” (300 mm)
11.81” (300 mm)
Input Connector
Input Connector
Output Connector
Output Connector
11.81” (300 mm)
11.81” (300mm)
11.81” (300 mm)
Order as CPC 15 Loom KT
Order as CPC 30 Loom KT
Order as CPC 60 Loom KT
Pin No.
Wire Gauge
Colour
Input
1
0.5 mm
Brown
L
2-
-
-
3
0.5 mm
Blue
N
4-
-
-
5
0.5 mm
Grn/Yel
E
Pin No.
Wire Gauge
Colour
Output
1
0.5 mm
Grey
V 3
2 & 3
0.5 mm
Black
G 2
4
0.5 mm
Yellow
V 2
5
0.5 mm
Black
G 1
6
0.5 mm
Red
V 1
Pin No.
Wire Gauge
Colour
Output
1 & 2
0.5 mm
Grey
V 3
2 & 3
0.5 mm
Black
G 2
4
0.5 mm
Yellow
V 2
5 & 6
0.5 mm
Black
G 1
7 & 8
0.5 mm
Red
V 1
Pin No.
Wire Gauge
Colour
Input
1
0.5 mm
Brown
L
2-
-
-
3
0.5 mm
Blue
N
4-
-
-
5
0.5 mm
Grn/Yel
E
Rev 2.0


Similar Part No. - CPC60UT1

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CPC60AFC SENSORTECHNICS-CPC60AFC Datasheet
83Kb / 6P
   Precision compensated pressure sensors / mV-output
CPC60DFC SENSORTECHNICS-CPC60DFC Datasheet
83Kb / 6P
   Precision compensated pressure sensors / mV-output
More results

Similar Description - CPC60UT1

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7606F ROHM-BA7606F Datasheet
160Kb / 5P
   Triple Circuits Video Signal Switchers
BA7603F ROHM-BA7603F Datasheet
148Kb / 5P
   Triple Circuits Video Signal Switchers
BA7607F ROHM-BA7607F Datasheet
153Kb / 5P
   Triple Circuits Video Signal Switchers
BA7602F ROHM-BA7602F_08 Datasheet
883Kb / 9P
   Triple Circuits Video Signal Switchers
BA7627FV ROHM-BA7627FV Datasheet
213Kb / 5P
   Triple Circuits Video Signal Switchers
BA7606F ROHM-BA7606F Datasheet
165Kb / 5P
   Triple Circuits Video Signal Switchers
BA7607F ROHM-BA7607F Datasheet
159Kb / 5P
   Triple Circuits Video Signal Switchers
logo
XP Power Limited
CPP15US05 XPPOWER-CPP15US05 Datasheet
992Kb / 6P
   Single Output Enclosed Switchers
logo
Rohm
BA7657F ROHM-BA7657F_1 Datasheet
211Kb / 6P
   Broadband Triple Circuits Video Signal Switchers
BH7659FS ROHM-BH7659FS Datasheet
264Kb / 5P
   Broadband Triple Circuits Video Signal Switchers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com