Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFA9812HN Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TFA9812HN
Description  BTL stereo Class-D audio amplifier with I2S input
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TFA9812HN Datasheet(HTML) 5 Page - NXP Semiconductors

  TFA9812HN Datasheet HTML 1Page - NXP Semiconductors TFA9812HN Datasheet HTML 2Page - NXP Semiconductors TFA9812HN Datasheet HTML 3Page - NXP Semiconductors TFA9812HN Datasheet HTML 4Page - NXP Semiconductors TFA9812HN Datasheet HTML 5Page - NXP Semiconductors TFA9812HN Datasheet HTML 6Page - NXP Semiconductors TFA9812HN Datasheet HTML 7Page - NXP Semiconductors TFA9812HN Datasheet HTML 8Page - NXP Semiconductors TFA9812HN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
6.
Block diagram
Fig 1.
TFA9812 block diagram
15
16, 17
18, 19
10, 11
25
23, 24
26, 27
VDDP
VSSP1
22
BOOT1P
VDDP
OUT1P
VSSP2
BOOT1N
OUT1N
STAB1
BOOT2P
STAB1
CONTROL
LOGIC
20, 21
DRIVER
HIGH
12
13, 14
VDDP
VSSP2
VDDP
OUT2P
VSSP2
BOOT2N
OUT2N
STAB2
STAB2
XTALIN
XTALOUT
MCLK
REFERENCES
PROTECTION
OVP
UVP
OCP
OTP
ODP
WP
CDELAY
DIAG
1
2
47
31
39
41
42
45
TFA9812
010aaa217
CONTROL
LOGIC
DRIVER
HIGH
DRIVER
LOW
DRIVER
LOW
CONTROL
LOGIC
CONTROL
LOGIC
DRIVER
HIGH
DRIVER
LOW
DRIVER
HIGH
DRIVER
LOW
PWM
CONTROLLER
PWM
CONTROLLER
CONTROL
INTERFACE
REGISTER
ADDRESS
HEX 01
PHASED
LOCKED
LOOP
THERMAL
FOLDBACK
OSCILLATOR
ADC
10
34
35
36
37
38
POWERUP
SDA/MS
GAIN
33
ENABLE
CSEL
ADSEL2/PLIM2
ADSEL1/PLIM1
SCL/SFOR
STABD
REFD
STABA
REFA
30
29
48
8
EXPOSED DIE PADDLE VSS1
VSS2
46
45
44
BCK
WS
DATA
CSEL
TEST1
TEST2
AVOL
VDDD(3V3)
VDDA(3V3)
VDDA
743
32
40
3
6
9
28
CLOCK
PROTECTION
LP
UFP
OFP
IBP
SERIAL
AUDIO
INTERFACE
10-BAND
PARAMETRIC
EQUALIZER
VOLUME
CONTROL
AND SOFT
MUTE
INTER-
POLATION
FILTER AND
DE-EMPHASIS
POWER
LIMITER
GAIN


Similar Part No. - TFA9812HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TFA9812HN NXP-TFA9812HN Datasheet
384Kb / 66P
   BTL stereo Class-D audio amplifier with I2S input
Rev. 01-30 October 2008
More results

Similar Description - TFA9812HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TFA9812 NXP-TFA9812 Datasheet
384Kb / 66P
   BTL stereo Class-D audio amplifier with I2S input
Rev. 01-30 October 2008
TFA9882 PHILIPS-TFA9882_15 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
TFA9882 NXP-TFA9882 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
logo
Realtek Semiconductor C...
ALC5626 REALTEK-ALC5626 Datasheet
931Kb / 55P
   I2S AUDIO DAC HEADPHONE AND STEREO CLASS-AB/D SPEAKER AMPLIFIER
logo
Jiaxing Heroic Technolo...
HT560 HEROIC-HT560 Datasheet
615Kb / 5P
   2*30W I2S Input Stereo Class D Amplifiera
logo
Elite Semiconductor Mem...
AD62550A ESMT-AD62550A Datasheet
248Kb / 3P
   Class-D Audio Power Amplifier with USB / I2S Interface
logo
Texas Instruments
TPA3144D2 TI1-TPA3144D2 Datasheet
1Mb / 40P
[Old version datasheet]   6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
TPA3140D2 TI1-TPA3140D2 Datasheet
1Mb / 40P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
logo
Lyontek Inc.
LY8271A LYONTEK-LY8271A_17 Datasheet
666Kb / 19P
   16Wx2(BTL) Stereo / 20Wx1(PBTL) Mono Class D Audio Amplifier
logo
Monolithic Power System...
MP7751 MPS-MP7751 Datasheet
903Kb / 19P
   26V, 2x20W Stereo BTL Fix Frequency Class D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com