Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1742T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TEA1742T
Description  GreenChip PFC controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1742T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TEA1742T Datasheet HTML 3Page - NXP Semiconductors TEA1742T Datasheet HTML 4Page - NXP Semiconductors TEA1742T Datasheet HTML 5Page - NXP Semiconductors TEA1742T Datasheet HTML 6Page - NXP Semiconductors TEA1742T Datasheet HTML 7Page - NXP Semiconductors TEA1742T Datasheet HTML 8Page - NXP Semiconductors TEA1742T Datasheet HTML 9Page - NXP Semiconductors TEA1742T Datasheet HTML 10Page - NXP Semiconductors TEA1742T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TEA1742T_1
© NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 01 — 10 February 2009
7 of 17
NXP Semiconductors
TEA1742T
GreenChip PFC controller
7.2.2 Valley switching and demagnetization (PFCAUX pin)
The PFC MOSFET is switched on after the transformer is demagnetized. Internal circuitry
connected to the PFCAUX pin detects the end of the secondary stroke. It also detects the
voltage across the PFC MOSFET. The next stroke is started if the voltage across the PFC
MOSFET is at its minimum in order to reduce switching losses and ElectroMagnetic
Interference (EMI) (valley switching).
If no demagnetization signal is detected on the PFCAUX pin, the controller generates a
Zero Current Signal (ZCS), 50 ms (typ) after the last PFCGATE signal.
If no valley signal is detected on the PFCAUX pin, the controller generates a valley signal
4 ms (typ) after demagnetization was detected.
To protect the internal circuitry, for example during lightning events, it is advisable to add a
5k
Ω series resistor to this pin. To prevent incorrect switching due to external disturbance,
the resistor should be placed close to the IC on the printed circuit board.
7.2.3 Frequency limitation
To optimize the transformer and minimize switching losses, the switching frequency is
limited to fsw(PFC)max. If the frequency for quasi-resonant operation is above the fsw(PFC)max
limit, the system switches over to discontinuous conduction mode. Also here, the PFC
MOSFET is only switched on at a minimum voltage across the switch (valley switching).
7.2.4 Mains voltage compensation (VINSENSE pin)
The mathematical equation for the transfer function of a power factor corrector contains
the square of the mains input voltage. In a typical application this results in a low
bandwidth for low mains input voltages, while at high mains input voltages the Mains
Harmonic Reduction (MHR) requirements may be hard to meet.
To compensate for the mains input voltage influence, the TEA1742T contains a correction
circuit. Via the VINSENSE pin the average input voltage is measured and the information
is fed to an internal compensation circuit. With this compensation it is possible to keep the
regulation loop bandwidth constant over the full mains input range, yielding a fast transient
response on load steps, while still complying with class-D MHR requirements.
In a typical application, the bandwidth of the regulation loop is set by a resistor and two
capacitors on the PFCCOMP pin.
7.2.5 Soft start-up (pin PFCSENSE)
To prevent audible transformer noise at start-up or during hiccup, the transformer peak
current, IDM, is increased slowly by the soft start function. This can be achieved by
inserting RSS1 and CSS1 between pin PFCSENSE and current sense resistor RSENSE1.
An internal current source charges the capacitor to VPFCSENSE =Istart(soft)PFC × RSS1. The
voltage is limited to Vstart(soft)PFC.
The start level and the time constant of the increasing primary current level can be
adjusted externally by changing the values of RSS1 and CSS1.
τsoftstart
3
R
SS1
C
SS1
×
×
=


Similar Part No. - TEA1742T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1703T NXP-TEA1703T Datasheet
231Kb / 15P
   GreenChip SMPS standby control IC
Rev. 2.3-28 April 2011
TEA1703TS PHILIPS-TEA1703TS Datasheet
342Kb / 15P
   GreenChip SMPS standby control IC
Rev. 1-7 June 2012
TEA1705 NXP-TEA1705 Datasheet
116Kb / 11P
   GreenChip SMPS transient controller
Rev. 2-12 December 2013
TEA1708T PHILIPS-TEA1708T Datasheet
116Kb / 11P
   GreenChip X capacitor discharge IC
Rev. 1-25 September 2013
TEA1708T NXP-TEA1708T Datasheet
210Kb / 12P
   GreenChip X capacitor discharge IC
Rev. 1.1 ??6 April 2020
More results

Similar Description - TEA1742T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL8516BT PHILIPS-SSL8516BT Datasheet
329Kb / 35P
   Greenchip PFC and flyback controller
Rev. 1-26 May 2015
SSL8516T NXP-SSL8516T Datasheet
306Kb / 33P
   Greenchip PFC and flyback controller
Rev. 1-5 May 2014
AN11486 PHILIPS-AN11486_15 Datasheet
464Kb / 53P
   GreenChip SSL8516T PFC and flyback controller
Rev. 1-17 July 2014
AN11142 NXP-AN11142 Datasheet
970Kb / 56P
   GreenChip TEA1755 integrated PFC and flyback controller
Rev. 2 - 13 September 2017
AN11054 PHILIPS-AN11054_15 Datasheet
752Kb / 27P
   GreenChip III SSL4101 integrated PFC and flyback controller
Rev. 1-13 May 2011
TEA1792ATS NXP-TEA1792ATS Datasheet
324Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 August 2012
TEA1761T NXP-TEA1761T Datasheet
83Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 02-25 April 2007
TEA1705 NXP-TEA1705 Datasheet
116Kb / 11P
   GreenChip SMPS transient controller
Rev. 2-12 December 2013
TEA1998TS NXP-TEA1998TS Datasheet
230Kb / 18P
   GreenChip synchronous rectifier controller
Rev. 1-16 February 2017
TEA2093TS NXP-TEA2093TS Datasheet
273Kb / 19P
   GreenChip synchronous rectifier controller
Rev. 1 ??7 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com