Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9984A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA9984A
Description  HDMI 1.3 transmitter with 1080p upscaler embedded
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9984A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA9984A Datasheet HTML 2Page - NXP Semiconductors TDA9984A Datasheet HTML 3Page - NXP Semiconductors TDA9984A Datasheet HTML 4Page - NXP Semiconductors TDA9984A Datasheet HTML 5Page - NXP Semiconductors TDA9984A Datasheet HTML 6Page - NXP Semiconductors TDA9984A Datasheet HTML 7Page - NXP Semiconductors TDA9984A Datasheet HTML 8Page - NXP Semiconductors TDA9984A Datasheet HTML 9Page - NXP Semiconductors TDA9984A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
TDA9984A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 15 January 2009
6 of 40
NXP Semiconductors
TDA9984A
HDMI 1.3 transmitter with 1080p upscaler embedded
AP2
9
I
audio port 2 input
AP1
10
I
audio port 1 input
AP0
11
I
audio port 0 input
ACLK
12
I
audio clock input
VDDD(3V3)
13
P
digital supply voltage for I/O ports (3.3 V)
VSSD
14
G
digital ground for I/O ports
VSSA(PLL)(1V8)
15
G
analog ground for PLL
VDDA(PLL)(1V8)
16
P
PLL analog supply voltage (1.8 V)
INT
17
O
interrupt output; warns the external microprocessor that
a special event has occurred
HPD
18
I
hot plug detect input; 5 V tolerant
DDC_SDA
19
I/O
DDC
-bus data input/output; 5 V tolerant
DDC_SCL
20
I
DDC
-bus clock input; 5 V tolerant
TM
21
I
internal test mode input; connect to ground
VSSA(FRO)(3V3)
22
G
analog ground for free running oscillator
VDDA(FRO)(3V3)
23
P
analog supply voltage for free running oscillator (3.3 V)
EXT_SWING
24
I
swing adjust input for TMDS output; a fixed resistor must
be connected to VDDH(3V3)
VSSH
25
G
ground for TMDS (HDMI) transmitter
TXC
26
O
negative clock channel for TMDS output
TXC+
27
O
positive clock channel for TMDS output
VDDH(3V3)
28
P
supply voltage for TMDS (HDMI) transmitter (3.3 V)
TX0
29
O
negative data channel 0 for TMDS output
TX0+
30
O
positive data channel 0 for TMDS output
VSSH
31
G
ground for TMDS (HDMI) transmitter
TX1
32
O
negative data channel 1 for TMDS output
TX1+
33
O
positive data channel 1 for TMDS output
VDDH(3V3)
34
P
supply voltage for TMDS (HDMI) transmitter (3.3 V)
TX2
35
O
negative data channel 2 for TMDS output
TX2+
36
O
positive data channel 2 for TMDS output
VSSH
37
G
ground for TMDS (HDMI) transmitter
VDDA(PLL)(3V3)
38
P
analog supply voltage for PLL (3.3 V)
VSSA(PLL)(3V3)
39
G
analog ground for PLL
A1
40
I
I2C-bus slave address bit 1 input
A0
41
I
I2C-bus slave address bit 0 input
RST_N
42
I
hard reset input; active LOW
I2C_SCL
43
I
I2C-bus clock input
I2C_SDA
44
I/O
I2C-bus data input/output
VDDA(PLL)(1V8)
45
P
PLL analog supply voltage (1.8 V)
VSSA(PLL)(1V8)
46
G
analog ground for PLL
VSSD
47
G
digital ground for I/O ports
Table 3.
Pin description …continued
Symbol
Pin
Type[1]
Description


Similar Part No. - TDA9984A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9984A NXP-TDA9984A Datasheet
204Kb / 40P
   HDMI 1.3 transmitter with 1080p upscaler embedded
Rev. 04-15 January 2009
TDA9984AHW NXP-TDA9984AHW Datasheet
204Kb / 40P
   HDMI 1.3 transmitter with 1080p upscaler embedded
Rev. 04-15 January 2009
More results

Similar Description - TDA9984A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9984A NXP-TDA9984A Datasheet
204Kb / 40P
   HDMI 1.3 transmitter with 1080p upscaler embedded
Rev. 04-15 January 2009
logo
Analog Devices
ADV7510BSTZ-P AD-ADV7510BSTZ-P Datasheet
60Kb / 2P
   Deep Color HDMI 1.3 Transmitter with CEC
Rev. SpA
logo
Tripp Lite. All Rights ...
P142-06N-SC4K TRIPPLITE-P142-06N-SC4K Datasheet
495Kb / 2P
   HDMI 4K x 2K UHD Upscaler
logo
List of Unclassifed Man...
SII9134 ETC2-SII9134 Datasheet
870Kb / 2P
   HDMI 1.3 Transmitter with Deep Color, High Bit-Rate HD Audio Support
logo
Silicon image
SII9020 SILICONIMAGE-SII9020 Datasheet
173Kb / 2P
   HDMI Transmitter
SII9022A SILICONIMAGE-SII9022A Datasheet
1Mb / 2P
   HDMI Transmitter
logo
ESS Technology,Inc
ES7120 ESS-ES7120 Datasheet
44Kb / 2P
   HDMI Transmitter
logo
Silicon image
SII9024A SILICONIMAGE-SII9024A Datasheet
1Mb / 2P
   HDMI Transmitter
logo
Tripp Lite. All Rights ...
P142000MINI TRIPPLITE-P142000MINI Datasheet
493Kb / 2P
   HDMI to Mini HDMI Adapter, 1080p (F-M)
logo
Bourns Electronic Solut...
CDDFN10-0524P BOURNS-CDDFN10-0524P Datasheet
739Kb / 1P
   HDMI 1.3 - ESD & Overcurrent Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com