Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9951 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TDA9951
Description  CEC/I2C-bus translator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9951 Datasheet(HTML) 1 Page - NXP Semiconductors

  TDA9951 Datasheet HTML 1Page - NXP Semiconductors TDA9951 Datasheet HTML 2Page - NXP Semiconductors TDA9951 Datasheet HTML 3Page - NXP Semiconductors TDA9951 Datasheet HTML 4Page - NXP Semiconductors TDA9951 Datasheet HTML 5Page - NXP Semiconductors TDA9951 Datasheet HTML 6Page - NXP Semiconductors TDA9951 Datasheet HTML 7Page - NXP Semiconductors TDA9951 Datasheet HTML 8Page - NXP Semiconductors TDA9951 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
1.
General description
The TDA9951 is a single-chip Consumer Electronics Control (CEC) to I2C-bus translator
dedicated to the control and interfacing Consumer Electronics products. The built-in
processor simplifies Consumer Electronics (CE) product CPU design by managing a
range of interfacing and control functions including the CEC protocol, timings and
interrupts. Designed as an I2C-bus slave device the TDA9951 enables control of these
features to any I2C-bus master device such as the CE host processor.
This data sheet describes the I2C-bus interface, together with the control and
management features of the TDA9951. The TDA9951 is an enhancement of the
TDA9950.
2.
Features
I CEC support:
N Receive and transmit messages using compliant signal free time handling
N Up to 16 bytes message length
N Multiple logical addresses
N Comprehensive arbitration and collision handling
I Dedicated processor control of CEC-line and I2C-bus interface utilizing embedded
software
I I2C-bus interface to host communication in Standard mode (100 kbit/s) and Fast mode
(400 kbit/s)
I Automatic Idle mode reduces power consumption if no messages are on CEC-line and
I2C-bus plus
I Managed Standby and Wake-up power modes
I Active LOW reset input and on-chip Power-On Reset (POR) enables operation without
external reset components
I Reset counter and reset glitch circuitry prevents false and incomplete resets
I Programmable on-chip retry counter
I Controls specific Vacuum Fluorescent Display (VFD) devices and/or up to four LEDs
I Decode up to 10 panel switches
I Decode infrared protocol RC5, RC5 enlarged and RC6 Mode 0
I Battery operation detection maintains clock and calendar in low power mode
I Provides real-time clock features including time-of-day alarm and periodic timer
I VDD operating range 3.0 V to 3.6 V
I 5 V tolerant input/output pins
I On-chip oscillator for a 12 MHz crystal
I Schmitt trigger port inputs
TDA9951
CEC/I2C-bus translator
Rev. 01 — 7 August 2008
Product data sheet


Similar Part No. - TDA9951

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9950 NXP-TDA9950 Datasheet
425Kb / 22P
   CEC/I2C-bus translator
Rev. 02-22 October 2009
TDA9950TT NXP-TDA9950TT Datasheet
425Kb / 22P
   CEC/I2C-bus translator
Rev. 02-22 October 2009
TDA9952 PHILIPS-TDA9952 Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA9952HL PHILIPS-TDA9952HL Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA9952HN PHILIPS-TDA9952HN Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
More results

Similar Description - TDA9951

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9950 NXP-TDA9950 Datasheet
425Kb / 22P
   CEC/I2C-bus translator
Rev. 02-22 October 2009
logo
Global Mixed-mode Techn...
G3403 GMT-G3403 Datasheet
39Kb / 1P
   Bidirectional I2C Bus and SMBus Voltage Level Translator
logo
Unisonic Technologies
UCA9306 UTC-UCA9306 Datasheet
233Kb / 9P
   DUAL BIDIRECTIONAL I2C BUS SMBUS VOLTAGE-LEVEL TRANSLATOR
logo
Texas Instruments
PCA9306 TI-PCA9306_08 Datasheet
431Kb / 16P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Global Mixed-mode Techn...
G3401 GMT-G3401 Datasheet
46Kb / 1P
   Dual Bidirectional I2C Bus and SMBus Voltage- Level Translator
logo
Texas Instruments
PCA9306-Q1 TI1-PCA9306-Q1 Datasheet
217Kb / 12P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212 Datasheet
397Kb / 11P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
logo
ON Semiconductor
PCA9306AMUTCG ONSEMI-PCA9306AMUTCG Datasheet
185Kb / 12P
   Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2013 ??Rev. 5
logo
NXP Semiconductors
PCA9306_1011 NXP-PCA9306_1011 Datasheet
504Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
PCA9306 PHILIPS-PCA9306 Datasheet
123Kb / 21P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 02-21 February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com