Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9951 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA9951
Description  CEC/I2C-bus translator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9951 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA9951 Datasheet HTML 5Page - NXP Semiconductors TDA9951 Datasheet HTML 6Page - NXP Semiconductors TDA9951 Datasheet HTML 7Page - NXP Semiconductors TDA9951 Datasheet HTML 8Page - NXP Semiconductors TDA9951 Datasheet HTML 9Page - NXP Semiconductors TDA9951 Datasheet HTML 10Page - NXP Semiconductors TDA9951 Datasheet HTML 11Page - NXP Semiconductors TDA9951 Datasheet HTML 12Page - NXP Semiconductors TDA9951 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
TDA9951_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 7 August 2008
9 of 41
NXP Semiconductors
TDA9951
CEC/I2C-bus translator
Using ACKH and ACKL, each bit of ADDR[14:0] corresponds to a CEC logical address.
CEC reserves ADDR[15] as a broadcast address. ADDR[14:0] is built-up from ACKH[6:0]
and ACKL[7:0].
Communication between the TDA9951 and the host processor for the data registers is
carried out using information frames transferred using the common data register
subaddress range 07h to 19h. The common data registers CDR0 to CDR18 are described
in detail in Section 8.5.
8.5 Data register protocol
Before a frame is read or written, the host processor must set the REG_PTR field in the
address pointer register to the base data register address. Message transfers can only
start from the first data register at address 07h. They must not start from higher addresses
because message transfer must be in complete sequences and not in fragments.
Each frame consists of a byte count, service selector, followed by zero or more
parameters as shown in Figure 3.
Table 12.
ACKL - CEC address ACK low register (address 05h) bit description
Bit
Symbol
Access
Value
Description
7 to 0
reserved
R/W
for each bit:
0
messages are not acknowledged
1
messages are acknowledged and forwarded to
the host
Table 13.
ADDR[14:0] definition
Bit
7
6
5
4
3
2
1
0
ACKH
-
ADDR[14] ADDR[13] ADDR[12] ADDR[11] ADDR[10] ADDR[9] ADDR[8]
ACKL
ADDR[7]
ADDR[6]
ADDR[5]
ADDR[4]
ADDR[3]
ADDR[2]
ADDR[1] ADDR[0]
Table 14.
CCONR - Common configuration register (address 06h) bit description
Bit
Symbol
Access
Value
Description
7 to 5
not used
R
000
not used; set to 000
4
ENABLE_
ERROR
R/W
controls how the TDA9951 notifies the host
processor of errors:
0
default; errors are not reported using the
TDA9951 Data.err service or common error
register
1
errors reported using the TDA9951 Data.err
service or common error register
3
INT_POL
R/W
sets the polarity of the INT output when it is active:
0
default; the I2C_INT output is active-LOW
1
the I2C_INT output is active-HIGH
2 to 0
RETRY[2:0]
R/W
these bits set the CEC retry count used by the
TDA9951. The maximum value is 5; values greater
than 5 give 5 retries:
0 to 4
valid retry count
5
default; maximum valid retry count
6 to 7
accepted as 5 retries


Similar Part No. - TDA9951

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9950 NXP-TDA9950 Datasheet
425Kb / 22P
   CEC/I2C-bus translator
Rev. 02-22 October 2009
TDA9950TT NXP-TDA9950TT Datasheet
425Kb / 22P
   CEC/I2C-bus translator
Rev. 02-22 October 2009
TDA9952 PHILIPS-TDA9952 Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA9952HL PHILIPS-TDA9952HL Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA9952HN PHILIPS-TDA9952HN Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
More results

Similar Description - TDA9951

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9950 NXP-TDA9950 Datasheet
425Kb / 22P
   CEC/I2C-bus translator
Rev. 02-22 October 2009
logo
Global Mixed-mode Techn...
G3403 GMT-G3403 Datasheet
39Kb / 1P
   Bidirectional I2C Bus and SMBus Voltage Level Translator
logo
Unisonic Technologies
UCA9306 UTC-UCA9306 Datasheet
233Kb / 9P
   DUAL BIDIRECTIONAL I2C BUS SMBUS VOLTAGE-LEVEL TRANSLATOR
logo
Texas Instruments
PCA9306 TI-PCA9306_08 Datasheet
431Kb / 16P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Global Mixed-mode Techn...
G3401 GMT-G3401 Datasheet
46Kb / 1P
   Dual Bidirectional I2C Bus and SMBus Voltage- Level Translator
logo
Texas Instruments
PCA9306-Q1 TI1-PCA9306-Q1 Datasheet
217Kb / 12P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212 Datasheet
397Kb / 11P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
logo
ON Semiconductor
PCA9306AMUTCG ONSEMI-PCA9306AMUTCG Datasheet
185Kb / 12P
   Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2013 ??Rev. 5
logo
NXP Semiconductors
PCA9306_1011 NXP-PCA9306_1011 Datasheet
504Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
PCA9306 PHILIPS-PCA9306 Datasheet
123Kb / 21P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 02-21 February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com