Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADCDS-1403EX Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # ADCDS-1403EX
Description  14-Bit, 3 Megapixels/Second Imaging Signal Processor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADCDS-1403EX Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  ADCDS-1403EX Datasheet HTML 1Page - Murata Power Solutions Inc. ADCDS-1403EX Datasheet HTML 2Page - Murata Power Solutions Inc. ADCDS-1403EX Datasheet HTML 3Page - Murata Power Solutions Inc. ADCDS-1403EX Datasheet HTML 4Page - Murata Power Solutions Inc. ADCDS-1403EX Datasheet HTML 5Page - Murata Power Solutions Inc. ADCDS-1403EX Datasheet HTML 6Page - Murata Power Solutions Inc. ADCDS-1403EX Datasheet HTML 7Page - Murata Power Solutions Inc. ADCDS-1403EX Datasheet HTML 8Page - Murata Power Solutions Inc. ADCDS-1403EX Datasheet HTML 9Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Inverting Mode
The inverting mode of operation can be used in applications where the
analog input to the ADCDS-1403 has a video input signal whose amplitude
is more positive than its associated reference level. The ADCDS-1403's
correlated double sampler (i.e. input amplifier's VOUT) requires that the
video signal's amplitude be more negative than its reference level at
all times (see timing diagram for details). Using the ADCDS-1403 in the
inverting mode allows the designer to perform an additional signal inver-
sion to correct for any analog "front end" pre-processing that may have
occurred prior to the ADCDS-1403.
Figure 2e. describes the typical configuration for applications using
a video input signal with a maximum amplitude of 0.350Vp-p. Additional
fine gain adjustments can be made using the Fine Gain Adjust function (pin
1). The coarse gain of this circuit can be determined from the following
equation:
VOUT = 2.8Vp-p = –VIN*(523/75), with all internal resistors having a 1%
tolerance.
Figure 2f. describes the typical configuration used in applications
needing to invert video input signals whose amplitude is greater than
0.350Vp-p. Using a single external series resistor (see Figure 4.), the initial
gain of the ADCDS-1403 can be set, with additional fine gain adjustments
being made using the Fine Gain Adjust function (pin 1). The coarse gain of
this circuit can be determined from the following equation:
VOUT = 2.8Vp-p = –VIN*(523/75+Rext), with all internal resistors having a
1% tolerance.
Figure 4. Coarse Gain Adjustment Plot
Non-Inverting Mode
The non-inverting mode of the ADCDS-1403 allows the designer to
either attenuate or add non-inverting gain to the video input signal. This
configuration also allows bypassing the ADCDS-1403's internal coupling
capacitor, allowing the user to provide an external capacitor of appropriate
value.
Figure 2c. describes the typical configuration for applications using
video input signals with amplitudes greater than
0.350Vp-p and less than 2.8Vp-p (with common mode limit of ±2.5V DC).
Using a single external series resistor (see Figure 4.), the coarse gain of the
ADCDS-1403 can be set with additional fine gain adjustments being made
using the Fine Gain Adjust function (pin 1 see Figure 5). The coarse gain of
the circuit can be determined from the following equation:
VOUT = 2.8Vp-p = VIN*(1+(523/(75+Rext))), with all internal resistors having
a 1% tolerance.
Figure 2d. describes the typical configuration for applications using a
video input signal whose amplitude is greater than 2.8Vp-p. Using a single
external series resistor (Rext 1) in conjunction with the internal 5K (1%)
resistor to ground, an attenuation of the input signal can be achieved.
Additional fine gain adjustments being made using the Fine Gain Adjust
function (pin 1). The coarse gain of this circuit can be determined from the
following equation:
VOUT = 2.8Vp-p = [VIN*(5000/(Rext1+5000))]*
[1+(523/(75+Rext2))], with all internal resistors having
a 1% tolerance.
Figure 2d.
Figure 2e.
4
3
5
75
9
523
9
NO CONNECT
VOUT = 2.8Vp-p
5k
9
0.01μF
Rext1
VIN
Rext2
4
3
5
75
9
523
9
NO CONNECT
VOUT = 2.8Vp-p
5k
9
0.01μf
–VIN
4
3
5
75
9
523
9
NO CONNECT
VOUT = 2.8Vp-p
5k
9
0.01μf
–VIN
Rext
Figure 2f.
Figure 3. Offset Adjustment Circuit
Offset
Adjust
2
External
Series
Resistor
ADCDS-1403
+5V
–5V
20K
9
Coarse Gain Adjustment Plot
External Gain Resistor vs. Full Scale Video Input
10
100
1000
10000
0.25 0.5 0.75
1
1.25 1.5 1.75
2
2.25 2.5 2.75
3
Full Scale Video Signal (Volts)
Inverting Mode
Direct Mode
& Non-Inverting
Mode
ADCDS-1403
14-Bit, 3 Megapixels/Second Imaging Signal Processor
MDA_ADCDS-1403.B01 Page 4 of 9
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com


Similar Part No. - ADCDS-1403EX

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
ADCDS-1403EX CANDD-ADCDS-1403EX Datasheet
192Kb / 9P
   14-Bit, 3 Megapixels/Second Imaging Signal Processor
logo
DATEL, Inc.
ADCDS-1403EX DATEL-ADCDS-1403EX Datasheet
100Kb / 1P
   Electronic Imaging
ADCDS-1403EX-C DATEL-ADCDS-1403EX-C Datasheet
101Kb / 1P
   Electronic Imaging
More results

Similar Description - ADCDS-1403EX

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
ADCDS-1403 CANDD-ADCDS-1403 Datasheet
192Kb / 9P
   14-Bit, 3 Megapixels/Second Imaging Signal Processor
logo
Murata Manufacturing Co...
ADCDS-1405 MURATA-ADCDS-1405 Datasheet
248Kb / 9P
   14-Bit, 5 Megapixels/Second Imaging Signal Processor
logo
Murata Power Solutions ...
ADCDS-1410 MURATA-PS-ADCDS-1410 Datasheet
519Kb / 9P
   14-Bit, 10 Megapixels/Second, CCD Signal Processor
ADCDS-1405 MURATA-PS-ADCDS-1405 Datasheet
526Kb / 9P
   14-Bit, 5 Megapixels/Second, CCD Signal Processor
ADCDS-1603 MURATA-PS-ADCDS-1603 Datasheet
353Kb / 11P
   16-Bit, 2.3 Megapixels/Second CCD Signal Processor
logo
National Semiconductor ...
NS32FX16-15 NSC-NS32FX16-15 Datasheet
902Kb / 88P
   Imaging/Signal Processor
logo
Analog Devices
AD9826 AD-AD9826_12 Datasheet
275Kb / 20P
   Complete 16-Bit Imaging Signal Processor
REV. B
AD9826 AD-AD9826 Datasheet
159Kb / 20P
   Complete 16-Bit Imaging Signal Processor
REV. A
logo
DATEL, Inc.
ADCDS-1603 DATEL-ADCDS-1603 Datasheet
696Kb / 15P
   16-Bit, 2.3 Megapixels/Second CCD Image Converter
logo
Analog Devices
AD9821 AD-AD9821 Datasheet
277Kb / 16P
   Complete 12-Bit 40 MSPS Imaging Signal Processor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com