Electronic Components Datasheet Search |
|
MIC2016-0.5YM6 Datasheet(PDF) 1 Page - Micrel Semiconductor |
|
MIC2016-0.5YM6 Datasheet(HTML) 1 Page - Micrel Semiconductor |
1 / 25 page MIC20XX Family Fixed and Adjustable Current Limiting Power Distribution Switches KICKSTART is a trademark of Micrel, Inc. MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc. Protected by U.S. Patent No. 7,170,732 CableCARD is a trademark of CableLabs. Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 ( 408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com January 2009 M9999-012109-A General Description MIC20XX family of switches are current limiting, high-side power switches, designed for general purpose power distribution and control in digital televisions (DTV), printers, set top boxes (STB), PCs, PDAs, and other peripheral devices. See Functionality Table on page 6 and Pin Configuration Drawings on page 7. MIC20XX family’s primary functions are current limiting and power switching. They are thermally protected and will shutdown should their internal temperature reach unsafe levels, protecting both the device and the load, under high current or fault conditions Features include fault reporting, fault blanking to eliminate noise-induced false alarms, output slew rate limiting, under voltage detection, automatic-on output, and enable pin with choice of either active low or active high enable. The FET is self-contained, with a fixed or user adjustable current limit. The MIC20XX family is ideal for any system where current limiting and power control are desired. The MIC201X (3 ≤ x ≤ 9) subfamily offers a unique new patented feature: KICKSTART™, which allows momentary high current surges up to the secondary current limit (ILIMIT_2nd) without sacrificing overall system safety. The MIC20XX family is offered, depending on the desired features, in a space saving 5-pin SOT-23, 6-pin SOT-23, and 2mm x 2mm MLF ® packages. Data sheets and support documentation can be found on Micrel’s web site at www.micrel.com. Features • 70mΩ typical on-resistance @ 5V • 170mΩ typical on-resistance @ 5V (MIC2005A) • Enable active high or active low * • 2.5V – 5.5V operating range • Pre-set current limit values of 0.5A, 0.8A, and 1.2A * • User adjustable current limit from 0.2A to 2.1A * • Under voltage lock-out (UVLO) • Variable UVLO allows adjustable UVLO thresholds * • Automatic load discharge for capacitive loads * • Soft start prevents large current inrush • Adjustable slew rate allows custom slew rates * • Automatic-on output after fault • Thermal Protection * Available on some family members Applications • Digital televisions (DTV) • Set top boxes • PDAs • Printers • USB / IEEE 1394 power distribution • Desktop and laptop PCs • Game consoles • Docking stations _________________________________________________________________________________________________________ Typical Application VIN VOUT MIC20X5 VBUS USB Port GND (2,3)IADJ EN (1,3)FAULT/ 5V Supply VIN Logic Controller ON/OFF OVERCURRENT/ 1µF 120µF Figure 1. Typical Application Circuit Notes : (1) Depending on the family member this pin can function as FAULT/, IADJ, or VUVLO. (2) Depending on the family member this pin can function as IADJ, or CSLEW. (3) See Pin Configuration and Functional Diagram. |
Similar Part No. - MIC2016-0.5YM6 |
|
Similar Description - MIC2016-0.5YM6 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |