Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF3ICD21 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MF3ICD21
Description  MIFARE DESFire EV1 contactless multi-application IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MF3ICD21 Datasheet(HTML) 3 Page - NXP Semiconductors

  MF3ICD21 Datasheet HTML 1Page - NXP Semiconductors MF3ICD21 Datasheet HTML 2Page - NXP Semiconductors MF3ICD21 Datasheet HTML 3Page - NXP Semiconductors MF3ICD21 Datasheet HTML 4Page - NXP Semiconductors MF3ICD21 Datasheet HTML 5Page - NXP Semiconductors MF3ICD21 Datasheet HTML 6Page - NXP Semiconductors MF3ICD21 Datasheet HTML 7Page - NXP Semiconductors MF3ICD21 Datasheet HTML 8Page - NXP Semiconductors MF3ICD21 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MF3ICD21_41_81_SDS_2
© NXP B.V. 2009. All rights reserved.
Product short data sheet
Rev. 02 — 6 March 2009
3 of 15
NXP Semiconductors
MF3ICD21, MF3ICD41, MF3ICD81
MIFARE DESFire EV1 contactless multi-application IC
4.
Quick reference data
[1]
Stresses above one or more of the values may cause permanent damage to the device.
[2]
Exposure to limiting values for extended periods may affect device reliability.
[3]
Measured with LCR meter.
5.
Ordering information
[1]
This package is also known as MOA4.
Table 1.
Quick reference data [1][2]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fi
input frequency
-
13.56
-
MHz
Ci
input capacitance
Tamb = 22 °C; fi = 13.56 MHz;
2.8 V RMS
[3] 14.96
17.0
19.04
pF
EEPROM characteristics
tret
retention time
Tamb = 22 °C
10
-
-
year
Nendu(W)
write endurance
Tamb = 22 °C
200000
500000
-
cycle
tcy(W)
write cycle time
Tamb = 22 °C
-
2.9
-
ms
Table 2.
Ordering information
Type number
Package
Name
Description
Version
MF3ICD8101DUD/04
FFC
8 inch wafer (sawn; 120
µm thickness, on film
frame carrier; electronic fail die marking
according to SECSII format); see Ref. 4, 8K EEPROM
-
MF3ICD4101DUD/04
FFC
8 inch wafer (sawn; 120
µm thickness, on film
frame carrier; electronic fail die marking
according to SECSII format); see Ref. 4, 4K EEPROM
-
MF3ICD2101DUD/04
FFC
8 inch wafer (sawn; 120
µm thickness, on film
frame carrier; electronic fail die marking
according to SECSII format); see Ref. 4, 2K EEPROM
-
MF3MOD8101DA4/04
PLLMC[1]
plastic leadless module carrier package; 35 mm
wide tape; see Ref. 5, 8K EEPROM
SOT500-2
MF3MOD4101DA4/04
PLLMC[1]
plastic leadless module carrier package; 35 mm
wide tape; see Ref. 5, 4K EEPROM
SOT500-2
MF3MOD2101DA4/04
PLLMC[1]
plastic leadless module carrier package; 35 mm
wide tape; see Ref. 5, 2K EEPROM
SOT500-2


Similar Part No. - MF3ICD21

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF3ICD21 NXP-MF3ICD21 Datasheet
82Kb / 15P
   MIFARE DESFire EV1 contactless multi-application IC
Rev. 02-6 March 2009
MF3ICD2101DUD/04 NXP-MF3ICD2101DUD/04 Datasheet
82Kb / 15P
   MIFARE DESFire EV1 contactless multi-application IC
Rev. 02-6 March 2009
MF3ICD2101DUD/05 NXP-MF3ICD2101DUD/05 Datasheet
117Kb / 18P
   MIFARE DESFire EV1 contactless multi-application IC
Rev.3.2-9 December2015
More results

Similar Description - MF3ICD21

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF3ICD21 NXP-MF3ICD21 Datasheet
82Kb / 15P
   MIFARE DESFire EV1 contactless multi-application IC
Rev. 02-6 March 2009
MF3ICDX21 NXP-MF3ICDX21 Datasheet
117Kb / 18P
   MIFARE DESFire EV1 contactless multi-application IC
Rev.3.2-9 December2015
MF3ICDQ1 NXP-MF3ICDQ1 Datasheet
112Kb / 18P
   MIFARE DESFire EV1 256B contactless smartcard IC
Rev.3.0-5 November2015
MF3DX2 NXP-MF3DX2 Datasheet
317Kb / 27P
   MIFARE DESFire EV2 contactless multi-application IC
Rev.3.2-12 June2019
MF3DX3 NXP-MF3DX3 Datasheet
409Kb / 28P
   MIFARE DESFire EV3 contactless multi-application IC
Rev.3.0-15 May2020
MF2DLHX0 NXP-MF2DLHX0 Datasheet
1Mb / 132P
   MIFARE DESFire Light contactless application IC
Rev. 3.3 - 5 April 2019
MF0ULX1 NXP-MF0ULX1 Datasheet
1Mb / 50P
   MIFARE Ultralight EV1 - contactless ticket IC
Rev. 3.0-19 February 2013
MF1PX1Y1 NXP-MF1PX1Y1 Datasheet
246Kb / 33P
   MIFARE Plus EV1
Rev.3.2-6 December2018
MF1S70YYX_V1 NXP-MF1S70YYX_V1 Datasheet
458Kb / 37P
   MIFARE Classic EV1 4K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 November 2017
MF1S50YYX_V1 NXP-MF1S50YYX_V1 Datasheet
467Kb / 36P
   MIFARE Classic EV1 1K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 May 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com