Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC1754 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LPC1754
Description  32-bit ARM Cortex-M3 MCU up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1754 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LPC1754 Datasheet HTML 7Page - NXP Semiconductors LPC1754 Datasheet HTML 8Page - NXP Semiconductors LPC1754 Datasheet HTML 9Page - NXP Semiconductors LPC1754 Datasheet HTML 10Page - NXP Semiconductors LPC1754 Datasheet HTML 11Page - NXP Semiconductors LPC1754 Datasheet HTML 12Page - NXP Semiconductors LPC1754 Datasheet HTML 13Page - NXP Semiconductors LPC1754 Datasheet HTML 14Page - NXP Semiconductors LPC1754 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
LPC1758_56_54_52_51_2
© NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 — 11 February 2009
11 of 71
NXP Semiconductors
LPC1758/56/54/52/51
32-bit ARM Cortex-M3 microcontroller
P2[8]/TD2/
TXD2/ENET_MDC
50[1]
I/O
P2[8] — General purpose digital input/output pin.
O
TD2 — CAN2 transmitter output. (LPC1758/56 only).
O
TXD2 — Transmitter output for UART2.
O
ENET_MDC — Ethernet MIIM clock. (LPC1758 only).
P2[9]/
USB_CONNECT/
RXD2/
ENET_MDIO
49[1]
I/O
P2[9] — General purpose digital input/output pin.
O
USB_CONNECT — Signal used to switch an external 1.5 k
Ω resistor under
software control. Used with the SoftConnect USB feature.
I
RXD2 — Receiver input for UART2.
I/0
ENET_MDIO — Ethernet MIIM data input and output. (LPC1758 only).
P2[10]/EINT0/NMI
41[5]
I/O
P2[10] — General purpose digital input/output pin.
Note: LOW on this pin while RESET is LOW forces on-chip bootloader to take
over control of the part after a reset.
I
EINT0 — External interrupt 0 input.
I
NMI — Non-maskable interrupt input.
P4[0] to P4[31]
I/O
Port 4: Port 4 is a 32-bit I/O port with individual direction controls for each bit. The
operation of port 4 pins depends upon the pin function selected via the pin connect
block. Some port pins are not available on the LQFP80 package.
P4[28]/RX_MCLK/
MAT2[0]/TXD3
65[1]
I/O
P4[28] — General purpose digital input/output pin.
I
RX_MCLK — I2S receive master clock. (LPC1758/56 only).
O
MAT2[0] — Match output for Timer 2, channel 0.
O
TXD3 — Transmitter output for UART3.
P4[29]/TX_MCLK/
MAT2[1]/RXD3
68[1]
I/O
P4[29] — General purpose digital input/output pin.
I
TX_MCLK — I2S transmit master clock. (LPC1758/56 only).
O
MAT2[1] — Match output for Timer 2, channel 1.
I
RXD3 — Receiver input for UART3.
TDO/SWO
1[1]
O
TDO — Test Data out for JTAG interface.
O
SWO — Serial wire trace output.
TDI
2[1]
I
TDI — Test Data in for JTAG interface.
TMS/SWDIO
3[1]
I
TMS — Test Mode Select for JTAG interface.
I/O
SWDIO — Serial wire debug data input/output.
TRST
4[1]
I
TRST — Test Reset for JTAG interface.
TCK/SWDCLK
5[1]
I
TCK — Test Clock for JTAG interface.
I
SWDCLK — Serial wire clock.
RSTOUT
11
O
RSTOUT — This is a 3.3 V pin. LOW on this pin indicates LPC1758/56/54/52/51
being in Reset state.
RESET
14[6]
I
External reset input: A LOW on this pin resets the device, causing I/O ports and
peripherals to take on their default states, and processor execution to begin at
address 0. TTL with hysteresis, 5 V tolerant.
XTAL1
19[7]
I
Input to the oscillator circuit and internal clock generator circuits.
XTAL2
20[7]
O
Output from the oscillator amplifier.
RTCX1
13[7]
I
Input to the RTC oscillator circuit.
RTCX2
15[7]
O
Output from the RTC oscillator circuit.
Table 3.
Pin description …continued
Symbol
Pin
Type
Description


Similar Part No. - LPC1754

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1754 NXP-LPC1754 Datasheet
957Kb / 64P
   32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 04-26 January 2010
LPC1754 NXP-LPC1754 Datasheet
144Kb / 2P
   Cortex-M3 based microcontrollers with Ethernet, USB, CAN and 12-bit ADC
December 2009
LPC1754 NXP-LPC1754 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
List of Unclassifed Man...
LPC1754FBD80 ETC2-LPC1754FBD80 Datasheet
1Mb / 70P
   32-bit ARM Cortex-M3 microcontroller;
logo
NXP Semiconductors
LPC1754FBD80 NXP-LPC1754FBD80 Datasheet
957Kb / 64P
   32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 04-26 January 2010
More results

Similar Description - LPC1754

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1759 NXP-LPC1759_11 Datasheet
1Mb / 74P
   32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 7-29 March 2011
LPC1759 NXP-LPC1759 Datasheet
957Kb / 64P
   32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 04-26 January 2010
LPC1759 PHILIPS-LPC1759_15 Datasheet
1,013Kb / 80P
   32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 8.6-18 August 2015
LPC1768 PHILIPS-LPC1768 Datasheet
311Kb / 72P
   32-bit ARM Cortex-M3 microcontroller up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 02-11 February 2009
LPC1768FBD100551 PHILIPS-LPC1768FBD100551 Datasheet
828Kb / 82P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 9-10 August 2012
LPC1768 NXP-LPC1768 Datasheet
1Mb / 65P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 03-19 November 2009
LPC1763FBD100551 PHILIPS-LPC1763FBD100551 Datasheet
918Kb / 86P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 9.3-8 January 2014
LPC1769 NXP-LPC1769 Datasheet
1Mb / 66P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 04-1 February 2010
LPC1788 NXP-LPC1788 Datasheet
1Mb / 117P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 96 kB SRAM; USB Device/Host/OTG
Rev. 2-27 May 2011
LPC1769 NXP-LPC1769_11 Datasheet
762Kb / 79P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet
Rev. 7-5 April 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com