Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEH80UM23 Datasheet(PDF) 1 Page - XP Power Limited

Part # AEH80UM23
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AEH80UM23 Datasheet(HTML) 1 Page - XP Power Limited

  AEH80UM23 Datasheet HTML 1Page - XP Power Limited AEH80UM23 Datasheet HTML 2Page - XP Power Limited AEH80UM23 Datasheet HTML 3Page - XP Power Limited AEH80UM23 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specification
45-130 Watts
Output Voltages from 2.5 V to 48 V
Non-standard Outputs Available
Universal Input
Single & Multiple Output Versions
0 °C to +70 °C Operating Temperature
Efficiency up to 80%
Non-standard Connectors Available
AEH Series
Input
Input Voltage
• 90-264 VAC
Input Frequency
• 47-63 Hz
Input Current
• 1.5/0.7 A for AEH45, at 115/230 VAC
1.9/1.5 A for AEH80, at 115/230 VAC
3.2/1.7 A for AEH130, at 115/230 VAC
Inrush Current
• AEH45 & 80: 30 A max at 230 VAC
AEH130: 60 A max at 230 VAC
cold start
Power Factor
• EN61000-3-2 class A
Earth Leakage Current
• <0.5 mA max at 115 VAC/60 Hz
<0.75 mA max at 230 VAC/50 Hz
Output
Output Voltage
• See tables. Factory set non-standard
voltages available - contact sales
Initial Set Accuracy
•5%
Start Up Delay
• 2 s max
Hold Up Time
• 16 ms min (>50 ms AEH130)
Line Regulation
• See note 2
Load Regulation
• See note 2
Transient Response
• 4% max deviation, recovery to within
1% in 4 ms for a 50% load change
Ripple & Noise
• 2% pk-pk for outputs
≤3.3 V
1% pk-pk for all other outputs
20 MHz BW
Overvoltage Protection • 112-132% Vnom, auto reset
Overload Protection
• Output 1 only 110-150% of nominal
Temperature
• ±0.04%/°C max
Coefficient
xppower.com
General
Efficiency
• Up to 80%
Isolation
• 3000 VAC Input to Output
1500 VAC Input to Ground
500 VAC Output to Ground
Switching Frequency
• 67-83 kHz for AEH45
58 kHz typical for AEH80
53-76 kHz for AEH130
MTBF
• 100 kHrs per MIL-HDBK-217F
Environmental
Operating Temperature • 0 °C to +70 °C, derate linearly from 100%
load at +40 °C to 50% load at +70 °C
Operating Humidity
• 5-95% RH, non-condensing
Storage Temperature
• -40 °C to +85 °C
Vibration
• 2 g on 3 axes
EMC & Safety
Emissions
• EN55022 level B, conducted and radiated
Harmonic Currents
• EN61000-3-2, Class A
Voltage Flicker
• EN61000-3-2
ESD Immunity
• EN61000-4-2, level 2 Perf Criteria A
Radiated Immunity
• EN61000-4-3, level 3 Perf Criteria A
EFT/Burst
• EN61000-4-4, level 2 Perf Criteria A
Surge
• EN61000-4-5, level 3 Perf Criteria A
Conducted Immunity
• EN61000-4-6, level 2 Perf Criteria A
Dips & Interruptions
• EN61000-4-11 30% 10 ms,
60% 100 ms, 100% 5000 ms
Perf Criteria A, B, B
Safety Approvals
• EN60950-1, UL60950-1,
CSA C22.2 No. 950 per cUL, CE Mark


Similar Part No. - AEH80UM23

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEH80 ASTEC-AEH80 Datasheet
1Mb / 2P
   80Amps
AEH80 ASTEC-AEH80 Datasheet
2Mb / 17P
   Industry Standard 쩍 Brick: 36V-75V Input / 80A Output Current
logo
Emerson Network Power
AEH80 EMERSON-NETWORKPOWER-AEH80 Datasheet
1Mb / 2P
   Ultra High Efficiency
logo
Astec America, Inc
AEH80K48 ASTEC-AEH80K48 Datasheet
1Mb / 2P
   80Amps
AEH80K48 ASTEC-AEH80K48 Datasheet
2Mb / 17P
   Industry Standard 쩍 Brick: 36V-75V Input / 80A Output Current
More results

Similar Description - AEH80UM23

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com