Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC-207MC Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # ADC-207MC
Description  7-Bit, 20MHz, CMOS Flash A/D Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADC-207MC Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  ADC-207MC Datasheet HTML 1Page - Murata Power Solutions Inc. ADC-207MC Datasheet HTML 2Page - Murata Power Solutions Inc. ADC-207MC Datasheet HTML 3Page - Murata Power Solutions Inc. ADC-207MC Datasheet HTML 4Page - Murata Power Solutions Inc. ADC-207MC Datasheet HTML 5Page - Murata Power Solutions Inc. ADC-207MC Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
0
1
2
3
4
5
6
7
8
9
10
FREQUENCY (MHz)
70
65
60
55
50
45
40
35
30
25
20
15
10
5
0
–5
–10
69.2
27.3
SAMPLE PULSE WIDTH = 25ns
4MHz FUNDAMENTAL
Figure 5. Beat Frequency Test at 20MHz
Figure 6. 10MHz Envelope Test
FFT TEST
This test actually produces an amplitude versus frequency graph (Figure 7) which indicates harmonic distortion and signal-to-noise ratio. The theoretical
rms signal-to-noise ration for a 7-bit converter is +43.8dB.
0
1
2
3
4
5
6
7
8
9
10
70
65
60
55
50
45
40
35
30
25
20
15
10
0
–5
–10
SAMPLE PULSE = 25ns
69.2
27.3
4MHz FUNDAMENTAL
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
NUMBER OF SAMPLES (X10 )
3
OUTPUT
CODES
120
110
100
90
80
70
60
50
40
30
20
10
0
OUTPUT
CODES
120
110
100
90
80
70
60
50
40
30
20
10
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
NUMBER OF SAMPLES(X10 )
3
Figure 7. FFT Test Using the ADC-207
ADC-207
7-Bit, 20MHz, CMOS Flash A/D Converters
MDA_ADC-207.B01 Page 5 of 6
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com


Similar Part No. - ADC-207MC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADC-207MC ETC-ADC-207MC Datasheet
212Kb / 6P
   7- BIT 20MHZ CMOS FLASH A/D CONVERTERS
logo
DATEL, Inc.
ADC-207MC DATEL-ADC-207MC Datasheet
102Kb / 1P
   CMOS Flash A/D
ADC-207MC-C DATEL-ADC-207MC-C Datasheet
102Kb / 1P
   CMOS Flash A/D
More results

Similar Description - ADC-207MC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADC-207 ETC-ADC-207 Datasheet
212Kb / 6P
   7- BIT 20MHZ CMOS FLASH A/D CONVERTERS
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
Murata Power Solutions ...
ADC-305 MURATA-PS-ADC-305 Datasheet
234Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
List of Unclassifed Man...
ADC-304 ETC-ADC-304 Datasheet
152Kb / 5P
   8-Bit, 20MHz, Low-Power Flash A/D Converters
ADC-228 ETC-ADC-228 Datasheet
143Kb / 4P
   8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter
logo
Murata Power Solutions ...
ADC-228A MURATA-PS-ADC-228A Datasheet
177Kb / 4P
   8-Bit, 20MHz, Complete Flash A/D Converter
logo
List of Unclassifed Man...
ADS-238Q ETC1-ADS-238Q Datasheet
83Kb / 7P
   12-Bit, 20MHz, Low Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-238Q MURATA-PS-ADS-238Q Datasheet
85Kb / 7P
   12-Bit, 20MHz, Low Power Sampling A/D Converters
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
187Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
ADC0803 PHILIPS-ADC0803 Datasheet
154Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com