Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN10327 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # AN10327
Description  TDA856x and TDA8571J power amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AN10327 Datasheet(HTML) 4 Page - NXP Semiconductors

  AN10327 Datasheet HTML 1Page - NXP Semiconductors AN10327 Datasheet HTML 2Page - NXP Semiconductors AN10327 Datasheet HTML 3Page - NXP Semiconductors AN10327 Datasheet HTML 4Page - NXP Semiconductors AN10327 Datasheet HTML 5Page - NXP Semiconductors AN10327 Datasheet HTML 6Page - NXP Semiconductors AN10327 Datasheet HTML 7Page - NXP Semiconductors AN10327 Datasheet HTML 8Page - NXP Semiconductors AN10327 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Philips Semiconductors
AN10327
TDA856x ,TDA8571J
2. Application Information
2.1 Input capacitors
The amplifiers need capacitors on the inputs to get a DC decoupling of the input source
(pre-amplifier stage). The impedance of the input stage together with the input
capacitors, create a low frequency roll-off point. A larger input capacitor means a lower
frequency roll-off point. The values that should be used are mentioned in the datasheet
of the amplifier type.
The following figure shows the influence of the input capacitors on the frequency roll-off
point for the TDA8566TH.
(A) Input capacitor 470nF
(B) Input capacitor 220nF
(C) Input capacitor 100nF
Fig 1. Roll-off frequency at different input capacitor values
The low frequency roll-off point can easily be calculated :
tot
in
in
dB
low
C
Z
f
_
3
_
2
1
=
π
<12NC>
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Application note
Rev. 01.00 — 15 October 2004
4 of 19


Similar Part No. - AN10327

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN103 ETC1-AN103 Datasheet
53Kb / 5P
   The FET Constant-Current Source/Limiter
AN103 ETC2-AN103 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Fairchild Semiconductor
AN1031 FAIRCHILD-AN1031 Datasheet
92Kb / 15P
   Considerations in Designing
logo
NXP Semiconductors
AN10315 PHILIPS-AN10315_15 Datasheet
400Kb / 4P
   LED dimmer demoboard
Rev. 01-7 January 2005
logo
Intersil Corporation
AN1034 INTERSIL-AN1034 Datasheet
169Kb / 3P
   Analog Switch and Multiplexer Applications
More results

Similar Description - AN10327

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BFR79 ETC1-BFR79 Datasheet
146Kb / 1P
   Medium Power Amplifiers and Switches
2SC1788 ETC1-2SC1788 Datasheet
41Kb / 1P
   Medium Power Amplifiers and Switches
logo
Maxim Integrated Produc...
MAX9750 MAXIM-MAX9750 Datasheet
669Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 1/04
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
logo
Hitachi Semiconductor
HA12002 HITACHI-HA12002 Datasheet
430Kb / 5P
   PROTECTOR OF SPEAKERS AND POWER AMPLIFIERS
logo
American Accurate Compo...
PA8018N4020 AAC-PA8018N4020 Datasheet
56Kb / 1P
   1W Solid State Power and GPS Power Amplifiers
logo
YAMAHA CORPORATION
P1500 YAMAHA-P1500 Datasheet
7Mb / 37P
   POWER AMPLIFIERS
logo
STMicroelectronics
EVAL-FDA903S STMICROELECTRONICS-EVAL-FDA903S Datasheet
588Kb / 4P
   Evaluation board for FDA803S and FDA903S power amplifiers
Rev 1 - March 2022
logo
NEC
2SC2690 NEC-2SC2690 Datasheet
168Kb / 2P
   Use in audio and radio Frequency power amplifiers.
logo
Analog Devices
SHA4 AD-SHA4_15 Datasheet
1Mb / 4P
   SAMPLE AND HOLD AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com