Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2606YML Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2606YML
Description  0.5A, 1.2MHz / 2MHz Wide Input Range Boost Regulator with Integrated Switch and Schottky Diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2606YML Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2606YML Datasheet HTML 4Page - Micrel Semiconductor MIC2606YML Datasheet HTML 5Page - Micrel Semiconductor MIC2606YML Datasheet HTML 6Page - Micrel Semiconductor MIC2606YML Datasheet HTML 7Page - Micrel Semiconductor MIC2606YML Datasheet HTML 8Page - Micrel Semiconductor MIC2606YML Datasheet HTML 9Page - Micrel Semiconductor MIC2606YML Datasheet HTML 10Page - Micrel Semiconductor MIC2606YML Datasheet HTML 11Page - Micrel Semiconductor MIC2606YML Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Micrel, Inc.
MIC2605/6
August 2008
8
M9999-080108-B
Functional Description
The MIC2605/6 is a constant frequency, PWM current
mode boost regulator. The block diagram is shown in
Figure 1. The MIC2605/6 is composed of an oscillator,
slope compensation ramp generator, current amplifier,
gm error amplifier, PWM generator, and a 0.5A bipolar
output transistor. The oscillator generates a 1.2MHz/
2MHz clock. The clock’s two functions are to trigger the
PWM generator that turns on the output transistor and to
reset the slope compensation ramp generator. The
current amplifier is used to measure the switch current
by amplifying the voltage signal from the internal sense
resistor. The output of the current amplifier is summed
with the output of the slope compensation ramp
generator. This summed current-loop signal is fed to one
of the inputs of the PWM generator.
The gm error amplifier measures the feedback voltage
through the external feedback resistors and amplifies the
error between the detected signal and the 1.25V
reference voltage. The output of the gm error amplifier
provides the voltage-loop signal that is fed to the other
input of the PWM generator. When the current-loop
signal exceeds the voltage-loop signal, the PWM
generator turns off the bipolar output transistor. The next
clock
period
initiates
the
next
switching
cycle,
maintaining the constant frequency current-mode PWM
control.
Pin Description
VIN
VIN provides power to the MOSFETs for the switch
mode regulator section. Due to the high switching
speeds, a 1µF capacitor is recommended close to VIN
and the power ground (PGND) pin for bypassing. Please
refer to layout recommendations.
VDD
The VDD pin supplies the power to the internal power to
the control and reference circuitry. The VDD is powered
from VIN. A small 0.1µF capacitor is recommended for
bypassing.
EN
The enable pin provides a logic level control of the
output. In the off state, supply current of the device is
greatly reduced (typically <0.1µA). Also, in the off state,
the output drive is placed in a "tri-stated" condition,
where bipolar output transistor is in an “off” or non-
conducting state. Do not drive the enable pin above the
supply voltage.
SS
The SS pin is the soft start pin which allows the
monotonic buildup of output when the MIC2605/6 comes
up during turn on. The SS pin gives the designer the
flexibility to have a desired soft start by placing a
capacitor SS to ground. A 0.1µF capacitor is used for in
the circuit.
FB
The feedback pin (FB) provides the control path to
control the output. For fixed output controller output is
directly connected to feedback (FB) pin.
SW
The switch (SW) pin connects directly to the inductor
and provides the switching current necessary to operate
in PWM mode. Due to the high speed switching and high
voltage associated with this pin, the switch node should
be routed away from sensitive nodes.
PGND
Power ground (PGND) is the ground path for the high
current PWM mode. The current loop for the power
ground should be as small as possible and separate
from the Analog ground (AGND) loop. Refer to the layout
considerations for more details.
VOUT
VOUT pin is the cathode of pin of internal schottky
diode. This pin is connected to output cap. At least 1µF
cap is recommended very close to the VOUT pin and
PGND.


Similar Part No. - MIC2606YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2606YML MICREL-MIC2606YML Datasheet
380Kb / 14P
   0.5A, 1.2MHz / 2MHz Wide Input Range Boost Regulator with Integrated Switch and Schottky Diode
logo
Microchip Technology
MIC2606YML-TR MICROCHIP-MIC2606YML-TR Datasheet
2Mb / 20P
   0.5A, 1.2 MHz/2 MHz Wide Input Range Boost Regulators, Each with Integrated Switch and Schottky Diode
09/14/21
More results

Similar Description - MIC2606YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2605 MICREL-MIC2605_09 Datasheet
380Kb / 14P
   0.5A, 1.2MHz / 2MHz Wide Input Range Boost Regulator with Integrated Switch and Schottky Diode
MIC2601 MICREL-MIC2601 Datasheet
382Kb / 13P
   1.2A, 1.2MHz/2MHz Wide Input Range Integrated Switch Boost Regulator
logo
Microchip Technology
MIC2605 MICROCHIP-MIC2605 Datasheet
2Mb / 20P
   0.5A, 1.2 MHz/2 MHz Wide Input Range Boost Regulators, Each with Integrated Switch and Schottky Diode
09/14/21
logo
Intersil Corporation
ISL97701 INTERSIL-ISL97701 Datasheet
189Kb / 10P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
logo
Renesas Technology Corp
ISL97701 RENESAS-ISL97701 Datasheet
547Kb / 11P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
logo
Micrel Semiconductor
MIC4724 MICREL-MIC4724 Datasheet
610Kb / 19P
   3A 2MHz Integrated Switch Buck Regulator with 6Vmax Input
logo
Renesas Technology Corp
ISL97631 RENESAS-ISL97631 Datasheet
471Kb / 8P
   White LED Boost Regulator With Integrated Schottky Diode
logo
Intersil Corporation
ISL97631 INTERSIL-ISL97631 Datasheet
331Kb / 8P
   White LED Boost Regulator With Integrated Schottky Diode
logo
Texas Instruments
TPS55340 TI-TPS55340_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS55340 Integrated 5-A Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
logo
Micrel Semiconductor
MIC4723 MICREL-MIC4723 Datasheet
520Kb / 19P
   3A 2MHz Integrated Switch Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com