Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2003-1.2YM5 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2003-1.2YM5
Description  Fixed and Adjustable Current Limiting Power Distribution Switches
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2003-1.2YM5 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2003-1.2YM5 Datasheet HTML 2Page - Micrel Semiconductor MIC2003-1.2YM5 Datasheet HTML 3Page - Micrel Semiconductor MIC2003-1.2YM5 Datasheet HTML 4Page - Micrel Semiconductor MIC2003-1.2YM5 Datasheet HTML 5Page - Micrel Semiconductor MIC2003-1.2YM5 Datasheet HTML 6Page - Micrel Semiconductor MIC2003-1.2YM5 Datasheet HTML 7Page - Micrel Semiconductor MIC2003-1.2YM5 Datasheet HTML 8Page - Micrel Semiconductor MIC2003-1.2YM5 Datasheet HTML 9Page - Micrel Semiconductor MIC2003-1.2YM5 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Micrel, Inc.
MIC20XX Family
January 2009
6
M9999-012109-A
MIC20XX Family Member Functionality
Part Number
Pin Function
Normal
Limiting
Kickstart
(1)
I Limit
ILIMIT
ENABLE
High
ENABLE
Low
CSLEW
FAULT/
VUVLO
(5)
Load
Discharge
2003
2013
2004
2014
2005
2015
2005L
(2)
Fixed
(3)
(6)
2005A-1
(2)
(6)
2005A-2
(2)
(6)
2006
2016
2007
2017
2008
2018
2009
2019
Adj.
(4)
Notes
:
1. Kickstart provides an alternate start-up behavior; however, pin-outs are identical.
2. Kickstart not available.
3. Fixed = Factory programmed current limit.
4. Adj. = User adjustable current limit.
5. VUVLO = Variable UVLO (Previously called DML).
6. CSLEW not available in 5-pin package.
MIC20XX Family Member Pin Configuration Table
Part Number
Pin Number
Normal
Limiting
Kickstart
I Limit
1
2
3
4
5
6
2003
2013
VIN
GND
VOUT
2004
2014
VIN
GND
EN
VOUT
2005
2015
VIN
GND
EN
FAULT/
CSLEW
VOUT
2005L
(1)
VIN
GND
EN
FAULT/
CSLEW
(5)
VOUT
2005A
(1)
VIN
GND
EN
FAULT/
CSLEW
(5)
VOUT
2006
2016
Fixed
(2)
VIN
GND
EN
VUVLO
(4)
CSLEW
VOUT
2007
2017
VIN
GND
EN
IADJ
CSLEW
VOUT
2008
2018
VIN
GND
EN
IADJ
CSLEW
VOUT
2009
2019
Adj.
(3)
VIN
GND
EN
FAULT/
IADJ
VOUT
Notes
:
1. Kickstart not available.
2. Fixed = Factory programmed current limit.
3. Adj. = User adjustable current limit.
4. VUVLO = Variable UVLO (Previously called DLM).
5. CSLEW not available in 5-pin package.


Similar Part No. - MIC2003-1.2YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2003-1.2YM5 MICREL-MIC2003-1.2YM5 Datasheet
683Kb / 16P
   Current Limiting Circuit Protector
MIC2003-1.2YM5 MICREL-MIC2003-1.2YM5 Datasheet
1Mb / 29P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2003-1.2YM5 MICREL-MIC2003-1.2YM5 Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC2003-1.2YM5-TR MICROCHIP-MIC2003-1.2YM5-TR Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
More results

Similar Description - MIC2003-1.2YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2005A-1YM5TR MICREL-MIC2005A-1YM5TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2009YM6-TR MICREL-MIC2009YM6-TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC20XX MICROCHIP-MIC20XX Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
logo
Micrel Semiconductor
MIC20XX_1108 MICREL-MIC20XX_1108 Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC20XX MICREL-MIC20XX Datasheet
1Mb / 29P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
ON Semiconductor
NCP380HMUAJAATBG ONSEMI-NCP380HMUAJAATBG Datasheet
599Kb / 24P
   Fixed / Adjustable Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 10
NCP383 ONSEMI-NCP383 Datasheet
163Kb / 10P
   Adjustable Current-Limiting Power-Distribution Switches
October, 2012 ??Rev. 2
NCP382 ONSEMI-NCP382_16 Datasheet
172Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
July, 2016 ??Rev. 9
NCP382 ONSEMI-NCP382 Datasheet
217Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 8
NCP380HMUAJAGEVB ONSEMI-NCP380HMUAJAGEVB Datasheet
627Kb / 23P
   Fixed/Adjustable Current??Limiting Power?륞istribution Switches
April, 2013 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com