Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AED70US12 Datasheet(PDF) 1 Page - XP Power Limited

Part # AED70US12
Description  AC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AED70US12 Datasheet(HTML) 1 Page - XP Power Limited

  AED70US12 Datasheet HTML 1Page - XP Power Limited AED70US12 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
36-100 Watts
Low Profile
Single Outputs from 5 V to 48 V
Universal Input
Optional Floating Output
High Power Density
36, 45, 70 & 100 W Versions
Class II Insulation on 36 W Version
AED Series
Input
Input Voltage
• 90-264 VAC
Input Frequency
• 47-63 Hz
Input Current
• AED36: 1.00 A max
AED45: 1.20 A max
AED70:
1.85 A max
AED100: 2.00 A max
Inrush Current
• AED36: 50 A max at 230 VAC
AED45:
100 A max at 230 VAC
AED70:
100 A max at 230 VAC
AED100: 100 A max at 230 VAC
Earth Leakage Current
• AED36: Class II
AED45:
1.5 mA max
AED70:
1.5 mA max
AED100: 1.5 mA max
Power Factor
• Compliant with EN61000-3-2
Output
Output Voltage
• See tables
Initial Set Accuracy
•±2%
Minimum Load
• No minimum load requirement
Hold Up Time
• AED36: 8 ms min at 115 VAC
AED45:
8 ms min at 115 VAC
AED70:
8 ms min at 115 VAC
AED100: 20 ms typical at 115 VAC
Line Regulation
•±1%
Load Regulation
• See tables
Ripple & Noise
• 1% pk-pk max, 20 MHz BW (see note 2)
Overvoltage Protection • Typical 125% max
Overload Protection
• 120-150% hiccup/trip & restart mode
with auto recovery
Short Circuit Protection • Continuous
Temperature
• ±0.04%/˚C
Coefficient
xppower.com
General
Efficiency
• 85% typical at 230 VAC & 100% load
Isolation
• 3000 VAC Input to Output,
1500 VAC Input to Ground.
Negative output is connected to ground.
For optional 500 VAC output to ground
isolation add suffix ‘-F’ to model number
Switching Frequency
• 60 kHz ±10 kHz
MTBF
• 100,000 Hrs to MIL-HDBK-217E
Environmental
Operating Temperature • 0 ˚C to +65 ˚C
AED36, AED45 & AED70 derate
linearly from 100% load at +40 ˚C to
50% load at +55 ˚C,
AED100 derate linearly from
100% load at +40 ˚C to 0% at +65 ˚C
Storage Temperature
• -20 ˚C to +85 ˚C
EMC & Safety
Emissions
• CISPR22 Level B (EN55022)
FCC 20780 Level B
ESD Immunity
• EN61000-4-2,
8 kV air
4 kV contact
Perf Criteria A
Radiated Immunity
• EN61000-4-3, 3 V/m
Perf Criteria A
EFT/Burst
• EN61000-4-4, level 2
Perf Criteria A
Safety Approvals
• EN60950-1, UL60950-1,
CAN/CSA C22.2 No. 60950 cUL


Similar Part No. - AED70US12

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AED EMERSON-NETWORKPOWER-AED Datasheet
235Kb / 2P
   Industry standard package 16th Brick 0.90??x 1.30
logo
XP Power Limited
AED XPPOWER-AED Datasheet
111Kb / 4P
   Single Outputs from 5 V to 48 V
logo
Ohmite Mfg. Co.
AED1000RE OHMITE-AED1000RE Datasheet
43Kb / 1P
   Epoxy Molded Precision Wirewound Axial Terminals
logo
Astec America, Inc
AED12A48- ASTEC-AED12A48- Datasheet
592Kb / 20P
   Single Output 16th Brick: 60Watts
AED12A48-6 ASTEC-AED12A48-6 Datasheet
592Kb / 20P
   Single Output 16th Brick: 60Watts
More results

Similar Description - AED70US12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com