Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEH45US18 Datasheet(PDF) 3 Page - XP Power Limited

Part # AEH45US18
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AEH45US18 Datasheet(HTML) 3 Page - XP Power Limited

  AEH45US18 Datasheet HTML 1Page - XP Power Limited AEH45US18 Datasheet HTML 2Page - XP Power Limited AEH45US18 Datasheet HTML 3Page - XP Power Limited AEH45US18 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AEH80
Models and Ratings
Mechanical Details
Notes
Output
Power
Max
Output 1(1,2)
Output 2(1,2)
Output 3(1,2)
Model
Number
Voltage
Nom.
Current
Voltage
Nom.
Current
Voltage
Nom.
Current
Min
Max
Min
Max
Min
Max
50 W
3.3 V
0.0 A
15.1 A
AEH80US03
65 W
5.0 V
0.0 A
13.0 A
AEH80US05
70 W
7.0 V
0.0 A
9.9 A
AEH80US07
75 W
10.0 V
0.0 A
7.5 A
AEH80US10
80 W
12.0 V
0.0 A
6.6 A
AEH80US12
80 W
15.0 V
0.0 A
5.3 A
AEH80US15
80 W
18.0 V
0.0 A
4.4 A
AEH80US18
80 W
24.0 V
0.0 A
3.3 A
AEH80US24
80 W
30.0 V
0.0 A
2.6 A
AEH80US30
80 W
36.0 V
0.0 A
2.2 A
AEH80US36
80 W
48.0 V
0.0 A
1.6 A
AEH80US48
60 W
+5.0 V
0.7 A
7.0 A
+12.0 V
0.3 A
3.0 A
AEH80UM23
60 W
+5.0 V
1.4 A
7.0 A
+15.0 V
0.6 A
3.0 A
AEH80UM26
60 W
+5.0 V
1.4 A
7.0 A
+24.0 V
0.2 A
2.0 A
AEH80UM25
60 W
+5.0 V
1.4 A
7.0 A
-24.0 V
0.2 A
2.0 A
AEH80UM29
38 W
+3.3 V
1.4 A
7.0 A
+5.0 V
0.6 A
3.0 A
AEH80UM28
56 W
+3.3 V
0.7 A
7.0 A
+12.0 V
0.5 A
3.0 A
AEH80UM27
65 W
+5.0 V
0.6 A
6.0 A
+12.0 V
0.3 A
3.0 A
-5.0 V
0.0 A
0.8 A
AEH80UM33
65 W
+5.0 V
0.6 A
6.0 A
+12.0 V
0.3 A
3.0 A
-12.0 V
0.0 A
0.8 A
AEH80UM31
65 W
+5.0 V
0.6 A
6.0 A
+15.0 V
0.3 A
2.1 A
-15.0 V
0.0 A
0.8 A
AEH80UM32
63 W
+3.3 V
0.7 A
7.0 A
+12.0 V
0.6 A
3.0 A
-5.0 V
0.0 A
0.8 A
AEH80UM34
65 W
+3.3 V
1.4 A
7.0 A
+12.0 V
0.6 A
3.0 A
-12.0 V
0.1 A
0.8 A
AEH80UM37
65 W
+5.0 V
0.7 A
7.0 A
+24.0 V
0.2 A
2.0 A
-24.0 V
0.0 A
0.8 A
AEH80UM38
65 W
+5.0 V
0.6 A
6.0 A
+24.0 V
0.2 A
2.0 A
-12.0 V
0.0 A
0.8 A
AEH80UM39
6.61 (167.9) ±1.0
3.09 (78.5)
AC Input
IEC 320-C14 Inlet
1.75
(44.5)
DC Output
5 Pin Plug
DC Output
8 Pin Plug
Notes
1. Dimensions shown in inches (mm).
2. Tolerance 0.02 (0.5) max.
3. Output cable length is 48” (1220mm) approx.
4. Optional output connectors available. Contact sales office.
5. Weight 0.9-1.1 lb (400-500 g) approx.
6. For UK mains lead order part: UK-MAINS-IEC,
For European mains lead order part: EU-MAINS-IEC.
7. Optional ON/OFF switch. Add suffix ‘-S’.
PIN CONNECTIONS
Pin
SINGLES
DUAL
TRIPLE
03, 05 V
07-48 V
Shell
GND
GND
GND
GND
1
Common
Common
Common
Common
2
Common
Common
Output 2
Output 3
3
Output
Output
Output 1
Output 1
4
Common
Common
Output 2
Output 2
5
Output
Output
Output 1
Output 2
6
Common
Common
Common
7
Output
Output 1
Output 1
8
Output
Common
Output 3
3
1
4
2
5
DC OUTPUT
3
1
2
5
8
7
6
4
1. Factory-set non-standard outputs available in single output versions.
2. Total regulation including initial set accuracy, line and load regulation is typically 3% for output 1 and 5% for auxiliaries.


Similar Part No. - AEH45US18

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
Emerson Network Power
AEH40 EMERSON-NETWORKPOWER-AEH40 Datasheet
91Kb / 2P
   AEH40Series
logo
Astec America, Inc
AEH40F48 ASTEC-AEH40F48 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
Emerson Network Power
AEH40F48 EMERSON-NETWORKPOWER-AEH40F48 Datasheet
91Kb / 2P
   AEH40Series
logo
Astec America, Inc
AEH40F48N ASTEC-AEH40F48N Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
More results

Similar Description - AEH45US18

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com