Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN2564UMP15X Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN2564UMP15X
Description  300mA Low VIN LDO for Digital Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2564UMP15X Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN2564UMP15X Datasheet HTML 1Page - Fairchild Semiconductor FAN2564UMP15X Datasheet HTML 2Page - Fairchild Semiconductor FAN2564UMP15X Datasheet HTML 3Page - Fairchild Semiconductor FAN2564UMP15X Datasheet HTML 4Page - Fairchild Semiconductor FAN2564UMP15X Datasheet HTML 5Page - Fairchild Semiconductor FAN2564UMP15X Datasheet HTML 6Page - Fairchild Semiconductor FAN2564UMP15X Datasheet HTML 7Page - Fairchild Semiconductor FAN2564UMP15X Datasheet HTML 8Page - Fairchild Semiconductor FAN2564UMP15X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2564 • Rev. 1.0.1
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be oper-
able above the recommended operating conditions and stressing the parts to these levels is not recommended. In
addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Units
Input Voltage with Respect to GND
-0.3
4.5
V
VIN
Voltage on Any Other Pin with Respect to GND
-0.3
VIN
V
TJ
Junction Temperature
-40
+150
°C
TSTG
Storage Temperature
-65
+150
°C
TL
Lead Temperature (Soldering 10 Seconds)
+260
°C
Human Body Model per JESD22-A114
4
Charged Device Model per JESD22-C101
2
kV
ESD
Electrostatic Discharge
Protection Level
Machine Model per JESD22-A115
200
V
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Units
VCC
Supply Voltage Range
1.8
3.6
V
IOUT
Output Current
0
300
mA
CIN
Input Capacitor
1.0
µF
COUT
Output Capacitor
1.0
4.7
10.0
µF
TA
Operating Ambient Temperature
-40
+85
°C
TJ
Operating Junction Temperature
-40
+125
°C
Thermal Properties
Symbol
Parameter
Min.
Typ.
Max.
Units
WLSCP
200
°C/W
ΘJA
Junction-to-Ambient Thermal Resistance
(2)
UMLP
49
°C/W
Note:
2.
Junction-to-ambient thermal resistance is a function of application and board layout. This data is measured
with four-layer 2s2p boards in accordance to JESD51- JEDEC standard. Special attention must be paid not to
exceed junction temperature TJ(max) at a given ambient temperate TA.


Similar Part No. - FAN2564UMP15X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2564UMP15X FAIRCHILD-FAN2564UMP15X Datasheet
510Kb / 13P
   300mA Low VIN LDO for Digital Applications
More results

Similar Description - FAN2564UMP15X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2564 FAIRCHILD-FAN2564_11 Datasheet
510Kb / 13P
   300mA Low VIN LDO for Digital Applications
logo
Micrel Semiconductor
MIC69101 MICREL-MIC69101 Datasheet
261Kb / 8P
   Single Supply VIN, LOW VIN, LOW VOUT, 1A LDO
logo
Microchip Technology
MIC69301 MICROCHIP-MIC69301 Datasheet
2Mb / 26P
   Single Supply VIN, Low VIN, Low VOUT, 3A LDO
09/14/21
logo
Mitsumi Electronics, Co...
MM1899 MITSUMI-MM1899 Datasheet
383Kb / 18P
   Low noise 300mA LDO
logo
Shenzhen Huazhimei Semi...
HM6236 HMSEMI-HM6236 Datasheet
1Mb / 8P
   300mA Low Power LDO
HM73XX HMSEMI-HM73XX Datasheet
1Mb / 17P
   300mA Low Power LDO
HM73XXH HMSEMI-HM73XXH Datasheet
1Mb / 15P
   300mA Low Power LDO
HM6226 HMSEMI-HM6226 Datasheet
1Mb / 8P
   300mA Low Power LDO
HM7325 HMSEMI-HM7325 Datasheet
1Mb / 17P
   300mA Low Power LDO
logo
Micrel Semiconductor
MIC69151 MICREL-MIC69151 Datasheet
241Kb / 9P
   Single Supply VIN, Low VIN, Low VOUT, 1.5A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com