Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS40US05 Datasheet(PDF) 2 Page - XP Power Limited

Part # ACS40US05
Description  AC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ACS40US05 Datasheet(HTML) 2 Page - XP Power Limited

  ACS40US05 Datasheet HTML 1Page - XP Power Limited ACS40US05 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ACS
07-Nov-05
Models and Ratings
1. All dimensions shown in inches (mm).
2. Input connector mates with Molex housing 09-50-3031 and Molex 2878 series crimp terminal.
Output connector mates with Molex housing 90-50-3041 and Molex 2878 series crimp terminal.
3. Loom kits with 300 mm wire available. Order part number ACS40/60 LOOM KIT.
4. For mating connectors only, order part number ACS20-60 CONKIT.
5. Covers available. Order part number ACS40/60 COVER (114 x 64 x 38.5mm). To receive unit with cover fitted, add suffix ‘-C’ to model number.
(-) Vout
(+) Vout
3.70 (94.0)
1.20
(30.48)
4.00 (101.6)
N
L
0.125 (3.17)
(4 Places)
0.15
(3.8)
1.70
(43.2)
2.00
(50.8)
0.15
(3.8)
Output Power
Output
Voltage
Input Current
Efficiency
Model
Number
Nominal
Peak(1)
40 W
3.3 V
6.000 A
7.200 A
74%
ACS40US03
5.0 V
6.000 A
7.200 A
78%
ACS40US05
9.0 V
4.450 A
5.340 A
82%
ACS40US09
12.0 V
3.340 A
4.000 A
84%
ACS40US12
15.0 V
2.670 A
3.200 A
85%
ACS40US15
24.0 V
1.670 A
2.000 A
86%
ACS40US24
36.0 V
1.110 A
1.330 A
87%
ACS40US36
48.0 V
0.834 A
1.000 A
88%
ACS40US48
60 W
3.3 V
8.000 A
8.500 A
74%
ACS60US03
5.0 V
8.000 A
9.000 A
78%
ACS60US05
9.0 V
6.670 A
8.000 A
82%
ACS60US09
12.0 V
5.000 A
6.000 A
84%
ACS60US12
15.0 V
4.000 A
4.800 A
85%
ACS60US15
24.0 V
2.500 A
3.000 A
86%
ACS60US24
36.0 V
1.670 A
2.000 A
87%
ACS60US36
48.0 V
1.250 A
1.500 A
88%
ACS60US48
Notes
1. Peak load lasting <30 s with a maximum duty cycle of 10%.
Mechanical Details
Notes


Similar Part No. - ACS40US05

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS401 SEMTECH-ACS401 Datasheet
88Kb / 8P
   Acapella Optical Modem IC
logo
STMicroelectronics
ACS402-5SB4 STMICROELECTRONICS-ACS402-5SB4 Datasheet
84Kb / 6P
   QUAD AC LINE SWITCH ARRAY
logo
Semtech Corporation
ACS406CS SEMTECH-ACS406CS Datasheet
127Kb / 2P
   4 x E1/T1 Fiber Mux/De-mux over One Fiber Optic Cable
More results

Similar Description - ACS40US05

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com