Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACA-20RM-2-AC3-RL-C Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # ACA-20RM-2-AC3-RL-C
Description  True-RMS-AC Ammeters with Built-in CT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ACA-20RM-2-AC3-RL-C Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  ACA-20RM-2-AC3-RL-C Datasheet HTML 1Page - Murata Power Solutions Inc. ACA-20RM-2-AC3-RL-C Datasheet HTML 2Page - Murata Power Solutions Inc. ACA-20RM-2-AC3-RL-C Datasheet HTML 3Page - Murata Power Solutions Inc. ACA-20RM-2-AC3-RL-C Datasheet HTML 4Page - Murata Power Solutions Inc. ACA-20RM-2-AC3-RL-C Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MPM_ACA-20RM_B02 Page 5 of 5
ACA-20RM Series
True-RMS-AC Ammeters with Built-in CT
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany:
München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Singapore:
Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 and 14001 REGISTERED
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
12/23/08
MECHANICAL SPECIFICATIONS
MECHANICAL DIMENSIONS: Inches (mm)
TOLERANCES:
2 PL DEC ±0.02 (±0.51)
3 PL DEC ±0.010 (±0.254)
2.100
(53.34)
1.400
(35.56)
0.250
(6.35)
1.024
(26.01)
0.551
(14.00)
0.984
(24.99)
1.575
(40.00)
0.480
(12.19)
0.40
(10.2)
Diameter
Lead Length
5.0 (127.0) min.
2.100
(53.34)
1.400
(35.56)
0.250
(6.35)
0.480
(12.19)
0.35
(8.9)
Diameter
Lead Length
2.0 (50.5) min.
TB1
L1
CAL
2.100
(53.34)
1.750
(44.45)
0.250
(6.35)
1.00 (2.54)
For 2A and 20A
Models
0.26 (6.6)
Diameter


Similar Part No. - ACA-20RM-2-AC3-RL-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ACA-20RM-4-AC3-RL-ALM-C MURATA-PS-ACA-20RM-4-AC3-RL-ALM-C Datasheet
546Kb / 5P
   True-rms-AC Ammeters with Alarm Function
ACA-20RM-4-AC3-RL-ALM-C MURATA-PS-ACA-20RM-4-AC3-RL-ALM-C Datasheet
531Kb / 5P
   True-rms-AC Ammeters with Alarm Function
ACA-20RM-4-AC4-RL-ALM-C MURATA-PS-ACA-20RM-4-AC4-RL-ALM-C Datasheet
546Kb / 5P
   True-rms-AC Ammeters with Alarm Function
ACA-20RM-4-AC4-RL-ALM-C MURATA-PS-ACA-20RM-4-AC4-RL-ALM-C Datasheet
531Kb / 5P
   True-rms-AC Ammeters with Alarm Function
ACA-20RM-5-AC3-RL-ALM-C MURATA-PS-ACA-20RM-5-AC3-RL-ALM-C Datasheet
546Kb / 5P
   True-rms-AC Ammeters with Alarm Function
More results

Similar Description - ACA-20RM-2-AC3-RL-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ACA5-20RM MURATA-PS-ACA5-20RM Datasheet
389Kb / 5P
   True-rms-AC Ammeters with 5A CT Inputs
ACA-20RM-ALM MURATA-PS-ACA-20RM-ALM Datasheet
546Kb / 5P
   True-rms-AC Ammeters with Alarm Function
ACA-20RM-ALM MURATA-PS-ACA-20RM-ALM_10 Datasheet
531Kb / 5P
   True-rms-AC Ammeters with Alarm Function
ACA-20PC MURATA-PS-ACA-20PC Datasheet
1Mb / 6P
   Digital, LED-Display AC Ammeters with Built-in Current Transformers
logo
Murata Manufacturing Co...
ACA-20PC-2-AC1-RL-C MURATA-ACA-20PC-2-AC1-RL-C Datasheet
449Kb / 6P
   Digital, LED-Display AC Ammeters with Built-in Current Transformers
logo
Murata Power Solutions ...
DMS-20RM MURATA-PS-DMS-20RM Datasheet
190Kb / 4P
   True-rms ac Voltmeters with Isolated Inputs
logo
Extech Instruments Corp...
EX612 EXTECH-EX612 Datasheet
385Kb / 14P
   400Amp True RMS AC Clamp Meter
logo
List of Unclassifed Man...
AM-530 ETC2-AM-530 Datasheet
621Kb / 2P
   True-rms Electrical True-rms Contractor Multimeter
logo
Extech Instruments Corp...
382035 EXTECH-382035 Datasheet
327Kb / 1P
   50A & 100A True RMS AC Harmonics/
382400 EXTECH-382400_15 Datasheet
238Kb / 1P
   Flexible True RMS AC Current Clamp
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com